Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CR562 Datasheet(PDF) 3 Page - Texas Instruments

Part # DS90CR562
Description  18-Bit Color Flat Panel Display (FPD) Link
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CR562 Datasheet(HTML) 3 Page - Texas Instruments

  DS90CR562 Datasheet HTML 1Page - Texas Instruments DS90CR562 Datasheet HTML 2Page - Texas Instruments DS90CR562 Datasheet HTML 3Page - Texas Instruments DS90CR562 Datasheet HTML 4Page - Texas Instruments DS90CR562 Datasheet HTML 5Page - Texas Instruments DS90CR562 Datasheet HTML 6Page - Texas Instruments DS90CR562 Datasheet HTML 7Page - Texas Instruments DS90CR562 Datasheet HTML 8Page - Texas Instruments DS90CR562 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
OBSOLETE
DS90CR561, DS90CR562
www.ti.com
SNOS766B – JULY 1997 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2) (3)
Value
Unit
Supply Voltage (VCC)
−0.3 to +6
V
CMOS/TTL Input Voltage
−0.3 to (VCC + 0.3)
V
CMOS/TTL Ouput Voltage
−0.3 to (VCC + 0.3)
V
LVDS Receiver Input Voltage
−0.3 to (VCC + 0.3)
V
LVDS Receiver Input Voltage
−0.3 to (VCC + 0.3)
V
LVDS Output Short Circuit Duration
continuous
Junction Temperature
+150
°C
Storage Temperature Range
−65 to +150
°C
Lead Temperature (Soldering, 4 sec.)
+260
°C
Maximum Power Dissipation @ +25°C
DGG0048A (TSSOP) Package:
DS90CR561
1.98
W
DS90CR562
1.89
W
Package Derating:
DS90CR561
16 mW/°C above +25°C
DS90CR562
15 mW/°C above +25°C
This device does not meet 2000V ESD rating (4)
(1)
“Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be ensured. They are not meant to imply
that the device should be operated at these limits. “Electrical Characteristics” specify conditions for device operation.
(2)
Current into device pins is defined as positive. Current out of device pins is defined as negative. Voltages are referenced to ground
unless otherwise specified (except VOD and ΔVOD).
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(4)
ESD Rating: HBM (1.5 k
Ω, 100 pF)
PLL V CC ≥ 1000V
All other pins
≥ 2000V
EIAJ (0
Ω, 200 pF) ≥ 150V
Recommended Operating Conditions
Min
Nom
Max
Units
Supply Voltage (VCC)
4.5
5.0
5.5
V
Operating Free Air Temperature (TA)
−10
+25
+70
°C
Receiver Input Range
0
2.4
V
Supply Noise Voltage (VCC)
100
mVP-P
Electrical Characteristics
(1)
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ(
Max
Units
1)
CMOS/TTL DC SPECIFICATIONS
VIH
High Level Input Voltage
2.0
VCC
V
VIL
Low Level Input Voltage
GND
0.8
V
VOH
High Level Output Voltage
IOH = −0.4 mA
3.8
4.9
V
VOL
Low Level Output Voltage
IOL = 2 mA
0.1
0.3
V
VCL
Input Clamp Voltage
ICL = −18 mA
−0.7
−1.5
V
9
IIN
Input Current
VIN = VCC, GND, 2.5V or 0.4V
±5.1
±10
μA
IOS
Output Short Circuit Current
VOUT = 0V
−120
mA
(1)
Typical values are given for VCC = 5.0V and TA = +25°C.
Copyright © 1997–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS90CR561 DS90CR562


Similar Part No. - DS90CR562

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR562MTD NSC-DS90CR562MTD Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
More results

Similar Description - DS90CR562

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CF561 NSC-DS90CF561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
DS90CR561 NSC-DS90CR561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
DS90CR563 NSC-DS90CR563 Datasheet
287Kb / 12P
   LVDS 18-Bit Color Flat Panel Display FPD Link??65 MHz
logo
Texas Instruments
DS90CR563 TI1-DS90CR563_11 Datasheet
332Kb / 14P
[Old version datasheet]   LVDS 18-Bit Color Flat Panel Display (FPD) Link- 65 MHz
logo
National Semiconductor ...
DS90CF563 NSC-DS90CF563 Datasheet
287Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link??65 MHz
logo
Texas Instruments
DS90CF563 TI1-DS90CF563_13 Datasheet
1Mb / 17P
[Old version datasheet]   LVDS 18-Bit Color Flat Panel Display (FPD) Link - 65 MHz
logo
National Semiconductor ...
DS90CF582 NSC-DS90CF582 Datasheet
223Kb / 12P
   LVDS 24-Bit Color Flat Panel Display (FPD) Link
DS90CR581 NSC-DS90CR581 Datasheet
203Kb / 10P
   LVDS Transmitter 24-Bit Color Flat Panel Display (FPD) Link
DS90CF581 NSC-DS90CF581 Datasheet
203Kb / 10P
   LVDS Transmitter 24-Bit Color Flat Panel Display (FPD) Link
DS90CF583 NSC-DS90CF583 Datasheet
274Kb / 12P
   LVDS 24-Bit Color Flat Panel Display (FPD) Link??65 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com