Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CR483VJD Datasheet(PDF) 6 Page - Texas Instruments

Part # DS90CR483VJD
Description  48-Bit LVDS Channel Link SER/DES - 33 - 112 MHz
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CR483VJD Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS90CR483VJD Datasheet HTML 2Page - Texas Instruments DS90CR483VJD Datasheet HTML 3Page - Texas Instruments DS90CR483VJD Datasheet HTML 4Page - Texas Instruments DS90CR483VJD Datasheet HTML 5Page - Texas Instruments DS90CR483VJD Datasheet HTML 6Page - Texas Instruments DS90CR483VJD Datasheet HTML 7Page - Texas Instruments DS90CR483VJD Datasheet HTML 8Page - Texas Instruments DS90CR483VJD Datasheet HTML 9Page - Texas Instruments DS90CR483VJD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
DS90CR483, DS90CR484
SNLS047H – FEBRUARY 2000 – REVISED APRIL 2013
www.ti.com
Transmitter Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Units
LLHT
LVDS Low-to-High Transition Time (Figure 2), PRE =
0.14
0.7
ns
0.75V (disabled)
LVDS Low-to-High Transition Time (Figure 2), PRE = Vcc
0.11
0.6
ns
(max)
LHLT
LVDS High-to-Low Transition Time (Figure 2), PRE =
0.16
0.8
ns
0.75V (disabled)
LVDS High-to-Low Transition Time (Figure 2), PRE = Vcc
0.11
0.7
ns
(max)
TBIT
Transmitter Bit Width
1/7 TCIP
ns
TPPOS
f = 33 to 70 MHz
−250
0
+250
ps
Transmitter Pulse Positions -
Normalized
f = 70 to 112 MHz
−200
0
+200
ps
TJCC
Transmitter Jitter - Cycle-to-Cycle(1)
50
100
ps
TCCS
TxOUT Channel to Channel Skew
40
ps
TSTC
TxIN Setup to TxCLK IN, (Figure 5)
2.5
ns
THTC
TxIN Hold to TxCLK IN, (Figure 5)
0
ns
TPDL
Transmitter Propagation Delay - Latency, (Figure 7)
1.5(TCIP)+3.72
1.5(TCIP)+4.4
1.5(TCIP)+6.24
ns
TPLLS
Transmitter Phase Lock Loop Set, (Figure 9)
10
ms
TPDD
Transmitter Powerdown Delay, (Figure 11)
100
ns
(1)
TJCC is a function of input clock quality and also PLLVCC noise. At 112MHz operation, with a +/
−300ps input impulse at a 2us rate,
TJCC has been measured to be in the 70-80ps range (<100ps). With a nominal input clock quality (no input impulse jitter, jitter <
500kHz), TJCC is typically 50ps or less. For RSKM/RSKMD calculations 100ps is typically used as the TJCC budget. See Clock Jitter
discussion in the APPLICATIONS INFORMATION section of this datasheet for further information.
Receiver Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Units
CLHT
CMOS/TTL Low-to-High Transition Time (Figure 3), Rx
2.0
ns
data out
CMOS/TTL Low-to-High Transition Time (Figure 3), Rx
1.0
ns
clock out
CHLT
CMOS/TTL High-to-Low Transition Time (Figure 3), Rx
2.0
ns
data out
CMOS/TTL High-to-Low Transition Time (Figure 3), Rx
1.0
ns
clock out
RCOP
RxCLK OUT Period, (Figure 6)
8.928
T
30.3
ns
RCOH
f = 112 MHz
3.5
ns
RxCLK OUT High Time, (Figure 6)(1)
f = 66 MHz
6.0
ns
RCOL
f = 112 MHz
3.5
ns
RxCLK OUT Low Time, (Figure 6)(1)
f = 66 MHz
6.0
ns
RSRC
f = 112 MHz
2.4
ns
RxOUT Setup to RxCLK OUT
(Figure 6)(1)
f = 66 MHz
3.6
ns
RHRC
f = 112 MHz
3.4
ns
RxOUT Hold to RxCLK OUT
(Figure 6)(1)
f = 66 MHz
7.0
ns
RPDL
Receiver Propagation Delay - Latency, (Figure 8)
3(TCIP)+4.0
3(TCIP)+4.8
3(TCIP)+6.5
ns
RPLLS
Receiver Phase Lock Loop Set, (Figure 10)
10
ms
RPDD
Receiver Powerdown Delay, (Figure 12)
1
µs
(1)
The Minimum and Maximum Limits are based on statistical analysis of the device performance over voltage and temperature ranges.
This parameter is functionally tested on Automatic Test Equipment (ATE). ATE is limited to 85MHz. A sample of characterization parts
have been bench tested to verify functional performance.
6
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: DS90CR483 DS90CR484


Similar Part No. - DS90CR483VJD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR483VJD NSC-DS90CR483VJD Datasheet
348Kb / 17P
   48-Bit LVDS Channel Link Serializer/Deserializer
DS90CR483VJD NSC-DS90CR483VJD Datasheet
489Kb / 22P
   48-Bit LVDS Channel Link SER/DES - 33 - 112 MHz
More results

Similar Description - DS90CR483VJD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR483 NSC-DS90CR483_04 Datasheet
489Kb / 22P
   48-Bit LVDS Channel Link SER/DES - 33 - 112 MHz
logo
Texas Instruments
DS90CR483A TI1-DS90CR483A_15 Datasheet
1Mb / 27P
[Old version datasheet]   48-Bit LVDS Channel Link SER/DES - 33 - 112 MHz
DS90CR483A TI1-DS90CR483A Datasheet
402Kb / 26P
[Old version datasheet]   DS90CR483A/DS90CR484A 48-Bit LVDS Channel Link SER/DES 33-112 MHz
DS90CR481 TI1-DS90CR481_15 Datasheet
1Mb / 25P
[Old version datasheet]   48-Bit LVDS Channel Link SER/DES ??65 - 112 MHz
logo
National Semiconductor ...
DS90CR481 NSC-DS90CR481_06 Datasheet
899Kb / 21P
   48-Bit LVDS Channel Link SER/DES − 65 - 112 MHz
DS90CR481 NSC-DS90CR481 Datasheet
904Kb / 21P
   48-Bit LVDS Channel Link SER/DES − 65 - 112 MHz
logo
Texas Instruments
DS90UB913Q TI1-DS90UB913Q Datasheet
182Kb / 5P
[Old version datasheet]   10-100MHz 10/12-Bit FPD-Link III SER/DES
logo
National Semiconductor ...
DS92LV3241 NSC-DS92LV3241_10 Datasheet
171Kb / 6P
   Improving the Robustness of Channel Link Designs with Channel Link II Ser/Des
DS90CR483 NSC-DS90CR483 Datasheet
348Kb / 17P
   48-Bit LVDS Channel Link Serializer/Deserializer
DS90CR216A NSC-DS90CR216A_04 Datasheet
312Kb / 13P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com