Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CR483VJD Datasheet(PDF) 4 Page - Texas Instruments

Part # DS90CR483VJD
Description  48-Bit LVDS Channel Link SER/DES - 33 - 112 MHz
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CR483VJD Datasheet(HTML) 4 Page - Texas Instruments

  DS90CR483VJD Datasheet HTML 1Page - Texas Instruments DS90CR483VJD Datasheet HTML 2Page - Texas Instruments DS90CR483VJD Datasheet HTML 3Page - Texas Instruments DS90CR483VJD Datasheet HTML 4Page - Texas Instruments DS90CR483VJD Datasheet HTML 5Page - Texas Instruments DS90CR483VJD Datasheet HTML 6Page - Texas Instruments DS90CR483VJD Datasheet HTML 7Page - Texas Instruments DS90CR483VJD Datasheet HTML 8Page - Texas Instruments DS90CR483VJD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
DS90CR483, DS90CR484
SNLS047H – FEBRUARY 2000 – REVISED APRIL 2013
www.ti.com
Recommended Operating Conditions (continued)
Min
Nom
Max
Units
Input Clock (TX)
33
112
MHz
Electrical Characteristics
(1) (2)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS/TTL DC SPECIFICATIONS
VIH
High Level Input Voltage
2.0
V
VIL
Low Level Input Voltage
GND
0.8
V
VOH
IOH = −0.4 mA
2.7
3.3
V
High Level Output Voltage
IOH = −2mA
2.7
2.85
V
VOL
Low Level Output Voltage
IOL = 2 mA
0.1
0.3
V
VCL
Input Clamp Voltage
ICL = −18 mA
−0.79
−1.5
V
IIN
VIN = 0.4V, 2.5V or VCC
+1.8
+15
µA
Input Current
VIN = GND
−15
0
µA
IOS
Output Short Circuit Current
VOUT = 0V
−120
mA
LVDS DRIVER DC SPECIFICATIONS
|VOD|
Differential Output Voltage
250
345
450
mV
ΔVOD
Change in VOD between
35
mV
Complimentary Output States
RL = 100Ω
VOS
Offset Voltage
1.125
1.25
1.375
V
ΔVOS
Change in VOS between
35
mV
Complimentary Output States
IOS
Output Short Circuit Current
VOUT = 0V, RL = 100Ω
−3.5
−5
mA
IOZ
Output TRI-STATE Current
PD = 0V, VOUT = 0V or VCC
±1
±10
µA
LVDS RECEIVER DC SPECIFICATIONS
VTH
Differential Input High
+100
mV
Threshold
VCM = +1.2V
VTL
Differential Input Low
−100
mV
Threshold
IIN
Input Current
VIN = +2.4V, VCC = 3.6V
±10
µA
VIN = 0V, VCC = 3.6V
±10
µA
TRANSMITTER SUPPLY CURRENT
ICCTW
Transmitter Supply Current
RL = 100Ω, CL = 5 pF,
f = 33 MHz
91.4
140
mA
Worst Case
BAL = High,
f = 66 MHz
106
160
mA
Worst Case Pattern
f = 112 MHz
155
210
mA
(Figure 1 Figure 2)
ICCTZ
Transmitter Supply Current
PD = Low
5
50
µA
Power Down
Driver Outputs in TRI-STATE during power down Mode
RECEIVER SUPPLY CURRENT
ICCRW
f = 33 MHz
125
150
mA
CL = 8 pF, BAL = High,
Receiver Supply Current
Worst Case Pattern
f = 66 MHz
200
210
mA
Worst Case
(Figure 1 Figure 3)
f = 112 MHz
250
280
mA
ICCRZ
Receiver Supply Current
PD = Low
20
100
µA
Power Down
Receiver Outputs stay low during power down mode.
(1)
Typical values are given for VCC = 3.3V and T A = +25°C.
(2)
Current into device pins is defined as positive. Current out of device pins is defined as negative. Voltages are referenced to ground
unless otherwise specified (except VTH, VTL, VOD and ΔVOD).
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: DS90CR483 DS90CR484


Similar Part No. - DS90CR483VJD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR483VJD NSC-DS90CR483VJD Datasheet
348Kb / 17P
   48-Bit LVDS Channel Link Serializer/Deserializer
DS90CR483VJD NSC-DS90CR483VJD Datasheet
489Kb / 22P
   48-Bit LVDS Channel Link SER/DES - 33 - 112 MHz
More results

Similar Description - DS90CR483VJD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR483 NSC-DS90CR483_04 Datasheet
489Kb / 22P
   48-Bit LVDS Channel Link SER/DES - 33 - 112 MHz
logo
Texas Instruments
DS90CR483A TI1-DS90CR483A_15 Datasheet
1Mb / 27P
[Old version datasheet]   48-Bit LVDS Channel Link SER/DES - 33 - 112 MHz
DS90CR483A TI1-DS90CR483A Datasheet
402Kb / 26P
[Old version datasheet]   DS90CR483A/DS90CR484A 48-Bit LVDS Channel Link SER/DES 33-112 MHz
DS90CR481 TI1-DS90CR481_15 Datasheet
1Mb / 25P
[Old version datasheet]   48-Bit LVDS Channel Link SER/DES ??65 - 112 MHz
logo
National Semiconductor ...
DS90CR481 NSC-DS90CR481_06 Datasheet
899Kb / 21P
   48-Bit LVDS Channel Link SER/DES − 65 - 112 MHz
DS90CR481 NSC-DS90CR481 Datasheet
904Kb / 21P
   48-Bit LVDS Channel Link SER/DES − 65 - 112 MHz
logo
Texas Instruments
DS90UB913Q TI1-DS90UB913Q Datasheet
182Kb / 5P
[Old version datasheet]   10-100MHz 10/12-Bit FPD-Link III SER/DES
logo
National Semiconductor ...
DS92LV3241 NSC-DS92LV3241_10 Datasheet
171Kb / 6P
   Improving the Robustness of Channel Link Designs with Channel Link II Ser/Des
DS90CR483 NSC-DS90CR483 Datasheet
348Kb / 17P
   48-Bit LVDS Channel Link Serializer/Deserializer
DS90CR216A NSC-DS90CR216A_04 Datasheet
312Kb / 13P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com