Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CR216MTD Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DS90CR216MTD
Description  3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CR216MTD Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS90CR216MTD Datasheet HTML 3Page - Texas Instruments DS90CR216MTD Datasheet HTML 4Page - Texas Instruments DS90CR216MTD Datasheet HTML 5Page - Texas Instruments DS90CR216MTD Datasheet HTML 6Page - Texas Instruments DS90CR216MTD Datasheet HTML 7Page - Texas Instruments DS90CR216MTD Datasheet HTML 8Page - Texas Instruments DS90CR216MTD Datasheet HTML 9Page - Texas Instruments DS90CR216MTD Datasheet HTML 10Page - Texas Instruments DS90CR216MTD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
DS90CR215, DS90CR216
www.ti.com
SNLS129D – MARCH 1999 – REVISED APRIL 2013
Figure 7. DS90CR216 (Receiver) CMOS/TTL Output Load and Transition Times
Figure 8. D590CR215 (Transmitter) Input Clock Transition Time
A.
Measurements at VDIFF = 0V
B.
TCCS measured between earliest and latest LVDS edges
C.
TxCLK Differential Low
→High Edge
Figure 9. D590CR215 (Transmitter) Channel-to-Channel Skew
Figure 10. D590CR215 (Transmitter) Setup/Hold and High/Low Times
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS90CR215 DS90CR216


Similar Part No. - DS90CR216MTD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR216MTD NSC-DS90CR216MTD Datasheet
739Kb / 17P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
logo
Texas Instruments
DS90CR216MTD TI1-DS90CR216MTD Datasheet
1Mb / 23P
[Old version datasheet]   DS90CR215/DS90CR216 3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
DS90CR216MTD/NOPB TI1-DS90CR216MTD/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   DS90CR215/DS90CR216 3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
DS90CR216MTDX TI1-DS90CR216MTDX Datasheet
1Mb / 23P
[Old version datasheet]   DS90CR215/DS90CR216 3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
DS90CR216MTDX/NOPB TI1-DS90CR216MTDX/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   DS90CR215/DS90CR216 3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
More results

Similar Description - DS90CR216MTD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR215 NSC-DS90CR215 Datasheet
739Kb / 17P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
DS90CR215 NSC-DS90CR215_09 Datasheet
450Kb / 18P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link-66 MHz
DS90CR216A NSC-DS90CR216A_04 Datasheet
312Kb / 13P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
DS90CR286A NSC-DS90CR286A_09 Datasheet
378Kb / 14P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
logo
Texas Instruments
DS90CR216MTDX TI1-DS90CR216MTDX Datasheet
1Mb / 23P
[Old version datasheet]   DS90CR215/DS90CR216 3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
logo
National Semiconductor ...
DS90CR285 NSC-DS90CR285 Datasheet
378Kb / 17P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-66 MHz
DS90CR218A NSC-DS90CR218A Datasheet
282Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
DS90CR217 NSC-DS90CR217 Datasheet
281Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 75 MHz
DS90CR217 NSC-DS90CR217_06 Datasheet
623Kb / 12P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
logo
Texas Instruments
DS90CR217 TI1-DS90CR217_13 Datasheet
948Kb / 18P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com