Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CR218A Datasheet(PDF) 1 Page - Texas Instruments

Part # DS90CR218A
Description  3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 12 MHz to 85 MHz
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CR218A Datasheet(HTML) 1 Page - Texas Instruments

  DS90CR218A_14 Datasheet HTML 1Page - Texas Instruments DS90CR218A_14 Datasheet HTML 2Page - Texas Instruments DS90CR218A_14 Datasheet HTML 3Page - Texas Instruments DS90CR218A_14 Datasheet HTML 4Page - Texas Instruments DS90CR218A_14 Datasheet HTML 5Page - Texas Instruments DS90CR218A_14 Datasheet HTML 6Page - Texas Instruments DS90CR218A_14 Datasheet HTML 7Page - Texas Instruments DS90CR218A_14 Datasheet HTML 8Page - Texas Instruments DS90CR218A_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DS90CR218A
www.ti.com
SNLS054D – NOVEMBER 1999 – REVISED APRIL 2013
DS90CR218A +3.3V Rising Edge Data Strobe LVDS
21-Bit Channel Link - 12 MHz to 85 MHz
Check for Samples: DS90CR218A
1
FEATURES
DESCRIPTION
12 to 85 MHz Shift Clock Support
The DS90CR218A receiver deserializes three input
50% Duty Cycle on Receiver Output Clock
LVDS data streams into 21 bits of CMOS/TTL output
Low Power Consumption
data. When operating at the maximum input clock
rate of 85 Mhz, the LVDS data is received at 595
±1V Common-mode Range (Around +1.2V)
Mbps per data channel for a total data throughput of
Narrow Bus Reduces Cable Size and Cost
1.785 Gbit/sec (233 Mbytes/sec).
Up to 1.785 Gbps Throughput
The
narrow
bus
and
LVDS
signalling
of
the
Up to 223 Mbytes/sec Bandwidth
DS90CR218A is an ideal means to solve EMI and
345 mV (typ) Swing LVDS Devices for Low EMI
cable size problems associated with wide, high-speed
TTL interfaces.
PLL Requires No External Components
Rising Edge Data Strobe
Compatible with TIA/EIA-644 LVDS Standard
Low Profile 48-Lead TSSOP Package
Block Diagram
Figure 1. DS90CR218A Top View
See Package Number DGG-48 (TSSOP)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS90CR218A_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR218AMTD NSC-DS90CR218AMTD Datasheet
282Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
DS90CR218AMTD NSC-DS90CR218AMTD Datasheet
614Kb / 11P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 12 MHz to 85 MHz
DS90CR218A NSC-DS90CR218A_06 Datasheet
614Kb / 11P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 12 MHz to 85 MHz
More results

Similar Description - DS90CR218A_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR218A NSC-DS90CR218A_06 Datasheet
614Kb / 11P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 12 MHz to 85 MHz
DS90CR218A NSC-DS90CR218A Datasheet
282Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
DS90CR217 NSC-DS90CR217_06 Datasheet
623Kb / 12P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
logo
Texas Instruments
DS90CR217 TI1-DS90CR217_13 Datasheet
948Kb / 18P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
logo
National Semiconductor ...
DS90CR287 NSC-DS90CR287 Datasheet
308Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-85 MHZ
DS90CR287 NSC-DS90CR287_04 Datasheet
362Kb / 16P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-85 MHz
DS90CR215 NSC-DS90CR215 Datasheet
739Kb / 17P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
DS90CR217 NSC-DS90CR217 Datasheet
281Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 75 MHz
DS90CR215 NSC-DS90CR215_09 Datasheet
450Kb / 18P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link-66 MHz
logo
Texas Instruments
DS90CR215 TI1-DS90CR215_15 Datasheet
1Mb / 23P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com