Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8837CDSGR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8837CDSGR
Description  1-A Low-Voltage H-Bridge Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8837CDSGR Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV8837CDSGR Datasheet HTML 5Page - Texas Instruments DRV8837CDSGR Datasheet HTML 6Page - Texas Instruments DRV8837CDSGR Datasheet HTML 7Page - Texas Instruments DRV8837CDSGR Datasheet HTML 8Page - Texas Instruments DRV8837CDSGR Datasheet HTML 9Page - Texas Instruments DRV8837CDSGR Datasheet HTML 10Page - Texas Instruments DRV8837CDSGR Datasheet HTML 11Page - Texas Instruments DRV8837CDSGR Datasheet HTML 12Page - Texas Instruments DRV8837CDSGR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
DRV8837C
www.ti.com
SLVSD61A – JULY 2016 – REVISED JULY 2016
Product Folder Links: DRV8837C
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Bridge Control
The DRV8837C device is controlled using a PWM input interface, also called an IN/IN interface. Each output is
controlled by a corresponding input pin.
Table 1 shows the logic for the DRV8837C device.
Table 1. DRV8837C Device Logic
nSLEEP
IN1
IN2
OUT1
OUT2
FUNCTION (DC MOTOR)
0
X
X
Z
Z
Coast
1
0
0
Z
Z
Coast
1
0
1
L
H
Reverse
1
1
0
H
L
Forward
1
1
1
L
L
Brake
7.3.2 Sleep Mode
If the nSLEEP pin is brought to a logic-low state, the DRV8837C device enters a low-power sleep mode. In this
state, all unnecessary internal circuitry is powered down.
7.3.3 Power Supplies and Input Pins
The input pins can be driven within the recommended operating conditions with or without the VCC, VM, or both
power supplies present. No leakage current path exists to the supply. Each input pin has a weak pulldown
resistor (approximately 100 kΩ) to ground.
The VCC and VM supplies can be applied and removed in any order. When the VCC supply is removed, the
device enters a low-power state and draws very little current from the VM supply. The VCC and VM pins can be
connected together if the supply voltage is between 1.8 and 7 V.
The VM voltage supply does not have any undervoltage-lockout protection (UVLO). As long as VCC > 1.8 V, the
internal device logic remains active which means that the VM pin voltage can drop to 0 V, however, the load may
not be sufficiently driven at low VM voltages.
7.3.4 Protection Circuits
The DRV8837C is fully protected against VCC undervoltage, overcurrent, and overtemperature events.
VCC undervoltage lockout If at any time the voltage on the VCC pin falls below the undervoltage lockout
threshold voltage, all FETs in the H-bridge are disabled. Operation resumes when the VCC pin
voltage rises above the UVLO threshold.
Overcurrent protection (OCP) An analog current-limit circuit on each FET limits the current through the FET by
removing the gate drive. If this analog current limit persists for longer than tDEG, all FETs in the H-
bridge are disabled. Operation resumes automatically after tRETRY has elapsed. Overcurrent
conditions are detected on both the high-side and low-side devices. A short to the VM pin, GND, or
from the OUT1 pin to theOUT2 pin results in an overcurrent condition.
Thermal shutdown (TSD) If the die temperature exceeds safe limits, all FETs in the H-bridge are disabled. After
the die temperature falls to a safe level, operation automatically resumes.
Table 2. Fault Behavior
FAULT
CONDITION
H-BRIDGE
RECOVERY
VCC undervoltage (UVLO)
VCC < 1.7 V
Disabled
VCC > 1.8 V
Overcurrent (OCP)
IOUT > 1.2 A (MIN)
Disabled (retries
automatically)
tRETRY elapses
Thermal Shutdown (TSD)
TJ > 150°C (MIN)
Disabled (retries
automatically)
TJ < 150°C


Similar Part No. - DRV8837CDSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8837C TI-DRV8837C Datasheet
3Mb / 56P
[Old version datasheet]   DRV8213 4-A Brushed DC Motor Driver with Integrated Current Sense, Current Regulation and Stall Detection
AUGUST 2023
DRV8837C TI1-DRV8837C Datasheet
3Mb / 61P
[Old version datasheet]   DRV8213 4-A Brushed DC Motor Driver with Integrated Current Sense, Current Regulation and Stall Detection
AUGUST 2023
More results

Similar Description - DRV8837CDSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8837 TI1-DRV8837_14 Datasheet
964Kb / 26P
[Old version datasheet]   Low-Voltage H-Bridge Driver
DRV8837 TI1-DRV8837_15 Datasheet
958Kb / 24P
[Old version datasheet]   Low-Voltage H-Bridge Driver
logo
Unisonic Technologies
MD8837 UTC-MD8837 Datasheet
153Kb / 7P
   LOW-VOLTAGE H-BRIDGE DRIVER
PA3138 UTC-PA3138 Datasheet
153Kb / 7P
   LOW-VOLTAGE H-BRIDGE DRIVER
logo
Texas Instruments
DRV8839 TI-DRV8839 Datasheet
846Kb / 17P
[Old version datasheet]   LOW VOLTAGE DUAL 1/2-H-BRIDGE DRIVER IC
logo
Toshiba Semiconductor
TD62M2701F TOSHIBA-TD62M2701F Datasheet
201Kb / 4P
   LOW SATURATION VOLTAGE H-BRIDGE DRIVER
TD62M2702F TOSHIBA-TD62M2702F Datasheet
206Kb / 4P
   LOW SATURATION VOLTAGE H-BRIDGE DRIVER
logo
Shenzhen Huazhimei Semi...
HM116 HMSEMI-HM116 Datasheet
855Kb / 6P
   Low voltage H-bridge driver chip
logo
Texas Instruments
DRV8313 TI1-DRV8313_15 Datasheet
1Mb / 37P
[Old version datasheet]   2.5-A Triple 1/2-H Bridge Driver
logo
Vishay Siliconix
SIP2100 VISHAY-SIP2100 Datasheet
172Kb / 7P
   5 V, 1 A H-Bridge Motor Driver
Rev. B, 10-Dec-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com