Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1253 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1253
Description  24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1253 Datasheet(HTML) 5 Page - Texas Instruments

  ADS1253 Datasheet HTML 1Page - Texas Instruments ADS1253 Datasheet HTML 2Page - Texas Instruments ADS1253 Datasheet HTML 3Page - Texas Instruments ADS1253 Datasheet HTML 4Page - Texas Instruments ADS1253 Datasheet HTML 5Page - Texas Instruments ADS1253 Datasheet HTML 6Page - Texas Instruments ADS1253 Datasheet HTML 7Page - Texas Instruments ADS1253 Datasheet HTML 8Page - Texas Instruments ADS1253 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADS1253
5
SBAS199
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VDD = +5V, CLK = 8MHz, and VREF = 4.096, unless otherwise specified.
2.0
1.8
1.6
1.4
1.2
1.0
–5
–4
–3
–2
–1
0
1
2
3
4
5
Input Voltage (V)
RMS NOISE vs INPUT VOLTAGE (V
REF = 5.0V)
5
4
3
2
1
0
INTEGRAL NON-LINEARITY vs TEMPERATURE
Temperature (
°C)
–40
–20
0
20
40
60
80
100
570
560
550
540
530
520
510
500
GAIN ERROR vs TEMPERATURE
Temperature (
°C)
–40
–20
0
20
40
60
80
100
0
–20
–40
–60
–80
–100
–120
PSRR vs CLK FREQUENCY
Clock Frequency (MHz)
0
246
8
OFFSET vs TEMPERATURE
20
18
16
14
12
10
8
6
4
2
0
–40
–20
0
20
40
60
80
100
Temperature (
°C)
5
4
3
2
1
0
INTEGRAL NON-LINEARITY vs DATA OUTPUT RATE
Data Output Rate (Hz)
100
1k
10k
100k


Similar Part No. - ADS1253

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1253 TI-ADS1253 Datasheet
885Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1253 TI1-ADS1253 Datasheet
731Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1253E TI1-ADS1253E Datasheet
731Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1253EG4 TI1-ADS1253EG4 Datasheet
731Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1253 TI1-ADS1253_14 Datasheet
731Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1253

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1254 BURR-BROWN-ADS1254 Datasheet
281Kb / 15P
   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1251 TI1-ADS1251_15 Datasheet
903Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251UG4 TI-ADS1251UG4 Datasheet
885Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1254 TI1-ADS1254_14 Datasheet
719Kb / 24P
[Old version datasheet]   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
ADS1251 TI1-ADS1251_14 Datasheet
901Kb / 24P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251 TI-ADS1251 Datasheet
323Kb / 17P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1253 TI1-ADS1253_14 Datasheet
731Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1245 TI1-ADS1245_14 Datasheet
829Kb / 23P
[Old version datasheet]   Low-Power, 24-Bit Analog-to-Digital Converter`
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com