Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ADR01BR Datasheet(PDF) 14 Page - Analog Devices

Part No. ADR01BR
Description  Ultracompact Precision10 V/5 V/2.5 V/3.0 V Voltage References
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADR01BR Datasheet(HTML) 14 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADR01/ADR02/ADR03/ADR06
Rev. F | Page 14 of 20
VIN 5V/DIV
VOUT 100mV/DIV
TIME (1.00ms/DIV)
NO LOAD CAPACITOR
LOAD OFF
LOAD ON
LOAD = 5mA
Figure 28. ADR02 Load Transient Response
CLOAD = 100nF
VIN 5V/DIV
VOUT 100mV/DIV
TIME (1.00ms/DIV)
LOAD OFF
LOAD ON
LOAD = 5mA
Figure 29. ADR02 Load Transient Response
CIN = 0.01µF
NO LOAD CAPACITOR
VIN 10V/DIV
VOUT 5V/DIV
TIME (4
µs/DIV)
Figure 30. ADR02 Turn-Off Response
VIN 10V/DIV
VOUT 5V/DIV
TIME (4
µs/DIV)
CIN = 0.01µF
NO LOAD CAPACITOR
Figure 31. ADR02 Turn-On Response
VIN 10V/DIV
VOUT 5V/DIV
TIME (4
µs/DIV)
CL = 0.01µF
NO INPUT CAPACITOR
Figure 32. ADR02 Turn-Off Response
VOUT 5V/DIV
VIN 10V/DIV
TIME (4
µs/DIV)
CL = 0.01µF
NO INPUT CAPACITOR
Figure 33. ADR02 Turn-On Response


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn