Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADR01BR Datasheet(PDF) 11 Page - Analog Devices

Part No. ADR01BR
Description  Ultracompact Precision10 V/5 V/2.5 V/3.0 V Voltage References
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

ADR01BR Datasheet(HTML) 11 Page - Analog Devices

Back Button ADR01BR Datasheet HTML 7Page - Analog Devices ADR01BR Datasheet HTML 8Page - Analog Devices ADR01BR Datasheet HTML 9Page - Analog Devices ADR01BR Datasheet HTML 10Page - Analog Devices ADR01BR Datasheet HTML 11Page - Analog Devices ADR01BR Datasheet HTML 12Page - Analog Devices ADR01BR Datasheet HTML 13Page - Analog Devices ADR01BR Datasheet HTML 14Page - Analog Devices ADR01BR Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADR01/ADR02/ADR03/ADR06
Rev. F | Page 11 of 20
INPUT VOLTAGE (V)
5
10
15
20
25
30
35
40
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
+125
oC
–40
oC
+25
oC
Figure 10. ADR03 Supply Current vs. Input Voltage
INPUT VOLTAGE (V)
5
10
15
20
25
30
35
40
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
+125
oC
–40
oC
+25
oC
Figure 11. ADR06 Supply Current vs. Input Voltage
40
25
20
0
85
125
30
10
IL = 0mA TO 10mA
TEMPERATURE (
oC)
VIN = 40V
VIN = 14V
50
0
–40
–40
–30
–20
–10
Figure 12. ADR01 Load Regulation vs. Temperature
40
20
0
50
85
125
30
10
IL = 0mA TO 5mA
TEMPERATURE (
oC)
VIN = 40V
VIN = 8V
25
0
–40
–20
–10
Figure 13. ADR02 Load Regulation vs. Temperature
0
10
20
30
40
50
60
TEMPERATURE (
oC)
–40
–25
–10
520
35
50
65
80
95
110
125
VIN = 40V
VIN = 7V
IL = 0mA TO 10mA
Figure 14. ADR03 Load Regulation vs. Temperature
–30
–20
–10
0
10
20
40
30
TEMPERATURE (
oC)
–40
–25
–10
5
20
35
50
65
80
95
110
125
VIN = 40V
IL = 0mA TO 10mA
VIN = 7V
Figure 15. ADR06 Load Regulation vs. Temperature


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn