Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADR01BR Datasheet(PDF) 8 Page - Analog Devices

Part No. ADR01BR
Description  Ultracompact Precision10 V/5 V/2.5 V/3.0 V Voltage References
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

ADR01BR Datasheet(HTML) 8 Page - Analog Devices

Back Button ADR01BR Datasheet HTML 4Page - Analog Devices ADR01BR Datasheet HTML 5Page - Analog Devices ADR01BR Datasheet HTML 6Page - Analog Devices ADR01BR Datasheet HTML 7Page - Analog Devices ADR01BR Datasheet HTML 8Page - Analog Devices ADR01BR Datasheet HTML 9Page - Analog Devices ADR01BR Datasheet HTML 10Page - Analog Devices ADR01BR Datasheet HTML 11Page - Analog Devices ADR01BR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADR01/ADR02/ADR03/ADR06
Rev. F | Page 8 of 20
ABSOLUTE MAXIMUM RATINGS
Ratings at 25°C, unless otherwise noted.
Table 6.
Parameter
Rating
Supply Voltage
40 V
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
–65°C to +150°C
Operating Temperature Range
–40°C to +125°C
Junction Temperature Range: KS, UJ, and
R Packages
–65°C to +150°C
Lead Temperature Range (Soldering, 60 Sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 7. Thermal Resistance
Package Type
θ
JA
1
θ
JC
Unit
SC70-5 (KS-5)
376
189
°C/W
TSOT-5 (UJ-5)
230
146
°C/W
SOIC-8 (R-8)
130
43
°C/W
1
θ
JA
is specified for the worst-case conditions, that is,
θ
JA
is specified for
devices soldered in circuit boards for surface-mount packages.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although these products feature
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn