Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS8921N/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # DS8921N/NOPB
Description  Differential Line Driver and Receiver Pair
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS8921N/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS8921N/NOPB Datasheet HTML 2Page - Texas Instruments DS8921N/NOPB Datasheet HTML 3Page - Texas Instruments DS8921N/NOPB Datasheet HTML 4Page - Texas Instruments DS8921N/NOPB Datasheet HTML 5Page - Texas Instruments DS8921N/NOPB Datasheet HTML 6Page - Texas Instruments DS8921N/NOPB Datasheet HTML 7Page - Texas Instruments DS8921N/NOPB Datasheet HTML 8Page - Texas Instruments DS8921N/NOPB Datasheet HTML 9Page - Texas Instruments DS8921N/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
NOTE:R1= 100 Ohms, C1 = C2 = C3 = 30 pF
R1
C1
C2
C3
D
4.4
4.6
4.8
5.0
5.2
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
Supply Voltage (V)
T(TLH)
C004
5.2
5.4
5.6
5.8
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
Supply Voltage (V)
T(THL)
C005
DS8921, DS8921A, DS8921AT
SNLS374D – MAY 1998 – REVISED JANUARY 2015
www.ti.com
6.8 Typical Characteristics
Test Setup: Figure 5. Data Rate, Test Pattern: 2 Mbps, 1010 Pattern. T: 25°C
Figure 1. Typical Driver Output Low to High Transition Time
Figure 2. Typical Driver Output High to Low Transition Time
vs Supply Voltage
vs Supply Voltage
7 Parameter Measurement Information
7.1 AC Test Circuits and Switching Diagrams
Figure 3. Test Circuit for Receiver Output
Figure 4. Receiver Propagation Delay
Figure 5. Driver Test Circuit
6
Submit Documentation Feedback
Copyright © 1998–2015, Texas Instruments Incorporated
Product Folder Links: DS8921 DS8921A DS8921AT


Similar Part No. - DS8921N/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS8921N/NOPB TI-DS8921N/NOPB Datasheet
938Kb / 15P
[Old version datasheet]   DS8921/DS8921A/DS8921AT Differential Line Driver and Receiver Pair
More results

Similar Description - DS8921N/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8921 NSC-DS8921 Datasheet
244Kb / 8P
   Differential Line Driver and Receiver Pair
DS89C21 NSC-DS89C21 Datasheet
78Kb / 6P
   Differential CMOS Line Driver and Receiver Pair
logo
Texas Instruments
DS8921 TI1-DS8921_V01 Datasheet
1Mb / 21P
[Old version datasheet]   DS8921x Differential Line Driver and Receiver Pair
DS89C21 TI1-DS89C21_14 Datasheet
759Kb / 13P
[Old version datasheet]   Differential CMOS Line Driver and Receiver Pair
SN65LBC180-Q1 TI1-SN65LBC180-Q1 Datasheet
276Kb / 17P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC491 LINER-LTC491 Datasheet
236Kb / 12P
   Differential Driver and Receiver Pair
LTC490 LINER-LTC490_04 Datasheet
165Kb / 12P
   Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181_10 Datasheet
870Kb / 15P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75179B TI-SN75179B Datasheet
140Kb / 9P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC490 LINER-LTC490_15 Datasheet
174Kb / 12P
   Differential Driver and Receiver Pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com