Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3696A Datasheet(PDF) 1 Page - Texas Instruments

Part # DS3696A
Description  Multipoint RS485/RS422 Transceivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS3696A Datasheet(HTML) 1 Page - Texas Instruments

  DS3696A Datasheet HTML 1Page - Texas Instruments DS3696A Datasheet HTML 2Page - Texas Instruments DS3696A Datasheet HTML 3Page - Texas Instruments DS3696A Datasheet HTML 4Page - Texas Instruments DS3696A Datasheet HTML 5Page - Texas Instruments DS3696A Datasheet HTML 6Page - Texas Instruments DS3696A Datasheet HTML 7Page - Texas Instruments DS3696A Datasheet HTML 8Page - Texas Instruments DS3696A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DS3695A, DS3695AT, DS3696A
www.ti.com
SNLS353C – FEBRUARY 1996 – REVISED APRIL 2013
DS3695A/DS3695AT/DS3696A Multipoint RS485/RS422 Transceivers
Check for Samples: DS3695A, DS3695AT, DS3696A
1
FEATURES
DESCRIPTION
The
DS3695A
and
DS3696A
are
high
speed
2
Meets EIA Standard RS485 for Multipoint Bus
differential TRI-STATE bus/line transceivers designed
Transmission and is Compatible with RS-422
to meet the requirements of EIA standard RS485 with
10 Ns Driver Propagation Delays (Typical)
extended common mode range (+12V to
−7V), for
Single +5V Supply
multipoint data transmission. In addition they are
compatible with requirements of RS-422.
−7V to +12V Bus Common Mode Range
Permits ±7V Ground Difference between
The driver and receiver outputs feature TRI-STATE
Devices on the Bus
capability. The driver outputs remain in over the
entire common mode range of +12V to
−7V. Bus
Thermal Shutdown Protection
faults that cause excessive power dissipation within
High Impedance to Bus with Driver in TRI-
the device trigger a thermal shutdown circuit, which
STATE or with Power Off, over the Entire
forces the driver outputs into the high impedance
Common Mode Range Allows the Unused
state. The DS3696A provides an output pin (TS)
Devices on the Bus to be Powered Down
which reports the thermal shutdown of the device. TS
is an “open collector” pin with an internal 10 k
Ω pull-
Combined Impedance of a Driver Output and
up resistor. This allows the TS outputs of several
Receiver Input is less than One RS485 Unit
devices to be wire OR-ed.
Load, Allowing up to 32 Transceivers on the
Bus
Both AC and DC specifications are guaranteed over
the 0°C to 70°C temperature and 4.75V to 5.25V
70 mV Typical Receiver Hysteresis
supply voltage range.
Available in SOIC Packaging
Connection and Logic Diagrams
Figure 1. Molded Package, Small Outline (D0008A)
Figure 2. Top View
Top View
(See Package Number D0008A)
TS was LF (Line Fault) on previous datasheets, TS goes low upon thermal shutdown.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1996–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS3696A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS3696A TI-DS3696A Datasheet
807Kb / 13P
[Old version datasheet]   DS3695A/DS3695AT/DS3696A Multipoint RS485/RS422 Transceivers
logo
National Semiconductor ...
DS3696AM NSC-DS3696AM Datasheet
108Kb / 8P
   Multipoint RS485/RS422 Transceivers
More results

Similar Description - DS3696A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3695A NSC-DS3695A Datasheet
108Kb / 8P
   Multipoint RS485/RS422 Transceivers
logo
Texas Instruments
DS3695N-NOPB TI1-DS3695N-NOPB Datasheet
577Kb / 17P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers/Repeaters
logo
National Semiconductor ...
DS3698 NSC-DS3698 Datasheet
257Kb / 10P
   Multipoint RS485/RS422 Transceivers/Repeaters
DS3695 NSC-DS3695 Datasheet
310Kb / 12P
   Multipoint RS485/RS422 Transceivers/Repeaters
logo
Texas Instruments
DS3695 TI1-DS3695_15 Datasheet
578Kb / 17P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers/Repeaters
DS3695AMX TI-DS3695AMX Datasheet
807Kb / 13P
[Old version datasheet]   DS3695A/DS3695AT/DS3696A Multipoint RS485/RS422 Transceivers
logo
Linear Technology
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com