Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS7820A Datasheet(PDF) 3 Page - Texas Instruments

Part # DS7820A
Description  Dual Line Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS7820A Datasheet(HTML) 3 Page - Texas Instruments

  DS7820A_11 Datasheet HTML 1Page - Texas Instruments DS7820A_11 Datasheet HTML 2Page - Texas Instruments DS7820A_11 Datasheet HTML 3Page - Texas Instruments DS7820A_11 Datasheet HTML 4Page - Texas Instruments DS7820A_11 Datasheet HTML 5Page - Texas Instruments DS7820A_11 Datasheet HTML 6Page - Texas Instruments DS7820A_11 Datasheet HTML 7Page - Texas Instruments DS7820A_11 Datasheet HTML 8Page - Texas Instruments DS7820A_11 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Absolute Maximum Ratings (Note 3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
8.0V
Common-Mode Voltage
±20V
Differential Input Voltage
±20V
Strobe Voltage
8.0V
Output Sink Current
50 mA
Storage Temperature Range
−65˚C to 150˚C
Maximum Power Dissipation (Note 2) at 25˚C
Cavity Package
Molded Package
1308 mW
1207 mW
Lead Temperature (Soldering, 4 sec.)
260˚C
Operating Conditions
Min
Max
Units
Supply Voltage (V
CC)
DS7820A
4.5
5.5
V
DS8820A
4.75
5.25
V
Temperature (T
A)
DS7820A
−55
+125
˚C
DS8820A
0
+70
˚C
Note 2: Derate cavity package 8.7 mW/˚C above 25˚C; derate molded pack-
age 9.7 mW/˚C above 25˚C.
Electrical Characteristics (Notes 4, 5, 6)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
TH
Differential Threshold Voltage
I
OUT = −400 µA,
−3V
≤ V
CM ≤ +3V
0.06
0.5
V
V
OUT ≥ 2.5V
−15V
≤ V
CM ≤ +15V
0.06
1.0
V
I
OUT = +16 mA,
−3V
≤ V
CM ≤ +3V
−0.08
−0.5
V
V
OUT ≤ 0.4V
−15V
≤ V
CM ≤ +15V
−0.08
−1.0
V
R
I−
Inverting Input Resistance
−15V
≤ V
CM ≤ +15V
3.6
5
k
R
I+
Non-Inverting Input Resistance
−15V
≤ V
CM ≤ +15V
1.8
2.5
k
R
T
Line Termination Resistance
T
A = 25˚C
120
170
250
I
I−
Inverting Input Current
V
CM = 15V
3.0
4.2
mA
V
CM = 0V
0
−0.5
mA
V
CM = −15V
−3.0
−4.2
mA
I
I+
Non-Inverting Input Current
V
CM = 15V
5.0
7.0
mA
V
CM = 0V
−1.0
−1.6
mA
V
CM = −15V
−7.0
−9.8
mA
I
CC
Power Supply Current
One Side Only
I
OUT = Logical “0”
V
DIFF = −1V
V
CM = 15V
3.9
6.0
mA
V
CM = −15V
9.2
14.0
mA
V
DIFF = −0.5V, VCM = 0V
6.5
10.2
mA
V
OH
Logical “1” Output Voltage
I
OUT = −400 µA, VDIFF = 1V
2.5
4.0
5.5
V
V
OL
Logical “0” Output Voltage
I
OUT = +16 mA, VDIFF = −1V
0
0.22
0.4
V
V
SH
Logical “1” Strobe Input Voltage
I
OUT = +16 mA, VOUT ≤ 0.4V, VDIFF = −3V
2.1
V
V
SL
Logical “0” Strobe Input Voltage
I
OUT = −400 µA, VOUT ≥ 2.5V, VDIFF = −3V
0.9
V
I
SH
Logical “1” Strobe Input Current
V
STROBE = 5.5V, VDIFF = 3V
0.01
5.0
µA
I
SL
Logical “0” Strobe Input Current
V
STROBE = 0.4V, VDIFF = −3V
−1.0
−1.4
mA
I
SC
Output Short Circuit Current
V
O = 0V, VCC = 5.5V, VSTROBE = 0V
−2.8
−4.5
−6.7
mA
Note 3: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. Except for “Operating Temperature Range”
they are not meant to imply that the devices should be operated at these limits. The table of “Electrical Characteristics” provides conditions for actual device
operation.
Note 4: These specifications apply for 4.5V
≤ VCC ≤ 5.5V, −15V ≤ VCM ≤ 15V and −55˚C ≤ TA ≤ +125˚C for the DS7820A or 4.75V ≤ VCC ≤ 5.25V, 0˚C ≤ TA ≤ +70˚C
for the DS8820A unless otherwise specified. Typical values given are for VCC = 5.0V, TA = 25˚C and VCM = 0V unless stated differently.
Note 5: All currents into device pins shown as positive, out of device pins as negative, all voltages referenced to ground unless otherwise noted. All values shown
as max or min on absolute value basis.
Note 6: Only one output at a time should be shorted.
www.national.com
2


Similar Part No. - DS7820A_11

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS7820AJ NSC-DS7820AJ Datasheet
250Kb / 8P
   Dual Line Receiver
DS7820AJ/883 NSC-DS7820AJ/883 Datasheet
250Kb / 8P
   Dual Line Receiver
More results

Similar Description - DS7820A_11

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-1930 HP-HCPL-1930 Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
Texas Instruments
SN74LS2323 TI-SN74LS2323 Datasheet
311Kb / 9P
[Old version datasheet]   DUAL LINE RECEIVER
logo
National Semiconductor ...
DS9622 NSC-DS9622 Datasheet
199Kb / 7P
   Dual Line Receiver
DS75107 NSC-DS75107 Datasheet
227Kb / 9P
   Dual Line Receiver
logo
Texas Instruments
SN75140 TI-SN75140 Datasheet
143Kb / 9P
[Old version datasheet]   DUAL LINE RECEIVER
SN75140 TI1-SN75140_14 Datasheet
718Kb / 18P
[Old version datasheet]   DUAL LINE RECEIVER
logo
National Semiconductor ...
DS7820A NSC-DS7820A Datasheet
250Kb / 8P
   Dual Line Receiver
DS9627 NSC-DS9627 Datasheet
188Kb / 5P
   Dual Line Receiver
DS7820 NSC-DS7820 Datasheet
123Kb / 6P
   Dual Line Receiver
February 1996
logo
Texas Instruments
UA9639C TI-UA9639C Datasheet
101Kb / 7P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com