Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3658 Datasheet(PDF) 1 Page - Texas Instruments

Part # DS3658
Description  Quad High Current Peripheral Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS3658 Datasheet(HTML) 1 Page - Texas Instruments

  DS3658_14 Datasheet HTML 1Page - Texas Instruments DS3658_14 Datasheet HTML 2Page - Texas Instruments DS3658_14 Datasheet HTML 3Page - Texas Instruments DS3658_14 Datasheet HTML 4Page - Texas Instruments DS3658_14 Datasheet HTML 5Page - Texas Instruments DS3658_14 Datasheet HTML 6Page - Texas Instruments DS3658_14 Datasheet HTML 7Page - Texas Instruments DS3658_14 Datasheet HTML 8Page - Texas Instruments DS3658_14 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DS3658
www.ti.com
SNLS365B – MARCH 1995 – REVISED APRIL 2013
DS3658 Quad High Current Peripheral Driver
Check for Samples: DS3658
1
FEATURES
DESCRIPTION
The DS3658 quad peripheral driver is designed for
2
Single Saturated Transistor Outputs
those applications where low operating power, high
Low Standby Power, 10 mW Typical
breakdown voltage, high output current and low
High Impedance TTL Compatible Inputs
output ON voltage are required. A unique input circuit
combines TTL compatibility with high impedance. In
Outputs May Be Tied Together for Increased
fact, its extreme low input current allows it to be
Current Capacity
driven directly by a CMOS device.
High Output Current
The outputs are capable of sinking 600 mA each and
600 mA Per Output
offer a 70V breakdown. However, for inductive loads
2.4A Per Package
the output should be clamped to 35V or less to avoid
No Output Latch-up at 35V
latch-up
during
turn
off
(inductive
fly
back
protection—refer to AN-213 'SNOA610'). An on-chip
Low Output ON Voltage (350 mV typ @ 600
clamp diode capable of handling 800 mA is provided
mA)
at each output for this purpose. In addition, the
High Breakdown Voltage (70V)
DS3658 incorporates circuitry that specifies glitch-
Open Collector Outputs
free power up or down operation and a fail-safe
feature which puts the output in a high impedance
Output Clamp Diodes for Inductive Fly Back
state when the input is open.
Protection
The PDIP package is specifically constructed to allow
NPN Inputs for Minimal Input Currents (1 µA
increased
power
dissipation
over
conventional
Typical)
packages.
The
four
ground
pins
are
directly
Low Operating Power
connected to the device chip with a special cooper
Standard 5V Power Supply
lead frame. When the quad driver is soldered into a
PC board, the power rating of the device improves
Power Up/Down Protection
significantly.
Fail Safe Operation
2W Power Package
Pin-for-Pin Compatible with SN75437
APPLICATIONS
Relay Drivers
Lamp Drivers
Solenoid Drivers
Hammer Drivers
Stepping Motor Drivers
Triac Drivers
LED Drivers
High Current, High Voltage Drivers
Level Translators
Fiber Optic LED Drivers
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1995–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS3658_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3658N NSC-DS3658N Datasheet
99Kb / 4P
   Quad High Current Peripheral Driver
More results

Similar Description - DS3658_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3658 NSC-DS3658 Datasheet
99Kb / 4P
   Quad High Current Peripheral Driver
DS3669 NSC-DS3669 Datasheet
98Kb / 4P
   Quad High Current Peripheral Driver
DS3656 NSC-DS3656 Datasheet
86Kb / 4P
   DS3656 Quad Peripheral Driver
DS3668 NSC-DS3668 Datasheet
96Kb / 4P
   Quad Fault Protected Peripheral Driver
logo
Texas Instruments
DS3668NHAPB TI1-DS3668NHAPB Datasheet
157Kb / 7P
[Old version datasheet]   DS3668 Quad Fault Protected Peripheral Driver
SN75460 TI-SN75460 Datasheet
557Kb / 10P
[Old version datasheet]   PERIPHERAL DRIVERS FOR HIGH-VOLTAGE HIGH-CURRENT DRIVER APPLICATIONS
logo
List of Unclassifed Man...
D469A ETC1-D469A Datasheet
338Kb / 4P
   Quad High-Current Power Driver
logo
Linear Technology
LT3476 LINER-LT3476_15 Datasheet
244Kb / 14P
   High Current Quad Output LED Driver
LT3476 LINER-LT3476 Datasheet
189Kb / 12P
   High Current Quad Output LED Driver
logo
Allegro MicroSystems
2944 ALLEGRO-2944 Datasheet
195Kb / 8P
   QUAD HIGH-CURRENT, HIGH-VOLTAGE SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com