Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90C365A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DS90C365A
Description  3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display Link-87.5 MHz
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90C365A Datasheet(HTML) 4 Page - Texas Instruments

  DS90C365A Datasheet HTML 1Page - Texas Instruments DS90C365A Datasheet HTML 2Page - Texas Instruments DS90C365A Datasheet HTML 3Page - Texas Instruments DS90C365A Datasheet HTML 4Page - Texas Instruments DS90C365A Datasheet HTML 5Page - Texas Instruments DS90C365A Datasheet HTML 6Page - Texas Instruments DS90C365A Datasheet HTML 7Page - Texas Instruments DS90C365A Datasheet HTML 8Page - Texas Instruments DS90C365A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
DS90C365A
SNLS181I – APRIL 2004 – REVISED APRIL 2013
www.ti.com
Transmitter Switching Characteristics (continued)
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Unit
TPPos0
Transmitter Output Pulse Position (Figure 12)(1) f = 40 MHz
−0.25
0
+0.25
ns
TPPos1
Transmitter Output Pulse Position
3.32
3.57
3.82
ns
TPPos2
Transmitter Output Pulse Position
6.89
7.14
7.39
ns
TPPos3
Transmitter Output Pulse Position
10.46
10.71
10.96
ns
TPPos4
Transmitter Output Pulse Position
14.04
14.29
14.54
ns
TPPos5
Transmitter Output Pulse Position
17.61
17.86
18.11
ns
TPPos6
Transmitter Output Pulse Position
21.18
21.43
21.68
ns
TPPos0
Transmitter Output Pulse Position (Figure 12)(1) f = 65 MHz
−0.20
0
+0.20
ns
TPPos1
Transmitter Output Pulse Position
2.00
2.20
2.40
ns
TPPos2
Transmitter Output Pulse Position for Bit 2
4.20
4.40
4.60
ns
TPPos3
Transmitter Output Pulse Position for Bit 3
6.39
6.59
6.79
ns
TPPos4
Transmitter Output Pulse Position
8.59
8.79
8.99
ns
TPPos5
Transmitter Output Pulse Position
10.79
10.99
11.19
ns
TPPos6
Transmitter Output Pulse Position
12.99
13.19
13.39
ns
TPPos0
Transmitter Output Pulse Position (Figure 12)(1) f = 87.5 MHz
−0.20
0
+0.20
ns
TPPos1
Transmitter Output Pulse Position
1.48
1.68
1.88
ns
TPPos2
Transmitter Output Pulse Position
3.16
3.36
3.56
ns
TPPos3
Transmitter Output Pulse Position
4.84
5.04
5.24
ns
TPPos4
Transmitter Output Pulse Position
6.52
6.72
6.92
ns
TPPos5
Transmitter Output Pulse Position
8.20
8.40
8.60
ns
TPPos6
Transmitter Output Pulse Position
9.88
10.08
10.28
ns
TSTC
Required TxIN Setup to TxCLK IN
2.5
ns
(Figure 6) at 85MHz
THTC
Required TxIN Hold to TxCLK IN (Figure 6) at
0.5
ns
87.5 MHz
TCCD
TxCLK IN to TxCLK OUT Delay. Measure from
TA = −10°C, and
3.086
7.211
ns
TxCLK IN edge to immediatley crossing poing
85MHz for "Min" TA
of differential TxCLK OUT by following the
= 70°C, and
postive TxCLK OUT. 50% duty cycle input
25MHz for "Max",
clock is assumed. (Figure 7)
VCC = 3.6V, R_FB
pin = VCC
Measure from TxCLK IN edge to immediatley
TA = −10°C, and
2.868
6.062
ns
crossing poing of differential TxCLK OUT by
85MHz for "Min" TA
following the postive TxCLK OUT. 50% duty
= 70°C, and
cycle input clock is assumed. (Figure 8)
25MHz for "Max",
VCC = 3.6V, R_FB
pin = GND
SSCG
Spread Spectrum Clock support; Modulation
f = 25 MHz
100kHz ±
frequency with a linear profile.(2)
2.5%/
−5%
f = 40 MHz
100kHz ±
2.5%/
−5%
f = 65 MHz
100kHz ±
2.5%/
−5%
f = 87.5 MHz
100kHz ±
2.5%/
−5%
TPLLS
Transmitter Phase Lock Loop Set (Figure 9)
10
ms
TPDD
Transmitter Power Down Delay (Figure 11)
100
ns
(2)
Care must be taken to ensure TSTC and THTC are met so input data are sampling correctly. This SSCG parameter only shows the
performance of tracking Spread Spectrum Clock applied to TxCLK IN pin, and reflects the result on TxCLKOUT+ and TxCLKOUT
− pins.
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: DS90C365A


Similar Part No. - DS90C365A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C365A NSC-DS90C365A Datasheet
622Kb / 12P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display Link-85 MHz
DS90C365A NSC-DS90C365A Datasheet
620Kb / 12P
   3.3V programmable LVDS Transmitter 18-Bit Flat Panel Display Link-87.5 MHz
logo
Texas Instruments
DS90C365A TI-DS90C365A Datasheet
918Kb / 16P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display Link-87.5 MHz
logo
National Semiconductor ...
DS90C365AMT NSC-DS90C365AMT Datasheet
622Kb / 12P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display Link-85 MHz
logo
Texas Instruments
DS90C365AMTX TI-DS90C365AMTX Datasheet
918Kb / 16P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display Link-87.5 MHz
More results

Similar Description - DS90C365A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C365A NSC-DS90C365A_05 Datasheet
620Kb / 12P
   3.3V programmable LVDS Transmitter 18-Bit Flat Panel Display Link-87.5 MHz
logo
Texas Instruments
DS90C365AMTX TI-DS90C365AMTX Datasheet
918Kb / 16P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display Link-87.5 MHz
logo
National Semiconductor ...
DS90C385A NSC-DS90C385A Datasheet
648Kb / 13P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
logo
Texas Instruments
DS90C385A TI1-DS90C385A_15 Datasheet
1Mb / 20P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
logo
National Semiconductor ...
DS90C385A NSC-DS90C385A_06 Datasheet
646Kb / 13P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
logo
Texas Instruments
DS90C385AMTX TI-DS90C385AMTX Datasheet
981Kb / 17P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
logo
National Semiconductor ...
DS90C363A NSC-DS90C363A Datasheet
219Kb / 10P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C365A NSC-DS90C365A Datasheet
622Kb / 12P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display Link-85 MHz
logo
Texas Instruments
DS90C363 TI1-DS90C363_13 Datasheet
1Mb / 19P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link??5 MHz
logo
National Semiconductor ...
DS90C363B NSC-DS90C363B Datasheet
617Kb / 12P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com