Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90C363BMT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DS90C363BMT
Description  3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90C363BMT Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS90C363BMT Datasheet HTML 5Page - Texas Instruments DS90C363BMT Datasheet HTML 6Page - Texas Instruments DS90C363BMT Datasheet HTML 7Page - Texas Instruments DS90C363BMT Datasheet HTML 8Page - Texas Instruments DS90C363BMT Datasheet HTML 9Page - Texas Instruments DS90C363BMT Datasheet HTML 10Page - Texas Instruments DS90C363BMT Datasheet HTML 11Page - Texas Instruments DS90C363BMT Datasheet HTML 12Page - Texas Instruments DS90C363BMT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
DS90C363B
www.ti.com
SNLS179F – APRIL 2004 – REVISED APRIL 2013
APPLICATIONS INFORMATION
The DS90C363B are backward compatible with the DS90C363/DS90CF363, DS90C363A/DS90CF363A and are
a pin-for-pin replacement.
This device may also be used as a replacement for the DS90CF563 (5V, 65MHz) and DS90CF561 (5V, 40MHz)
FPD-Link Transmitters with certain considerations/modifications:
1. Change 5V power supply to 3.3V. Provide this supply to the VCC, LVDS VCC and PLL VCC of the transmitter.
2. To implement a falling edge device for the DS90C363B, the R_FB pin (pin 14) may be tied to ground OR left
unconnected (an internal pull-down resistor biases this pin low). Biasing this pin to Vcc implements a rising
edge device.
TRANSMITTER INPUT PINS
The DS90C363B transmitter input and control inputs accept 3.3V LVTTL/LVCMOS levels. They are not 5V
tolerant.
TRANSMITTER INPUT CLOCK/DATA SEQUENCING
The DS90C363B does not require any special requirement for sequencing of the input clock/data and PD
(PowerDown) signal. The DS90C363B offers a more robust input sequencing feature where the input clock/data
can be inserted after the release of the PD signal. In the case where the clock/data is stopped and reapplied,
such as changing video mode within Graphics Controller, it is not necessary to cycle the PD signal. However,
there are in certain cases where the PD may need to be asserted during these mode changes. In cases where
the source (Graphics Source) may be supplying an unstable clock or spurious noisy clock output to the LVDS
transmitter, the LVDS Transmitter may attempt to lock onto this unstable clock signal but is unable to do so due
the instability or quality of the clock source. The PD signal in these cases should then be asserted once a stable
clock is applied to the LVDS transmitter. Asserting the PWR DOWN pin will effectively place the device in reset
and disable the PLL, enabling the LVDS Transmitter into a power saving standby mode. However, it is still
generally a good practice to assert the PWR DOWN pin or reset the LVDS transmitter whenever the clock/data is
stopped and reapplied but it is not mandatory for the DS90C363B.
SPREAD SPECTRUM CLOCK SUPPORT
The DS90C363B can support Spread Spectrum Clocking signal type inputs. The DS90C383B outputs will
accurately track Spread Spectrum Clock/Data inputs with modulation frequencies of up to 100kHz (max.)with
either center spread of ±2.5% or down spread -5% deviations.
POWER SOURCES SEQUENCE
In typical applications, it is recommended to have VCC, LVDS VCC and PLL VCC from the same power source with
three separate de-coupling bypass capacitor groups. There is no requirement on which VCC entering the device
first.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DS90C363B


Similar Part No. - DS90C363BMT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C363BMT NSC-DS90C363BMT Datasheet
617Kb / 12P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
More results

Similar Description - DS90C363BMT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C363A NSC-DS90C363A Datasheet
219Kb / 10P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C363B NSC-DS90C363B Datasheet
617Kb / 12P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90CF363B NSC-DS90CF363B Datasheet
612Kb / 11P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
Texas Instruments
DS90CF363BMTX TI1-DS90CF363BMTX Datasheet
900Kb / 15P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90CF363B TI1-DS90CF363B_13 Datasheet
922Kb / 15P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
National Semiconductor ...
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A Datasheet
258Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383 NSC-DS90C383 Datasheet
344Kb / 20P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383B NSC-DS90C383B_06 Datasheet
639Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90C383 TI1-DS90C383_11 Datasheet
410Kb / 22P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com