Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90C363B Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DS90C363B
Description  3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90C363B Datasheet(HTML) 3 Page - Texas Instruments

  DS90C363B Datasheet HTML 1Page - Texas Instruments DS90C363B Datasheet HTML 2Page - Texas Instruments DS90C363B Datasheet HTML 3Page - Texas Instruments DS90C363B Datasheet HTML 4Page - Texas Instruments DS90C363B Datasheet HTML 5Page - Texas Instruments DS90C363B Datasheet HTML 6Page - Texas Instruments DS90C363B Datasheet HTML 7Page - Texas Instruments DS90C363B Datasheet HTML 8Page - Texas Instruments DS90C363B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DS90C363B
www.ti.com
SNLS179F – APRIL 2004 – REVISED APRIL 2013
Electrical Characteristics
(1)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ(2)
Max
Unit
CMOS/TTL DC SPECIFICATIONS
VIH
High Level Input Voltage
2.0
VCC
V
VIL
Low Level Input Voltage
GND
0.8
V
VCL
Input Clamp Voltage
ICL = −18 mA
−0.79
−1.5
V
IIN
Input Current
V IN = 0.4V, 2.5V or VCC
+1.8
+10
μA
V IN = GND
−10
0
μA
LVDS DC SPECIFICATIONS
VOD
Differential Output Voltage
RL = 100Ω
250
345
450
mV
ΔVOD
Change in VOD between complimentary
35
mV
output states
VOS
Offset Voltage (3)
1.13
1.25
1.38
V
ΔVOS
Change in VOS between complimentary
35
mV
output states
IOS
Output Short Circuit Current
VOUT = 0V, RL = 100Ω
−3.5
−5
mA
IOZ
Output TRI-STATE® Current
Power Down = 0V,
±1
±10
μA
VOUT = 0V or VCC
TRANSMITTER SUPPLY CURRENT
ICCTW
Transmitter Supply Current, Worst Case
RL = 100Ω,
f = 25MHz
29
40
mA
CL = 5 pF,
f = 40 MHz
34
45
mA
Worst Case Pattern
f = 65 MHz
42
55
mA
(Figure 2 Figure 5 ) "Typ"
values are given for VCC =
3.6V and TA = +25°C,
"Max" values are given for
VCC = 3.6V and TA = −10°C
ICCTG
Transmitter Supply Current, 16 Grayscale
RL = 100Ω,
f = 25 MHz
28
40
mA
CL = 5 pF,
f = 40 MHz
32
45
mA
16 Grayscale Pattern
f = 65 MHz
39
50
mA
(Figure 3 Figure 5 ) "Typ"
values are given for VCC =
3.6V and TA = +25°C,
"Max" values are given for
VCC = 3.6V and TA = −10°C
ICCTZ
Transmitter Supply Current, Power Down
Power Down = Low
11
150
μA
Driver Outputs in TRI-STATE® under
Power Down Mode
(1)
Current into device pins is defined as positive. Current out of device pins is defined as negative. Voltages are referenced to ground
unless otherwise specified (except VOD and ΔVOD ).
(2)
Typical values are given for VCC = 3.3V and TA = +25°C unless specified otherwise.
(3)
VOS previously referred as VCM.
Recommended Transmitter Input Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Unit
TCIT
TxCLK IN Transition Time (Figure 6 )
5
ns
TCIP
TxCLK IN Period (Figure 7 )
14.7
T
50
ns
TCIH
TxCLK IN High Time (Figure 7 )
0.35T
0.5T
0.65T
ns
TCIL
TxCLK IN Low Time (Figure 7 )
0.35T
0.5T
0.65T
ns
TXIT
TxIN, and Power Down pin transition Time
1.5
6.0
ns
TXPD
Minimum pulse width for Power Down pin signal
1
μs
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS90C363B


Similar Part No. - DS90C363B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C363B NSC-DS90C363B Datasheet
617Kb / 12P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90C363BMT NSC-DS90C363BMT Datasheet
617Kb / 12P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
More results

Similar Description - DS90C363B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C363A NSC-DS90C363A Datasheet
219Kb / 10P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C363B NSC-DS90C363B Datasheet
617Kb / 12P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90CF363B NSC-DS90CF363B Datasheet
612Kb / 11P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
Texas Instruments
DS90CF363BMTX TI1-DS90CF363BMTX Datasheet
900Kb / 15P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90CF363B TI1-DS90CF363B_13 Datasheet
922Kb / 15P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
National Semiconductor ...
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A Datasheet
258Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383 NSC-DS90C383 Datasheet
344Kb / 20P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383B NSC-DS90C383B_06 Datasheet
639Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90C383 TI1-DS90C383_11 Datasheet
410Kb / 22P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com