Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN2847ACP-32-RL7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADN2847ACP-32-RL7
Description  3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2847ACP-32-RL7 Datasheet(HTML) 3 Page - Analog Devices

  ADN2847ACP-32-RL7 Datasheet HTML 1Page - Analog Devices ADN2847ACP-32-RL7 Datasheet HTML 2Page - Analog Devices ADN2847ACP-32-RL7 Datasheet HTML 3Page - Analog Devices ADN2847ACP-32-RL7 Datasheet HTML 4Page - Analog Devices ADN2847ACP-32-RL7 Datasheet HTML 5Page - Analog Devices ADN2847ACP-32-RL7 Datasheet HTML 6Page - Analog Devices ADN2847ACP-32-RL7 Datasheet HTML 7Page - Analog Devices ADN2847ACP-32-RL7 Datasheet HTML 8Page - Analog Devices ADN2847ACP-32-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. 0
ADN2847
–3–
Parameter
Min
Typ
Max
Unit
Conditions/Comments
SUPPLY
ICC
7
50
mA
IBIAS = IMOD = 0
VCC
8
3.0
3.3
3.6
V
NOTES
1Temperature range: –40
∞C to +85∞C.
2The high speed performance for the die version of ADN2847 can be achieved when using the bonding diagram shown in Figure 3.
3Measured into a 25
W load using a 11110000 pattern at 2.5 Gbps.
4When the voltage on DATAP is greater than the voltage on DATAN, the modulation current flows in the IMODP pin.
5Guaranteed by design and characterization. Not production tested.
6IDTONE may cause eye distortion.
7I
CCMIN for power calculation on page 8 is the typical I CC given.
8All V
CC pins should be shorted together.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
1
(T
A = 25
∞C, unless otherwise noted.)
VCC to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.2 V
Digital Inputs (ALS, LBWSET, CLKSEL) . . –0.3 V to VCC + 0.3 V
IMODN, IMODP . . . . . . . . . . . . . . . . . . . . . . . . . VCC + 1.2 V
Operating Temperature Range
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
∞C to +85∞C
Storage Temperature Range . . . . . . . . . . . . . –65
∞C to +150∞C
Junction Temperature (TJ max) . . . . . . . . . . . . . . . . . . . 150
∞C
48-Lead LFCSP Package
Power Dissipation
2 . . . . . . . . . . . . . . . . (T
J max – TA)/
qJA W
qJA Thermal Impedance3 . . . . . . . . . . . . . . . . . . . . . 25∞C/W
Lead Temperature (Soldering 10 sec) . . . . . . . . . . . . 300
∞C
32-Lead LFCSP Package
Power Dissipation
2 . . . . . . . . . . . . . . . . (T
J max – TA)/
qJA W
qJA Thermal Impedance3 . . . . . . . . . . . . . . . . . . . . . 32∞C/W
Lead Temperature (Soldering 10 sec) . . . . . . . . . . . . 300
∞C
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2 Power consumption formulae are provided on page 8.
3
qJA is defined when part is soldered on a 4-layer board.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADN2847 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Temperature
Package
Model
Range
Description
ADN2847ACP-32
–40
∞C to +85∞C 32-Lead LFCSP
ADN2847ACP-48
–40
∞C to +85∞C 48-Lead LFCSP
ADN2847ACP-32-RL
–40
∞C to +85∞C 32-Lead LFCSP
ADN2847ACP-32-RL7
–40
∞C to +85∞C 32-Lead LFCSP
ADN2847ACP-48-RL
–40
∞C to +85∞C 48-Lead LFCSP
DATAP/DATAN
SETUP
HOLD
t
H
t
S
CLKP
Figure 1. Setup and Hold Time


Similar Part No. - ADN2847ACP-32-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2847 AD-ADN2847_15 Datasheet
502Kb / 16P
   3.3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. B
More results

Similar Description - ADN2847ACP-32-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2870 AD-ADN2870 Datasheet
764Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2847 AD-ADN2847_15 Datasheet
502Kb / 16P
   3.3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. B
ADN2872 AD-ADN2872 Datasheet
588Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2870 AD-ADN2870_15 Datasheet
705Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. A
ADN2848 AD-ADN2848_15 Datasheet
347Kb / 12P
   3.3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. B
ADN2848 AD-ADN2848 Datasheet
254Kb / 12P
   3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. 0
ADN2871 AD-ADN2871_15 Datasheet
768Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. A
ADN2873 AD-ADN2873 Datasheet
625Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. 0
ADN2871 AD-ADN2871 Datasheet
797Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps Single-Loop Laser Diode Driver
REV. 0
ADN2841 AD-ADN2841_15 Datasheet
346Kb / 16P
   Dual-Loop, 50 Mbps to 2.7 Gbps Laser Diode Driver
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com