Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX004Z Datasheet(PDF) 5 Page - Texas Instruments

Part # FX004Z
Description  Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FX004Z Datasheet(HTML) 5 Page - Texas Instruments

  FX004Z Datasheet HTML 1Page - Texas Instruments FX004Z Datasheet HTML 2Page - Texas Instruments FX004Z Datasheet HTML 3Page - Texas Instruments FX004Z Datasheet HTML 4Page - Texas Instruments FX004Z Datasheet HTML 5Page - Texas Instruments FX004Z Datasheet HTML 6Page - Texas Instruments FX004Z Datasheet HTML 7Page - Texas Instruments FX004Z Datasheet HTML 8Page - Texas Instruments FX004Z Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
TPS51216
www.ti.com
SLUSAB9A – NOVEMBER 2010 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, VV5IN=5V, VLDOIN is connected to VDDQ output, VMODE=0V, VS3=VS5=5V (unless
otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VDDQ MOSFET DRIVER
Source, IDRVH = –50 mA
1.6
3.0
RDRVH
DRVH resistance
Sink, IDRVH = 50 mA
0.6
1.5
Ω
Source, IDRVL = –50 mA
0.9
2.0
RDRVL
DRVL resistance
Sink, IDRVL = 50 mA
0.5
1.2
DRVH-off to DRVL-on
10
tDEAD
Dead time
ns
DRVL-off to DRVH-on
20
INTERNAL BOOT STRAP SW
VFBST
Forward Voltage
VV5IN-VBST, TA = 25°C, IF = 10 mA
0.1
0.2
V
IVBSTLK
VBST leakage current
TA = 25°C, VVBST = 33 V, VSW = 28 V
0.01
1.5
μA
LOGIC THRESHOLD
IMODE
MODE source current
14
15
16
μA
MODE 0
580
600
620
MODE 1
829
854
879
VTHMODE
MODE threshold voltage
mV
MODE 2
1202
1232
1262
MODE 3
1760
1800
1840
VIL
S3/S5 low-level voltage
0.5
VIH
S3/S5 high-level voltage
1.8
V
VIHYST
S3/S5 hysteresis voltage
0.25
VILK
S3/S5 input leak current
–1
0
1
μA
SOFT START
Internal soft-start time, CVREF = 0.1 μF,
tSS
VDDQ soft-start time
1.1
ms
S5 rising to VVDDQSNS > 0.99 × VREFIN
PGOOD COMPARATOR
PGOOD in from higher
106%
108%
110%
PGOOD in from lower
90%
92%
94%
VTHPG
VDDQ PGOOD threshold
PGOOD out to higher
114%
116%
118%
PGOOD out to lower
82%
84%
86%
IPG
PGOOD sink current
VPGOOD = 0.5 V
3
5.9
mA
Delay for PGOOD in
0.8
1
1.2
ms
tPGDLY
PGOOD delay time
Delay for PGOOD out, with 100 mV over drive
330
ns
tPGSSDLY
PGOOD start-up delay
CVREF = 0.1 μF, S5 rising to PGOOD rising
2.5
ms
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links :TPS51216


Similar Part No. - FX004Z

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
FX004 CMLMICRO-FX004 Datasheet
338Kb / 9P
   Voice Band Inverter
FX004J CMLMICRO-FX004J Datasheet
338Kb / 9P
   Voice Band Inverter
FX004LG CMLMICRO-FX004LG Datasheet
338Kb / 9P
   Voice Band Inverter
More results

Similar Description - FX004Z

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51916 TI1-TPS51916_12 Datasheet
975Kb / 34P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
TPS51916 TI1-TPS51916 Datasheet
959Kb / 33P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51216 TI1-TPS51216 Datasheet
770Kb / 30P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
logo
Global Mixed-mode Techn...
G5316 GMT-G5316 Datasheet
82Kb / 2P
   Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
logo
Texas Instruments
TPS51716 TI-TPS51716 Datasheet
1Mb / 30P
[Old version datasheet]   Complete DDR2, DDR3, DDR3L, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 2-A LDO, with Buffered Reference
logo
Maxim Integrated Produc...
MAX17000A MAXIM-MAX17000A_13 Datasheet
755Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 3; 4/13
MAX17000 MAXIM-MAX17000_11 Datasheet
757Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 2/11
MAX17000A MAXIM-MAX17000A_10 Datasheet
804Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 11/10
MAX17000A MAXIM-MAX17000A Datasheet
750Kb / 31P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 0; 10/08
MAX17000 MAXIM-MAX17000_13 Datasheet
802Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 4/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com