Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NN325TRHARQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # NN325TRHARQ1
Description  Multisensing Touch Manager
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

NN325TRHARQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button NN325TRHARQ1 Datasheet HTML 5Page - Texas Instruments NN325TRHARQ1 Datasheet HTML 6Page - Texas Instruments NN325TRHARQ1 Datasheet HTML 7Page - Texas Instruments NN325TRHARQ1 Datasheet HTML 8Page - Texas Instruments NN325TRHARQ1 Datasheet HTML 9Page - Texas Instruments NN325TRHARQ1 Datasheet HTML 10Page - Texas Instruments NN325TRHARQ1 Datasheet HTML 11Page - Texas Instruments NN325TRHARQ1 Datasheet HTML 12Page - Texas Instruments NN325TRHARQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
NN325-Q1
www.ti.com
SLAS824 – DECEMBER 2013
Interrupt Vector Addresses
The interrupt vectors and the power-up starting address are located in the address range of 0FFFFh to 0FFC0h.
The vector contains the 16-bit address of the appropriate interrupt handler instruction sequence.
If the reset vector (located at address 0FFFEh) contains 0FFFFh (for example, if flash is not programmed), the
CPU goes into LPM4 immediately after power up.
Table 4. Interrupt Vector Addresses
SYSTEM
INTERRUPT SOURCE
INTERRUPT FLAG
WORD ADDRESS
PRIORITY
INTERRUPT
Power-up
PORIFG
External reset
RSTIFG
Watchdog
Reset
0FFFEh
31, highest
WDTIFG
Flash key violation
KEYV(2)
PC out-of-range(1)
NMI
NMIIFG
(non)-maskable,
Oscillator fault
OFIFG
(non)-maskable,
0FFFCh
30
Flash memory access violation
ACCVIFG(2)(3)
(non)-maskable
Timer_B3
TBCCR0 CCIFG(4)
maskable
0FFFAh
29
TBCCR1 and TBCCR2 CCIFGs,
Timer_B3
maskable
0FFF8h
28
TBIFG(2)(4)
0FFF6h
27
Watchdog Timer
WDTIFG
maskable
0FFF4h
26
Timer_A3
TACCR0 CCIFG (see Note 3)
maskable
0FFF2h
25
TACCR1 CCIFG
Timer_A3
TACCR2 CCIFG
maskable
0FFF0h
24
TAIFG(2)(4)
USCI_A0/USCI_B0 Receive
UCA0RXIFG, UCB0RXIFG(2)
maskable
0FFEEh
23
USCI_A0/USCI_B0 Transmit
UCA0TXIFG, UCB0TXIFG (2)
maskable
0FFECh
22
ADC10
ADC10IFG(4)
maskable
0FFEAh
21
0FFE8h
20
I/O Port P2
P2IFG.0 to P2IFG.7(2)(4)
maskable
0FFE6h
19
(eight flags)
I/O Port P1
P1IFG.0 to P1IFG.7(2)(4)
maskable
0FFE4h
18
(eight flags)
0FFE2h
17
0FFE0h
16
(5)
0FFDEh
15
(6)
0FFDCh to 0FFC0h
14 to 0, lowest
(1)
A reset is generated if the CPU tries to fetch instructions from within the module register memory address range (0h to 01FFh) or from
within unused address range.
(2)
Multiple source flags
(3)
(non)-maskable: the individual interrupt-enable bit can disable an interrupt event, but the general interrupt enable cannot.
Nonmaskable: neither the individual nor the general interrupt-enable bit will disable an interrupt event.
(4)
Interrupt flags are located in the module.
(5)
This location is used as bootstrap loader security key (BSLSKEY).
A 0AA55h at this location disables the BSL completely.
A zero (0h) disables the erasure of the flash if an invalid password is supplied.
(6)
The interrupt vectors at addresses 0FFDCh to 0FFC0h are not used in this device and can be used for regular program code if
necessary.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: NN325-Q1


Similar Part No. - NN325TRHARQ1

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
NN30195A PANASONICBATTERY-NN30195A Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
NN30196A PANASONICBATTERY-NN30196A Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
NN30295A PANASONICBATTERY-NN30295A Datasheet
1Mb / 27P
   DC-DC Step down Regulator comprising of Controller IC and Power MOSFET with I2C Interface
NN30310AA PANASONICBATTERY-NN30310AA Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
More results

Similar Description - NN325TRHARQ1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1259 MAXIM-MAX1259_V01 Datasheet
1,004Kb / 8P
   Battery Manager
2014
logo
Linear Technology
LTC5800-IPR LINER-LTC5800-IPR_15 Datasheet
1Mb / 36P
   SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Manager
LTP5903-WHR LINER-LTP5903-WHR_15 Datasheet
842Kb / 20P
   SmartMesh WirelessHART Network Manager Wireless Embedded Network Manager
logo
List of Unclassifed Man...
IDT77V550 ETC1-IDT77V550 Datasheet
129Kb / 19P
   SwitchStarTM Switch Manager
logo
National Semiconductor ...
PC16550DVX NSC-PC16550DVX Datasheet
84Kb / 3P
   Engineering Project Manager
logo
Xilinx, Inc
DS485 XILINX-DS485 Datasheet
305Kb / 6P
   Digital Clock Manager
logo
PANDUIT CORP.
WMPF1E PANDUIT-WMPF1E Datasheet
308Kb / 1P
   WMPF1E HORIZONTAL MANAGER
08A
logo
Dallas Semiconductor
DS1259 DALLAS-DS1259 Datasheet
73Kb / 5P
   Battery Manager Chip
logo
National Semiconductor ...
LM4863MX NSC-LM4863MX Datasheet
24Kb / 2P
   Engineering Project Manager
logo
Keysight Technologies
E6571F KEYSIGHT-E6571F Datasheet
540Kb / 4P
   Wireless Test Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com