Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVDA553-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # HVDA553-Q1
Description  5-V CAN TRANSCEIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HVDA553-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  HVDA553-Q1 Datasheet HTML 1Page - Texas Instruments HVDA553-Q1 Datasheet HTML 2Page - Texas Instruments HVDA553-Q1 Datasheet HTML 3Page - Texas Instruments HVDA553-Q1 Datasheet HTML 4Page - Texas Instruments HVDA553-Q1 Datasheet HTML 5Page - Texas Instruments HVDA553-Q1 Datasheet HTML 6Page - Texas Instruments HVDA553-Q1 Datasheet HTML 7Page - Texas Instruments HVDA553-Q1 Datasheet HTML 8Page - Texas Instruments HVDA553-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
HVDA551-Q1
HVDA553-Q1
www.ti.com
SLLSEC4 – JUNE 2013
5-V CAN TRANSCEIVER
WITH I/O LEVEL ADAPTING AND LOW-POWER-MODE SUPPLY OPTIMIZATION
Check for Samples: HVDA551-Q1, HVDA553-Q1
1
FEATURES
RXD Wake Up Request Lock Out on CAN
Bus Stuck Dominant Fault (HVDA551)
Qualified for Automotive Applications
Digital Inputs Compatible With 5-V
Meets or Exceeds the Requirements of
Microprocessors (HVDA553)
ISO 11898-2 and ISO 11898-5
Thermal Shutdown Protection
GIFT/ICT Compliant
Power-Up and -Down Glitch-Free Bus I/O
ESD Protection up to ±12 kV (Human-Body
High Bus Input Impedance When
Model) on Bus Pins
Unpowered (No Bus Load)
I/O Voltage Level Adapting
APPLICATIONS
HVDA551: Adaptable I/O Voltage Range
SAE J2284 High-Speed CAN for Automotive
(VIO) From 3 V to 5.33 V
Applications
SPLIT Voltage Source
SAE J1939 Standard Data Bus Interface
HVDA553: Common-Mode Bus Stabilization
GMW3122 Dual-Wire CAN Physical Layer
Operating Modes:
ISO 11783 Standard Data Bus Interface
Normal Mode
NMEA 2000 Standard Data Bus Interface
Low-Power Standby Mode with RXD Wake-
Up Request
DESCRIPTION
High Electromagnetic Compliance (EMC)
The device is designed and qualified for use in
Supports CAN Flexible Data-Rate (FD)
automotive applications and meets or exceeds the
specifications of the ISO 11898 High Speed CAN
Protection
(Controller Area Network) Physical Layer standard
Undervoltage Protection on VIO and VCC
(transceiver).
Bus-Fault Protection of –27 V to 40 V
TXD Dominant State Time-Out
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - HVDA553-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HVDA553QDRQ1 TI1-HVDA553QDRQ1 Datasheet
921Kb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER-MODE SUPPLY OPTIMIZATION
More results

Similar Description - HVDA553-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD233-HT TI1-SN65HVD233-HT Datasheet
676Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
SN65HVD233-EP TI-SN65HVD233-EP Datasheet
461Kb / 24P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
logo
NXP Semiconductors
UJA1166A NXP-UJA1166A Datasheet
435Kb / 35P
   High-speed CAN transceiver with 5 V LDO and Sleep mode
Rev. 1 ??23 August 2019
logo
Texas Instruments
SN55HVD233-SP TI1-SN55HVD233-SP Datasheet
100Kb / 6P
[Old version datasheet]   3.3-V Radiation Hardened CAN Transceiver
logo
NXP Semiconductors
PCA82C251TD-T NXP-PCA82C251TD-T Datasheet
119Kb / 17P
   CAN transceiver for 24 V systems
Rev. 04-25 August 2011
PCA82C251 PHILIPS-PCA82C251 Datasheet
95Kb / 20P
   CAN transceiver for 24 V systems
2000 Jan 13
PCA82C251 NXP-PCA82C251 Datasheet
151Kb / 16P
   CAN transceiver for 24 V systems
Rev. 04-28 January 2010
PCA82C251N NXP-PCA82C251N Datasheet
119Kb / 17P
   CAN transceiver for 24 V systems
Rev. 04-25 August 2011
logo
Infineon Technologies A...
TLE6250 INFINEON-TLE6250 Datasheet
615Kb / 27P
   CAN-Transceiver
Version 3.4 2002-10-08
logo
Texas Instruments
SN65HVD251 TI-SN65HVD251_06 Datasheet
378Kb / 19P
[Old version datasheet]   CAN TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com