Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD3SS3212RKST Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS3212RKST
Description  Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS3212RKST Datasheet(HTML) 2 Page - Texas Instruments

  HD3SS3212RKST Datasheet HTML 1Page - Texas Instruments HD3SS3212RKST Datasheet HTML 2Page - Texas Instruments HD3SS3212RKST Datasheet HTML 3Page - Texas Instruments HD3SS3212RKST Datasheet HTML 4Page - Texas Instruments HD3SS3212RKST Datasheet HTML 5Page - Texas Instruments HD3SS3212RKST Datasheet HTML 6Page - Texas Instruments HD3SS3212RKST Datasheet HTML 7Page - Texas Instruments HD3SS3212RKST Datasheet HTML 8Page - Texas Instruments HD3SS3212RKST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
HD3SS3212, HD3SS3212I
SLASE74E – MAY 2015 – REVISED MAY 2016
www.ti.com
Product Folder Links: HD3SS3212 HD3SS3212I
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
Electrical Characteristics........................................... 5
7.6
High-Speed Performance Parameters ...................... 5
7.7
Switching Characteristics .......................................... 6
8
Parameter Measurement Information .................. 6
9
Detailed Description .............................................. 8
9.1
Overview ................................................................... 8
9.2
Functional Block Diagram ......................................... 8
9.3
Feature Description................................................... 8
9.4
Device Functional Modes.......................................... 9
10
Application and Implementation........................ 10
10.1
Application Information.......................................... 10
10.2
Typical Applications .............................................. 13
10.3
Systems Examples................................................ 14
11
Power Supply Recommendations ..................... 17
12
Layout................................................................... 17
12.1
Layout Guidelines ................................................. 17
12.2
Layout Example .................................................... 17
13
Device and Documentation Support ................. 18
13.1
Related Links ........................................................ 18
13.2
Community Resources.......................................... 18
13.3
Trademarks ........................................................... 18
13.4
Electrostatic Discharge Caution ............................ 18
13.5
Glossary ................................................................ 18
14
Mechanical, Packaging, and Orderable
Information ........................................................... 18
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (March 2016) to Revision E
Page
Changed Features From: Single Supply Voltage VCC of 3.3 V ±10% To: Single Supply Voltage VCC of 3.3 V .................... 1
Changed text "HD3SS3212 requires 3.3-V ±10%" To: "HD3SS3212 requires 3.3-V" in the Design Requirements
section .................................................................................................................................................................................. 13
Changed Figure 11, moved 0.1 µF capacitors From: pins 7 and 8 To: pins 3 and 4........................................................... 14
Changes from Revision C (January 2016) to Revision D
Page
Changed the VCC MIN value From: 3 V To: 2.7 V in Recommended Operating Conditions ................................................. 4
Changes from Revision B (January 2016) to Revision C
Page
Changed the PINOUT image - pin 1 From: NC To: RSVD1 and pin 10 From: NC To: RSVD2 ........................................... 1
Changed pin 1 From: NC To: RSVD1 , changed pin 10 From: NC To: RSVD2, and updated the Description in the
Pin Functions table ................................................................................................................................................................. 4
Changes from Revision A (August 2015) to Revision B
Page
Changed the Vih MIN value From: 2 V To: 1.7 V in Recommended Operating Conditions .................................................. 4
Changes from Original (May 2015) to Revision A
Page
. Removed "or GND" from NC pin description ...................................................................................................................... 4
Updated Figure 16 ............................................................................................................................................................... 17


Similar Part No. - HD3SS3212RKST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3212RKST TI1-HD3SS3212RKST Datasheet
1Mb / 26P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3212RKSTQ1 TI1-HD3SS3212RKSTQ1 Datasheet
1Mb / 25P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.2 Mux/Demux
More results

Similar Description - HD3SS3212RKST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3212 TI1-HD3SS3212_16 Datasheet
1Mb / 26P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3202 TI1-HD3SS3202 Datasheet
1Mb / 25P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3212 TI-HD3SS3212_15 Datasheet
1Mb / 25P
[Old version datasheet]   HD3SS3212x Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
TMUXHS4212 TI1-TMUXHS4212 Datasheet
4Mb / 26P
[Old version datasheet]   TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
HD3SS3212-Q1 TI1-HD3SS3212-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.2 Mux/Demux
TMUXHS4212 TI1-TMUXHS4212_V01 Datasheet
5Mb / 30P
[Old version datasheet]   TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
logo
Pericom Semiconductor C...
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
   4 Differential Channel, 2:1 Mux/DeMux
logo
Texas Instruments
HD3SS3411-Q1 TI1-HD3SS3411-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
HD3SS3411 TI1-HD3SS3411 Datasheet
1Mb / 21P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
logo
ON Semiconductor
NL3HS3124A ONSEMI-NL3HS3124A Datasheet
120Kb / 7P
   3.3 V, 2 Channel, 2:1 Differential Mux/Demux
December, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com