Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD3SS215IRTQR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS215IRTQR
Description  6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS215IRTQR Datasheet(HTML) 4 Page - Texas Instruments

  HD3SS215IRTQR Datasheet HTML 1Page - Texas Instruments HD3SS215IRTQR Datasheet HTML 2Page - Texas Instruments HD3SS215IRTQR Datasheet HTML 3Page - Texas Instruments HD3SS215IRTQR Datasheet HTML 4Page - Texas Instruments HD3SS215IRTQR Datasheet HTML 5Page - Texas Instruments HD3SS215IRTQR Datasheet HTML 6Page - Texas Instruments HD3SS215IRTQR Datasheet HTML 7Page - Texas Instruments HD3SS215IRTQR Datasheet HTML 8Page - Texas Instruments HD3SS215IRTQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
1
2
3
4
5
6
7
8
9
A
Dx_SEL
VDD
DA0(n)
DA1(n)
DA2(n)
DA3(p)
DA3(n)
B
DC0(n)
DC0(p)
GND
DA0(p)
DA1(p)
DA2(p)
OE
DB0(p)
DB0(n)
C
AUX_SEL
GND
D
DC1(n)
DC1(p)
DB1(p)
DB1(n)
E
DC2(n)
DC2(p)
DB2(p)
DB2(n)
F
DC3(n)
DC3(p)
DB3(p)
DB3(n)
G
GND
GND
H
AUXC(n)
AUXC(p)
HPDB
GND
DDCCLK_B
AUXB(p)
GND
DDCCLK_A
AUXA(p)
J
HPDC
HPDA
DDCCLK_C
VDD
DDCDAT_B
AUXB(n)
DDCDAT_C DDCDAT_A
AUXA(n)
HD3SS215, HD3SS215I
SLAS971D – MAY 2014 – REVISED OCTOBER 2015
www.ti.com
5 Description (Continued)
One typical application would be a mother board that includes two GPUs that need to drive one DisplayPort sink.
The GPU is selected by the Dx_SEL pin. Another application is when one source needs to switch between one
of two sinks, such as a side connector an a docking station connector. The switching is controlled using the
Dx_SEL and AUX_SEL pins. The HD3SS215I operates from a single supply voltage of 3.3 V, over full industrial
temperature range –40°C to 85°C, in the ZQE package and 56 pin RTQ package.
6 Pin Configuration and Functions
50-Pin µBGA
ZQE Package
(Top View)
4
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: HD3SS215


Similar Part No. - HD3SS215IRTQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS215IRTQR TI-HD3SS215IRTQR Datasheet
2Mb / 39P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
More results

Similar Description - HD3SS215IRTQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS215 TI-HD3SS215_V01 Datasheet
2Mb / 39P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215_15 Datasheet
1Mb / 31P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS214 TI1-HD3SS214_16 Datasheet
1Mb / 25P
[Old version datasheet]   8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS214 TI1-HD3SS214 Datasheet
1Mb / 25P
[Old version datasheet]   8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS214 TI-HD3SS214_V01 Datasheet
1Mb / 32P
[Old version datasheet]   HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
HD3SS213 TI-HD3SS213 Datasheet
2Mb / 29P
[Old version datasheet]   HD3SS213 5.4-Gbps DisplayPort 1.2a 2:1 and 1:2 Differential Switch
HD3SS213 TI1-HD3SS213_14 Datasheet
258Kb / 15P
[Old version datasheet]   5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS213ZQER TI1-HD3SS213ZQER Datasheet
257Kb / 14P
[Old version datasheet]   5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
[Old version datasheet]   DisplayPort 1:2 Switch
SN75DP128A TI-SN75DP128A Datasheet
739Kb / 26P
[Old version datasheet]   DisplayPort 1:2 Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com