Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD3SS214ZQER Datasheet(PDF) 9 Page - Texas Instruments

Part # HD3SS214ZQER
Description  8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS214ZQER Datasheet(HTML) 9 Page - Texas Instruments

Back Button HD3SS214ZQER Datasheet HTML 5Page - Texas Instruments HD3SS214ZQER Datasheet HTML 6Page - Texas Instruments HD3SS214ZQER Datasheet HTML 7Page - Texas Instruments HD3SS214ZQER Datasheet HTML 8Page - Texas Instruments HD3SS214ZQER Datasheet HTML 9Page - Texas Instruments HD3SS214ZQER Datasheet HTML 10Page - Texas Instruments HD3SS214ZQER Datasheet HTML 11Page - Texas Instruments HD3SS214ZQER Datasheet HTML 12Page - Texas Instruments HD3SS214ZQER Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
HPDC
DCz(p)
DCz(n)
AUXC(p)
AUXC(n)
Dx_SEL
HPDA
HPDB
AUX_SEL
VDD
OE
GND
AUXA(p)
AUXA(n)
AUXB(p)
AUXB(n)
DDCCLK_A
DDCDAT_A
DDCCLK_B
DDCDAT_B
DAz(p)
DAz(n)
DBz(p)
DBz(n)
SEL
SEL
SEL
SEL2
HD3SS214
SEL=0
SEL=1
SEL=0
SEL=1
4
4
4
4
4
4
(z = 0, 1, 2 or 3)
AUXx(P) or DDCCLK_x
AUXx(n) or DDCDAT_x
DDCCLK_C
DDCDAT_C
Copyright © 2016, Texas Instruments Incorporated
9
HD3SS214
www.ti.com
SLAS907A – DECEMBER 2015 – REVISED JULY 2016
Product Folder Links: HD3SS214
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 High Speed Switching
The HD3SS214 supports switching of 8.1 Gbps data rates. The high speed mux is designed with a wide –3dB
differential bandwidth of 8 GHz and industry leading dynamic characteristics. All of these attributes help maintain
signal integrity in the application. Each high speed port incorporates 20-k
Ω pull down resistors that are switched
in when the port is not selected and switched out when the port is selected. Additionally, high speed differential
pairs at port C have internal 20-kΩ resistor between positive and negative pins


Similar Part No. - HD3SS214ZQER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS214ZQER TI1-HD3SS214ZQER Datasheet
1Mb / 25P
[Old version datasheet]   8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS214ZQER TI-HD3SS214ZQER Datasheet
1Mb / 32P
[Old version datasheet]   HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
More results

Similar Description - HD3SS214ZQER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS214 TI1-HD3SS214 Datasheet
1Mb / 25P
[Old version datasheet]   8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS214 TI-HD3SS214_V01 Datasheet
1Mb / 32P
[Old version datasheet]   HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215 Datasheet
1Mb / 32P
[Old version datasheet]   6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215 TI-HD3SS215_V01 Datasheet
2Mb / 39P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215_15 Datasheet
1Mb / 31P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS213 TI-HD3SS213 Datasheet
2Mb / 29P
[Old version datasheet]   HD3SS213 5.4-Gbps DisplayPort 1.2a 2:1 and 1:2 Differential Switch
HD3SS213 TI1-HD3SS213_14 Datasheet
258Kb / 15P
[Old version datasheet]   5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS213ZQER TI1-HD3SS213ZQER Datasheet
257Kb / 14P
[Old version datasheet]   5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
[Old version datasheet]   DisplayPort 1:2 Switch
SN75DP128A TI-SN75DP128A Datasheet
739Kb / 26P
[Old version datasheet]   DisplayPort 1:2 Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com