Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD3SS215 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS215
Description  6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS215 Datasheet(HTML) 1 Page - Texas Instruments

  HD3SS215 Datasheet HTML 1Page - Texas Instruments HD3SS215 Datasheet HTML 2Page - Texas Instruments HD3SS215 Datasheet HTML 3Page - Texas Instruments HD3SS215 Datasheet HTML 4Page - Texas Instruments HD3SS215 Datasheet HTML 5Page - Texas Instruments HD3SS215 Datasheet HTML 6Page - Texas Instruments HD3SS215 Datasheet HTML 7Page - Texas Instruments HD3SS215 Datasheet HTML 8Page - Texas Instruments HD3SS215 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Source A
Source B
HPDB
DAx(p)
HPDA
DAx(n)
HPDC
AUXAx
DDCA
DDCB
AUXCx
AUXBx
DCx(p)
DCx(n)
DBx(p)
DBx(n)
Control
AUX_SEL
Dx_SEL
DDCC
OE
DP/DP++
HDMI Sink A
DP/DP++
HDMI Sink B
HPDB
DAx(p)
HPDA
DAx(n)
HPDC
AUXAx
DDCA
DDCB
AUXCx
AUXBx
DCx(p)
DCx(n)
Source
DBx(p)
DBx(n)
Control
AUX_SEL
Dx_SEL
DDCC
OE
HD3SS215 2:1
HD3SS215 1:2
4
4
4
4
4
4
2
2
2
2
2
2
4
4
4
4
4
4
4
4
2
2
2
2
2
2
DP/DP++
HDMI sink
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
HD3SS215, HD3SS215I
SLAS971D – MAY 2014 – REVISED OCTOBER 2015
HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
1 Features
3 Description
HD3SS215 is a high-speed wide common mode
1
General Purpose 2:1/1:2 Differential Switch
passive switch capable of supporting DisplayPort
Compatible With DisplayPort Electrical Standard
HBR2 and high definition multimedia interface (HDMI)
Compatible With HDMI Electrical Standards
applications requiring 4k2k 60Hz refresh rates. The
HD3SS215 can be configured to support two sources
2:1 and 1:2 Switching Supporting Data Rates up
to one sink or one source to two sinks. To support
to 6 Gbps
these video standards the HD3SS215 also switches
Supports HPD Switching
the display data channel (DDC) and hot plug detect
Supports AUX and DDC Switching
(HPD) signals for HDMI or digital video interface
(DVI) applications. It also switches the auxiliary (AUX)
Wide –3-dB Differential Bandwidth of 7 GHz
and hot plug detect (HPD) signals for DisplayPort
Excellent Dynamic Characteristics (at 3 GHz)
applications. The flexibility the HD3SS215 provides
Crosstalk = –35 dB
by supporting both wide common mode and AC or
DC
coupled
links
makes
it
ideal
for
many
Isolation = –21 dB
applications.
Insertion Loss = –1.6 dB
Return Loss = –12 dB
Device Information(1)
Max Bit-Bit Skew = 5 ps
PART NUMBER
PACKAGE
BODY SIZE (NOM)
VDD Operating Range 3.3 V ±10%
µBGA (50)
5.00 mm x 5.00 mm
HD3SS215,
HD3SS215I
Commercial Temperature Range: 0°C to 70°C
QFN (56)
8.00 mm × 8.00 mm
(HD3SS215)
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Industrial Temperature Range: –40°C to 85°C
(HD3SS215I)
Application Schematic
Package Options:
5 mm x 5 mm, 50-Ball ZQE
8 mm × 8 mm, 56-Pin RTQ
Output Enable (OE) Pin Disables Switch to Save
Power
Power Consumption:
Active < 9 mW Typical
Standby < 30 µW Maximum (When OE = L)
2 Applications
Desktop and Notebook Applications:
PCI Express Gen 1, Gen 2 Switching
DP Switching
HDMI Switching
LVDS Switching
Docking
UHDTV, HDTV and Monitors
Set Top Boxes
AVRs, Blu-Ray, DVD players
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - HD3SS215

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS215 TI1-HD3SS215 Datasheet
1Mb / 31P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215 TI-HD3SS215 Datasheet
2Mb / 39P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215I TI1-HD3SS215I Datasheet
1Mb / 31P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215I TI-HD3SS215I Datasheet
2Mb / 39P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215IRTQR TI-HD3SS215IRTQR Datasheet
2Mb / 39P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
More results

Similar Description - HD3SS215

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS215 TI-HD3SS215_V01 Datasheet
2Mb / 39P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215_15 Datasheet
1Mb / 31P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS214 TI1-HD3SS214_16 Datasheet
1Mb / 25P
[Old version datasheet]   8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS214 TI1-HD3SS214 Datasheet
1Mb / 25P
[Old version datasheet]   8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS214 TI-HD3SS214_V01 Datasheet
1Mb / 32P
[Old version datasheet]   HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
HD3SS213 TI-HD3SS213 Datasheet
2Mb / 29P
[Old version datasheet]   HD3SS213 5.4-Gbps DisplayPort 1.2a 2:1 and 1:2 Differential Switch
HD3SS213 TI1-HD3SS213_14 Datasheet
258Kb / 15P
[Old version datasheet]   5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS213ZQER TI1-HD3SS213ZQER Datasheet
257Kb / 14P
[Old version datasheet]   5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
[Old version datasheet]   DisplayPort 1:2 Switch
SN75DP128A TI-SN75DP128A Datasheet
739Kb / 26P
[Old version datasheet]   DisplayPort 1:2 Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com