Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT163500APVC Datasheet(PDF) 7 Page - Texas Instruments

Part # CY74FCT163500APVC
Description  18-Bit Registered Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CY74FCT163500APVC Datasheet(HTML) 7 Page - Texas Instruments

Back Button CY74FCT163500APVC Datasheet HTML 2Page - Texas Instruments CY74FCT163500APVC Datasheet HTML 3Page - Texas Instruments CY74FCT163500APVC Datasheet HTML 4Page - Texas Instruments CY74FCT163500APVC Datasheet HTML 5Page - Texas Instruments CY74FCT163500APVC Datasheet HTML 6Page - Texas Instruments CY74FCT163500APVC Datasheet HTML 7Page - Texas Instruments CY74FCT163500APVC Datasheet HTML 8Page - Texas Instruments CY74FCT163500APVC Datasheet HTML 9Page - Texas Instruments CY74FCT163500APVC Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
CY74FCT163500APVC
OBSOLETE
SSOP
DL
56
TBD
Call TI
Call TI
CY74FCT163500APVCT
OBSOLETE
SSOP
DL
56
TBD
Call TI
Call TI
CY74FCT163500CPAC
OBSOLETE
TSSOP
DGG
56
TBD
Call TI
Call TI
CY74FCT163500CPACT
OBSOLETE
TSSOP
DGG
56
TBD
Call TI
Call TI
CY74FCT163500CPVC
OBSOLETE
SSOP
DL
56
TBD
Call TI
Call TI
CY74FCT163500CPVCT
OBSOLETE
SSOP
DL
56
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
30-Mar-2005
Addendum-Page 1


Similar Part No. - CY74FCT163500APVC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163500APVC TI-CY74FCT163500APVC Datasheet
63Kb / 7P
[Old version datasheet]   18-Bit Registered Transceiver
CY74FCT163500APVCT TI-CY74FCT163500APVCT Datasheet
63Kb / 7P
[Old version datasheet]   18-Bit Registered Transceiver
More results

Similar Description - CY74FCT163500APVC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163500 TI-CY74FCT163500 Datasheet
63Kb / 7P
[Old version datasheet]   18-Bit Registered Transceiver
logo
Integrated Device Techn...
IDT74FCT16501AT IDT-IDT74FCT16501AT Datasheet
140Kb / 9P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
IDT74FCT16501AT IDT-IDT74FCT16501AT_06 Datasheet
79Kb / 7P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT16501AT RENESAS-IDT74FCT16501AT Datasheet
241Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
IDT74FCT162501AT RENESAS-IDT74FCT162501AT Datasheet
241Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
IDT74FCT162500AT RENESAS-IDT74FCT162500AT Datasheet
243Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT163501 IDT-IDT74FCT163501 Datasheet
111Kb / 7P
   3.3V CMOS 18-BIT REGISTERED TRANSCEIVER
IDT74FCT16500AT IDT-IDT74FCT16500AT Datasheet
122Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
logo
Texas Instruments
CY74FCT16500T TI-CY74FCT16500T Datasheet
63Kb / 6P
[Old version datasheet]   18-Bit Registered Transceivers
SN54ABT18502 TI-SN54ABT18502 Datasheet
409Kb / 29P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT REGISTERED BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com