Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT163500 Datasheet(PDF) 1 Page - Texas Instruments

Part # CY74FCT163500
Description  18-Bit Registered Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CY74FCT163500 Datasheet(HTML) 1 Page - Texas Instruments

  CY74FCT163500_05 Datasheet HTML 1Page - Texas Instruments CY74FCT163500_05 Datasheet HTML 2Page - Texas Instruments CY74FCT163500_05 Datasheet HTML 3Page - Texas Instruments CY74FCT163500_05 Datasheet HTML 4Page - Texas Instruments CY74FCT163500_05 Datasheet HTML 5Page - Texas Instruments CY74FCT163500_05 Datasheet HTML 6Page - Texas Instruments CY74FCT163500_05 Datasheet HTML 7Page - Texas Instruments CY74FCT163500_05 Datasheet HTML 8Page - Texas Instruments CY74FCT163500_05 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
18-Bit Registered Transceiver
CY74FCT163500
SCCS066 - June 1997 - Revised March 2000
Data sheet acquired from Cypress Semiconductor Corporation.
Data sheet modified to remove devices not offered.
Copyright
© 2000, Texas Instruments Incorporated
Features
• Low power, pin-compatible replacement for LCX and
LPT families
• 5V tolerant inputs and outputs
• 24 mA balanced drive outputs
• Power-off disable outputs permits live insertion
• Edge-rate control circuitry for reduced noise
• FCT-C speed at 4.6 ns
• Latch-up performance exceeds JEDEC standard no. 17
• ESD > 2000V per MIL-STD-883D, Method 3015
• Typical output skew < 250ps
• Industrial temperature range of –40˚C to +85˚C
• TSSOP (19.6-mil pitch) or SSOP (25-mil pitch)
• Typical Volp (ground bounce) performance exceeds Mil
Std 883D
•VCC = 2.7V to 3.6V
Functional Description
The CY74FCT163500 is an 18-bit universal bus transceiver
that can be operated in transparent, latched, or clock modes
by combining D-type latches and D-type flip-flops. Data flow in
each direction is controlled by output-enable (OEAB and
OEBA), latch enable (LEAB and LEBA), and clock inputs
(CLKAB and CLKBA) inputs. For A-to-B data flow, the device
operates in transparent mode when LEAB is HIGH. When
LEAB is LOW, the A data is latched if CLKAB is held at a HIGH
or LOW logic level. If LEAB is LOW, the A bus data is stored in
the latch/flip-flop on the HIGH-to-LOW transition of CLKAB.
OEAB performs the output enable function on the B port. Data
flow from B-to-A is similar to that of A-to-B and is controlled by
OEBA, LEBA, and CLKBA.
The CY74FCT163500 has 24-mA balanced output drivers
with current limiting resistors in the outputs. This reduces the
need for external terminating resistors and provides for
minimal undershoot and reduced ground bounce.The inputs
and outputs are capable of being driven by 5.0V busses,
allowing them to be used in mixed voltage systems as
translators. The outputs are also designed with a power off
disable feature enabling them to be used in applications
requiring live insertion.
GND
Logic Block Diagram
Pin Configuration
1
2
3
4
5
6
7
8
9
10
11
12
33
32
31
30
29
36
35
OEAB
34
SSOP/TSSOP
Top View
13
14
15
16
17
18
19
20
21
22
23
24
45
44
43
42
41
37
38
39
40
48
47
46
LEAB
A1
A2
A3
B1
B2
B3
GND
GND
GND
VCC
A6
A7
A4
A5
B4
B5
B6
B7
VCC
GND
A10
A11
A8
A9
B8
B9
B11
B12
GND
A12
VCC
A16
GND
A14
VCC
A15
A17
TO 17 OTHER CHANNELS
LEAB
OEBA
LEBA
CLKAB
CLKBA
OEAB
C
D
C
D
C
D
C
D
A1
B1
25
26
27
28
49
52
51
50
A13
OEBA
LEBA
GND
A18
CLKAB
53
56
55
54
B10
GND
B14
B15
B13
B16
B17
GND
B18
CLKBA


Similar Part No. - CY74FCT163500_05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163500APVC TI-CY74FCT163500APVC Datasheet
63Kb / 7P
[Old version datasheet]   18-Bit Registered Transceiver
CY74FCT163500APVCT TI-CY74FCT163500APVCT Datasheet
63Kb / 7P
[Old version datasheet]   18-Bit Registered Transceiver
CY74FCT163500CPACT TI-CY74FCT163500CPACT Datasheet
63Kb / 7P
[Old version datasheet]   18-Bit Registered Transceiver
CY74FCT163500CPVC TI-CY74FCT163500CPVC Datasheet
63Kb / 7P
[Old version datasheet]   18-Bit Registered Transceiver
CY74FCT163500CPVCT TI-CY74FCT163500CPVCT Datasheet
63Kb / 7P
[Old version datasheet]   18-Bit Registered Transceiver
More results

Similar Description - CY74FCT163500_05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163500 TI-CY74FCT163500 Datasheet
63Kb / 7P
[Old version datasheet]   18-Bit Registered Transceiver
logo
Integrated Device Techn...
IDT74FCT16501AT IDT-IDT74FCT16501AT Datasheet
140Kb / 9P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
IDT74FCT16501AT IDT-IDT74FCT16501AT_06 Datasheet
79Kb / 7P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT16501AT RENESAS-IDT74FCT16501AT Datasheet
241Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
IDT74FCT162501AT RENESAS-IDT74FCT162501AT Datasheet
241Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
IDT74FCT162500AT RENESAS-IDT74FCT162500AT Datasheet
243Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT163501 IDT-IDT74FCT163501 Datasheet
111Kb / 7P
   3.3V CMOS 18-BIT REGISTERED TRANSCEIVER
IDT74FCT16500AT IDT-IDT74FCT16500AT Datasheet
122Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
logo
Texas Instruments
CY74FCT16500T TI-CY74FCT16500T Datasheet
63Kb / 6P
[Old version datasheet]   18-Bit Registered Transceivers
SN54ABT18502 TI-SN54ABT18502 Datasheet
409Kb / 29P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT REGISTERED BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com