Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC2112QDNTRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # FDC2112QDNTRQ1
Description  Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2112QDNTRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button FDC2112QDNTRQ1 Datasheet HTML 2Page - Texas Instruments FDC2112QDNTRQ1 Datasheet HTML 3Page - Texas Instruments FDC2112QDNTRQ1 Datasheet HTML 4Page - Texas Instruments FDC2112QDNTRQ1 Datasheet HTML 5Page - Texas Instruments FDC2112QDNTRQ1 Datasheet HTML 6Page - Texas Instruments FDC2112QDNTRQ1 Datasheet HTML 7Page - Texas Instruments FDC2112QDNTRQ1 Datasheet HTML 8Page - Texas Instruments FDC2112QDNTRQ1 Datasheet HTML 9Page - Texas Instruments FDC2112QDNTRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
6
FDC2112-Q1, FDC2114-Q1, FDC2212-Q1, FDC2214-Q1
SNOSCZ9 – MAY 2016
www.ti.com
Product Folder Links: FDC2112-Q1 FDC2114-Q1 FDC2212-Q1 FDC2214-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for TA = 25°C, VDD = 3.3 V
(1)
PARAMETER
TEST CONDITIONS(2)
MIN(3)
TYP(4)
MAX(3)
UNIT
MASTER CLOCK
fCLKIN
External master clock input
frequency (CLKIN)
TA = –40°C to 125°C
2
40
MHz
CLKINDUTY_MIN
External master clock
minimum acceptable duty
cycle (CLKIN)
40%
CLKINDUTY_MAX
External master clock
maximum acceptable duty
cycle (CLKIN)
60%
VCLKIN_LO
CLKIN low voltage threshold
0.3 VDD
V
VCLKIN_HI
CLKIN high voltage threshold
0.7 × VDD
V
fINTCLK
Internal master clock
frequency range
35
43.4
55
MHz
TCf_int_μ
Internal master clock
temperature coefficient mean
–13
ppm/°C
(1)
This parameter is specified by design and/or characterization and is not tested in production.
6.6 Timing Requirements
MIN
NOM
MAX
UNIT
tSDWAKEUP
Wake-up time from SD high-low transition to I2C readback
2
ms
tSLEEPWAKEUP Wake-up time from sleep mode
0.05
ms
tWD-TIMEOUT
Sensor recovery time (after watchdog timeout)
5.2
ms
I2C TIMING CHARACTERISTICS
fSCL
Clock frequency
10
400
kHz
tLOW
Clock low time
1.3
μs
tHIGH
Clock high time
0.6
μs
tHD;STA
Hold time (repeated) START condition: after this period, the first clock
pulse is generated
0.6
μs
tSU;STA
Setup time for a repeated START condition
0.6
μs
tHD;DAT
Data hold time
0
μs
tSU;DAT
Data setup time
100
ns
tSU;STO
Setup time for STOP condition
0.6
μs
tBUF
Bus free time between a STOP and START condition
1.3
μs
tVD;DAT
Data valid time
0.9
μs
tVD;ACK
Data valid acknowledge time
0.9
μs
tSP
Pulse width of spikes that must be suppressed by the input filter(1)
50
ns


Similar Part No. - FDC2112QDNTRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FDC2112QDNTRQ1 TI1-FDC2112QDNTRQ1 Datasheet
1Mb / 58P
[Old version datasheet]   Capacitance-to-Digital Converter (FDC) for Capacitive Sensing
FDC2112QDNTRQ1 TI1-FDC2112QDNTRQ1 Datasheet
1Mb / 61P
[Old version datasheet]   EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
More results

Similar Description - FDC2112QDNTRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FDC2212 TI1-FDC2212_16 Datasheet
1Mb / 61P
[Old version datasheet]   EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
logo
Texas Instruments
LDC1612-Q1 TI1-LDC1612-Q1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC)
LDC1312-Q1 TI1-LDC1312-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   Multi-Channel 12-Bit Inductance to Digital Converter (LDC)
logo
Analog Devices
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
logo
Texas Instruments
LDC1612-Q1 TI1-LDC1612-Q1_16 Datasheet
1Mb / 62P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1612 TI1-LDC1612 Datasheet
1Mb / 58P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com