Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC1004Q Datasheet(PDF) 4 Page - Texas Instruments

Part # FDC1004Q
Description  4-Channel Capacitance-to-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC1004Q Datasheet(HTML) 4 Page - Texas Instruments

  FDC1004Q Datasheet HTML 1Page - Texas Instruments FDC1004Q Datasheet HTML 2Page - Texas Instruments FDC1004Q Datasheet HTML 3Page - Texas Instruments FDC1004Q Datasheet HTML 4Page - Texas Instruments FDC1004Q Datasheet HTML 5Page - Texas Instruments FDC1004Q Datasheet HTML 6Page - Texas Instruments FDC1004Q Datasheet HTML 7Page - Texas Instruments FDC1004Q Datasheet HTML 8Page - Texas Instruments FDC1004Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
FDC1004Q
SNOSCZ4 – APRIL 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
Input voltage
VDD
–0.3
6
V
SCL, SDA
–0.3
6
V
at any other pin
–0.3
VDD+0.3
V
Input current
at any pin
3
mA
Junction temperature(2)
150
°C
Storage Temperature
TSTG
-65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The maximum power dissipation is a function of TJ(MAX), RθJA, and the ambient temperature, TA. The maximum allowable power
dissipation at any ambient temperature is PDMAX = (TJ(MAX) - TA)/ RθJA. All numbers apply for packages soldered directly onto a PC
board.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per AEC Q100-002(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per AEC Q100-011
±750
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.3 Recommended Operating Conditions
Over operating temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage (VDD-GND)
3
3.3
3.6
V
Temperature
–40
125
°C
7.4 Thermal Information
FDC1004Q
THERMAL METRIC(1)
VSSOP (DGS)
UNIT
10 PINS
RθJA
Junction-to-ambient thermal resistance
46.8
°C/W
RθJC
Junction-to-case(top) thermal resistance
48.7
°C/W
RθJB
Junction-to-board thermal resistance
70.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: FDC1004Q


Similar Part No. - FDC1004Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FDC1004 TI1-FDC1004 Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004DGSR TI1-FDC1004DGSR Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004DGST TI1-FDC1004DGST Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004DSCJ TI1-FDC1004DSCJ Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004DSCR TI1-FDC1004DSCR Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
More results

Similar Description - FDC1004Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FDC1004 TI1-FDC1004 Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
logo
Quantum Research Group
QT300 QUANTUM-QT300_03 Datasheet
296Kb / 12P
   CAPACITANCE TO DIGITAL CONVERTER
QT300 QUANTUM-QT300 Datasheet
380Kb / 14P
   CAPACITANCE TO DIGITAL CONVERTER
logo
ams AG
TDC-GPX2 AMSCO-TDC-GPX2 Datasheet
1Mb / 77P
   4-Channel Time-to-Digital Converter
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
logo
ON Semiconductor
LC717A10AJ ONSEMI-LC717A10AJ_17 Datasheet
145Kb / 13P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 2
LC717A10AR ONSEMI-LC717A10AR_17 Datasheet
139Kb / 13P
   Capacitance-Digital-Converter
October, 2017 ??Rev. 1
LC717A10PJ ONSEMI-LC717A10PJ_17 Datasheet
154Kb / 14P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com