Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT163373CPVC Datasheet(PDF) 1 Page - Texas Instruments

Part # CY74FCT163373CPVC
Description  16-Bit Latch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CY74FCT163373CPVC Datasheet(HTML) 1 Page - Texas Instruments

  CY74FCT163373CPVC Datasheet HTML 1Page - Texas Instruments CY74FCT163373CPVC Datasheet HTML 2Page - Texas Instruments CY74FCT163373CPVC Datasheet HTML 3Page - Texas Instruments CY74FCT163373CPVC Datasheet HTML 4Page - Texas Instruments CY74FCT163373CPVC Datasheet HTML 5Page - Texas Instruments CY74FCT163373CPVC Datasheet HTML 6Page - Texas Instruments CY74FCT163373CPVC Datasheet HTML 7Page - Texas Instruments CY74FCT163373CPVC Datasheet HTML 8Page - Texas Instruments CY74FCT163373CPVC Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
16-Bit Latch
CY74FCT163373
SCCS053 - March 1997 - Revised March 2000
Data sheet acquired from Cypress Semiconductor Corporation.
Data sheet modified to remove devices not offered.
Copyright
© 2000, Texas Instruments Incorporated
Features
• Low power, pin-compatible replacement for LCX and
LPT families
• 5V tolerant inputs and outputs
• 24 mA balanced drive outputs
• Power-off disable outputs permits live insertion
• Edge-rate control circuitry for reduced noise
• FCT-C speed at 4.2 ns
• Latch-up performance exceeds JEDEC standard no. 17
• Typical output skew < 250 ps
• Industrial temperature range of –40˚C to +85˚C
• TSSOP (19.6-mil pitch) or SSOP (25-mil pitch)
• Typical
Volp (ground bounce) performance exceeds Mil
Std 883D
•VCC = 2.7V to 3.6V
• ESD (HBM) > 2000V
Functional Description
This device is a 16-bit, D-type latch, designed for use in bus
applications requiring high speed and low power. It can either
be used as two independent 8-bit latches, or as a single 16-bit
latch by connecting the Output Enable (OE) and Latch (LE)
inputs. The outputs are 24-mA balanced output drivers with
current limiting resistors to reduce the need for external
terminating resistors and provide for minimal undershoot and
reduced ground bounce. Flow-through pinout and small shrink
packaging aid in simplifying board layout.
The CY74FCT163373 is designed with inputs and outputs
capable of being driven by 5.0V buses, allowing its use in
mixed voltage systems as a translator. The outputs are also
designed with a power off disable feature enabling its use in
applications requiring live insertion.
Logic Block Diagrams CY74FCT163373
Pin Configuration
D
C
1OE
1LE
1D1
1O1
TO 7 OTHER CHANNELS
D
C
2OE
2LE
2D1
2O1
GND
1
2
3
4
5
6
7
8
9
10
11
12
33
32
31
30
29
25
26
27
28
36
35
1OE
34
SSOP/TSSOP
Top View
13
14
15
16
17
18
19
20
21
22
23
24
45
44
43
42
41
37
38
39
40
48
47
46
1O1
1O2
1O3
1O4
1D1
1D2
1D3
1D4
1LE
GND
GND
VCC
1O7
1O8
1O5
1O6
1D5
1D6
1D7
1D8
VCC
GND
GND
2O3
2O4
2O1
2O2
2D1
2D2
2D3
2D4
GND
GND
VCC
2O7
2O8
2O5
2O6
2D5
2D6
2D7
2D8
VCC
GND
2OE
2LE
TO 7 OTHER CHANNELS


Similar Part No. - CY74FCT163373CPVC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163373CPVC TI-CY74FCT163373CPVC Datasheet
58Kb / 6P
[Old version datasheet]   16-Bit Latch
CY74FCT163373CPVCT TI-CY74FCT163373CPVCT Datasheet
58Kb / 6P
[Old version datasheet]   16-Bit Latch
More results

Similar Description - CY74FCT163373CPVC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163373 TI-CY74FCT163373 Datasheet
58Kb / 6P
[Old version datasheet]   16-Bit Latch
logo
Integrated Device Techn...
74FCT163373PV IDT-74FCT163373PV Datasheet
353Kb / 7P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
logo
ON Semiconductor
74VCX162373 ONSEMI-74VCX162373 Datasheet
262Kb / 10P
   Low Voltage 16-Bit Transparent Latch
Revised June 2005
logo
Integrated Device Techn...
IDT74FCT163373 IDT-IDT74FCT163373 Datasheet
100Kb / 7P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
logo
Renesas Technology Corp
IDT74FCT163373A RENESAS-IDT74FCT163373A Datasheet
239Kb / 8P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
SEPTEMBER 2009
logo
NXP Semiconductors
74ABT16373B PHILIPS-74ABT16373B Datasheet
86Kb / 10P
   16-bit transparent latch 3-State
1998 Feb 27
logo
ON Semiconductor
74LCX162373 ONSEMI-74LCX162373 Datasheet
239Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised May 2005
logo
Integrated Device Techn...
IDT74FCT16373AT IDT-IDT74FCT16373AT_17 Datasheet
92Kb / 7P
   FAST CMOS 16-BIT TRANSPARENT LATCH
logo
Renesas Technology Corp
IDT74FCT162373AT RENESAS-IDT74FCT162373AT Datasheet
286Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCH
MARCH 2015
logo
Integrated Device Techn...
IDT74FCT162373AT IDT-IDT74FCT162373AT_06 Datasheet
74Kb / 7P
   FAST CMOS 16-BIT TRANSPARENT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com