Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT163373 Datasheet(PDF) 3 Page - Texas Instruments

Part # CY74FCT163373
Description  16-Bit Latch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CY74FCT163373 Datasheet(HTML) 3 Page - Texas Instruments

  CY74FCT163373 Datasheet HTML 1Page - Texas Instruments CY74FCT163373 Datasheet HTML 2Page - Texas Instruments CY74FCT163373 Datasheet HTML 3Page - Texas Instruments CY74FCT163373 Datasheet HTML 4Page - Texas Instruments CY74FCT163373 Datasheet HTML 5Page - Texas Instruments CY74FCT163373 Datasheet HTML 6Page - Texas Instruments CY74FCT163373 Datasheet HTML 7Page - Texas Instruments CY74FCT163373 Datasheet HTML 8Page - Texas Instruments CY74FCT163373 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CY74FCT163373
3
Electrical Characteristics For Balanced Drive Devices Over the Operating Range VCC=2.7V to 3.6V
Parameter
Description
Test Conditions
Min.
Typ.[4]
Max.
Unit
IODL
Output LOW Dynamic Current[6]
VCC=3.3V, VIN=VIH or VIL, VOUT=1.5V
45
180
mA
IODH
Output HIGH Dynamic Current[6]
VCC=3.3V, VIN=VIH or VIL, VOUT=1.5V
–45
–180
mA
VOH
Output HIGH Voltage
VCC=Min., IOH= –0.1 mA
VCC–0.2
V
VCC=Min., IOH= –8 mA
2.4[8]
3.0
V
VCC=3.0V, IOH= –24 mA
2.0
3.0
V
VOL
Output LOW Voltage
VCC=Min., IOL= 0.1mA
0.2
V
VCC=Min., IOL= 24 mA
0.3
0.55
Note:
8.
VOH=VCC–0.6 V at rated current.
Capacitance[5](TA = +25˚C, f = 1.0 MHz)
Parameter
Description
Test Conditions
Typ.[4]
Max.
Unit
CIN
Input Capacitance
VIN = 0V
4.5
6.0
pF
COUT
Output Capacitance
VOUT = 0V
5.5
8.0
pF
Power Supply Characteristics
Parameter
Description
Test Conditions
Typ.[4]
Max.
Unit
ICCD
Dynamic Power Supply
Current[9]
VCC=Max., One Input Toggling,
50% Duty Cycle,
Outputs Open, OE=GND
VIN=VCC or
VIN=GND
50
75
µA/MHz
IC
Total Power Supply
Current[10]
VCC=Max., f1=10 MHz, 50% Duty
Cycle, Outputs Open,
One Bit Toggling, OE=GND
VIN=VCC or
VIN=GND
0.5
0.8
mA
VIN=VCC–0.6V or
VIN=GND
0.5
0.8
mA
VCC=Max., f1=2.5 MHz, 50% Duty
Cycle, Outputs Open, Sixteen Bits
Toggling, OE=GND
VIN=VCC or
VIN=GND
2.0
3.0[11]
mA
VIN=VCC–0.6V or
VIN=GND
2.0
3.3[11]
mA


Similar Part No. - CY74FCT163373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163373 TI-CY74FCT163373 Datasheet
58Kb / 6P
[Old version datasheet]   16-Bit Latch
CY74FCT163373CPACT TI-CY74FCT163373CPACT Datasheet
58Kb / 6P
[Old version datasheet]   16-Bit Latch
CY74FCT163373CPVC TI-CY74FCT163373CPVC Datasheet
58Kb / 6P
[Old version datasheet]   16-Bit Latch
CY74FCT163373CPVCT TI-CY74FCT163373CPVCT Datasheet
58Kb / 6P
[Old version datasheet]   16-Bit Latch
CY74FCT163373SSOP TI-CY74FCT163373SSOP Datasheet
58Kb / 6P
[Old version datasheet]   16-Bit Latch
More results

Similar Description - CY74FCT163373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163373 TI-CY74FCT163373 Datasheet
58Kb / 6P
[Old version datasheet]   16-Bit Latch
logo
Integrated Device Techn...
74FCT163373PV IDT-74FCT163373PV Datasheet
353Kb / 7P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
logo
ON Semiconductor
74VCX162373 ONSEMI-74VCX162373 Datasheet
262Kb / 10P
   Low Voltage 16-Bit Transparent Latch
Revised June 2005
logo
Integrated Device Techn...
IDT74FCT163373 IDT-IDT74FCT163373 Datasheet
100Kb / 7P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
logo
Renesas Technology Corp
IDT74FCT163373A RENESAS-IDT74FCT163373A Datasheet
239Kb / 8P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
SEPTEMBER 2009
logo
NXP Semiconductors
74ABT16373B PHILIPS-74ABT16373B Datasheet
86Kb / 10P
   16-bit transparent latch 3-State
1998 Feb 27
logo
ON Semiconductor
74LCX162373 ONSEMI-74LCX162373 Datasheet
239Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised May 2005
logo
Integrated Device Techn...
IDT74FCT16373AT IDT-IDT74FCT16373AT_17 Datasheet
92Kb / 7P
   FAST CMOS 16-BIT TRANSPARENT LATCH
logo
Renesas Technology Corp
IDT74FCT162373AT RENESAS-IDT74FCT162373AT Datasheet
286Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCH
MARCH 2015
logo
Integrated Device Techn...
IDT74FCT162373AT IDT-IDT74FCT162373AT_06 Datasheet
74Kb / 7P
   FAST CMOS 16-BIT TRANSPARENT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com