Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS89C21TMX Datasheet(PDF) 3 Page - Texas Instruments

Part # DS89C21TMX
Description  Differential CMOS Line Driver and Receiver Pair
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS89C21TMX Datasheet(HTML) 3 Page - Texas Instruments

  DS89C21TMX Datasheet HTML 1Page - Texas Instruments DS89C21TMX Datasheet HTML 2Page - Texas Instruments DS89C21TMX Datasheet HTML 3Page - Texas Instruments DS89C21TMX Datasheet HTML 4Page - Texas Instruments DS89C21TMX Datasheet HTML 5Page - Texas Instruments DS89C21TMX Datasheet HTML 6Page - Texas Instruments DS89C21TMX Datasheet HTML 7Page - Texas Instruments DS89C21TMX Datasheet HTML 8Page - Texas Instruments DS89C21TMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DS89C21
www.ti.com
SNLS091C – JUNE 1998 – REVISED APRIL 2013
Electrical Characteristics
(1) (2)
Over recommended supply voltage and operating temperature ranges, unless otherwise specified.
Symbol
Parameter
Conditions
Pin
Min
Typ
Max
Units
DRIVER CHARACTERISTICS
VIH
Input Voltage HIGH
2.0
VCC
V
VIL
Input Voltage LOW
DI
GND
0.8
V
IIH, IIL
Input Current
V IN = VCC, GND, 2.0V, 0.8V
0.05
±10
μA
VCL
Input Clamp Voltage
I IN = −18 mA
−1.5
V
VOD1
Unloaded Output Voltage
No Load
DO,
4.2
6.0
V
DO*
VOD2
Differential Output Voltage
R L = 100Ω
2.0
3.0
V
ΔVOD2
Change in Magnitude of V OD2
5.0
400
mV
for Complementary Output States
VOD3
Differential Output Voltage
R L = 150Ω
2.1
3.1
V
VOD4
Differential Output Voltage
R L = 3.9 kΩ
4.0
6.0
V
VOC
Common Mode Voltage
R L = 100Ω
2.0
3.0
V
ΔVOC
Change in Magnitude of V OC
2.0
400
mV
for Complementary Output States
IOSD
Output Short Circuit Current
V OUT = 0V
−30
−115
−150
mA
IOFF
Output Leakage Current
VCC = 0V
VOUT = +6V
0.03
+100
μA
VOUT = −0.25V
−0.08
−100
μA
RECEIVER CHARACTERISTICS
VTL, VTH
Differential Thresholds
V IN = +7V, 0V, −7V
RI,
−200
±25
+200
mV
RI*
VHYS
Hysteresis
V CM = 0V
20
50
mV
RIN
Input Impedance
V IN = −7V, +7V, Other = 0V
5.0
9.5
k
Ω
IIN
Input Current
Other Input = 0V,
VIN = +10V
+1.0
+1.5
mA
VCC = 5.5V and
VIN = +3.0V
0
+0.22
mA
VCC = 0V
VIN = +0.5V
−0.04
mA
VIN = −3V
0
−0.41
mA
VIN = −10V
−1.25
−2.5
mA
VOH
Output HIGH Voltage
IOH = −6 mA
VDIFF = +1V
RO
3.8
4.9
V
VDIFF = OPEN
3.8
4.9
V
VOL
Output LOW Voltage
I OL = +6 mA, VDIFF = −1V
0.08
0.3
V
IOSR
Output Short Circuit Current
V OUT = 0V
−25
−85
−150
mA
DRIVER AND RECEIVER CHARACTERISTICS
ICC
Supply Current
No Load
DI = VCC or GND
VCC
3.0
6
mA
DI = 2.4V or 0.5V
3.8
12
mA
(1)
Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground
unless otherwise specified.
(2)
All typicals are given for VCC = 5.0V and T A = 25°C.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS89C21


Similar Part No. - DS89C21TMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS89C21TM NSC-DS89C21TM Datasheet
78Kb / 6P
   Differential CMOS Line Driver and Receiver Pair
More results

Similar Description - DS89C21TMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS89C21 NSC-DS89C21 Datasheet
78Kb / 6P
   Differential CMOS Line Driver and Receiver Pair
logo
Texas Instruments
DS8921 TI1-DS8921_15 Datasheet
1Mb / 20P
[Old version datasheet]   Differential Line Driver and Receiver Pair
logo
National Semiconductor ...
DS8921 NSC-DS8921 Datasheet
244Kb / 8P
   Differential Line Driver and Receiver Pair
logo
Texas Instruments
DS8921 TI1-DS8921_V01 Datasheet
1Mb / 21P
[Old version datasheet]   DS8921x Differential Line Driver and Receiver Pair
SN65LBC180-Q1 TI1-SN65LBC180-Q1 Datasheet
276Kb / 17P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC491 LINER-LTC491 Datasheet
236Kb / 12P
   Differential Driver and Receiver Pair
LTC490 LINER-LTC490_04 Datasheet
165Kb / 12P
   Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181_10 Datasheet
870Kb / 15P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75179B TI-SN75179B Datasheet
140Kb / 9P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC490 LINER-LTC490_15 Datasheet
174Kb / 12P
   Differential Driver and Receiver Pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com