Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS80PCI810NJYR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DS80PCI810NJYR
Description  Low-Power 8 Gbps 8-Channel Linear Repeater
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS80PCI810NJYR Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS80PCI810NJYR Datasheet HTML 2Page - Texas Instruments DS80PCI810NJYR Datasheet HTML 3Page - Texas Instruments DS80PCI810NJYR Datasheet HTML 4Page - Texas Instruments DS80PCI810NJYR Datasheet HTML 5Page - Texas Instruments DS80PCI810NJYR Datasheet HTML 6Page - Texas Instruments DS80PCI810NJYR Datasheet HTML 7Page - Texas Instruments DS80PCI810NJYR Datasheet HTML 8Page - Texas Instruments DS80PCI810NJYR Datasheet HTML 9Page - Texas Instruments DS80PCI810NJYR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
DS80PCI810
SNLS493A – OCTOBER 2014 – REVISED JANUARY 2015
www.ti.com
Pin Functions(1) (continued)
PIN NAME
PIN NUMBER
I/O, TYPE
DESCRIPTION
I, 4-LEVEL,
Reserved
RESERVED3
19
LVCMOS
This input must be tied via external 1 k
Ω to GND.
CONTROL PINS — BOTH PIN AND SMBUS MODES (LVCMOS)
The RXDET pin controls the RX detection function. Depending on the
I, 4-LEVEL,
input level, a 50
Ω or >50 kΩ termination to the power rail is enabled.
RXDET
22
LVCMOS
Keep this input floating for normal PCIe operation.
See Table 2.
I, 4-LEVEL,
Reserved
RESERVED1
23
LVCMOS
This input must be left floating.
Controls the internal regulator
Float = 2.5 V mode
VDD_SEL
25
I, FLOAT
Tie to GND = 3.3 V mode
See Figure 31.
Tie High = Low power - Power Down
PWDN
52
I, LVCMOS
Tie to GND = Normal Operation
See Table 2.
Valid Register Load Status Output
ALL_DONE
27
O, LVCMOS
HIGH = External EEPROM load failed or incomplete
LOW = External EEPROM load passed
POWER
In 3.3 V mode, feed 3.3 V to VIN
VIN
24
Power
In 2.5 V mode, leave floating.
Power Supply for CML and Analog Pins
In 2.5 V mode, connect to 2.5 V
VDD
9, 14, 36, 41, 51
Power
In 3.3 V mode, connect 0.1 µF cap to each VDD Pin and GND
See Figure 31 for proper power supply decoupling .
GND
DAP
Power
Ground pad (DAP - die attach pad).
6
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated


Similar Part No. - DS80PCI810NJYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS80PCI800 TI1-DS80PCI800 Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater with Equalization and De-Emphasis
DS80PCI800SQ TI1-DS80PCI800SQ Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater with Equalization and De-Emphasis
DS80PCI800SQ TI1-DS80PCI800SQ Datasheet
3Mb / 45P
[Old version datasheet]   DS80PCI800 2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater
DS80PCI800SQ/NOPB TI1-DS80PCI800SQ/NOPB Datasheet
3Mb / 45P
[Old version datasheet]   DS80PCI800 2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater
DS80PCI800SQE TI1-DS80PCI800SQE Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater with Equalization and De-Emphasis
More results

Similar Description - DS80PCI810NJYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS280BR810 TI1-DS280BR810 Datasheet
890Kb / 11P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
DS280BR820 TI1-DS280BR820 Datasheet
633Kb / 8P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
DS280MB810 TI1-DS280MB810 Datasheet
880Kb / 13P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
DS125BR820 TI1-DS125BR820 Datasheet
2Mb / 62P
[Old version datasheet]   Low-Power 12.5 Gbps 8-Channel Linear Repeater
DS125BR800A TI1-DS125BR800A_14 Datasheet
1Mb / 54P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR800A TI1-DS125BR800A Datasheet
1Mb / 53P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS80PCI800SQ TI1-DS80PCI800SQ Datasheet
3Mb / 45P
[Old version datasheet]   DS80PCI800 2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater
DS100KR800 TI1-DS100KR800 Datasheet
3Mb / 33P
[Old version datasheet]   Ultra Low Power, 8-Channel Repeater for Data-rates up to 10.3 Gbps
DS125BR800 TI1-DS125BR800 Datasheet
1Mb / 59P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel Repeater With Input Equalization and Output De-Emphasis
DS125BR401A TI1-DS125BR401A Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12 Gbps 4-Lane Linear Repeater With Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com