Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM3310E Datasheet(PDF) 6 Page - Analog Devices

Part # ADM3310E
Description  15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3310E Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM3310E Datasheet HTML 2Page - Analog Devices ADM3310E Datasheet HTML 3Page - Analog Devices ADM3310E Datasheet HTML 4Page - Analog Devices ADM3310E Datasheet HTML 5Page - Analog Devices ADM3310E Datasheet HTML 6Page - Analog Devices ADM3310E Datasheet HTML 7Page - Analog Devices ADM3310E Datasheet HTML 8Page - Analog Devices ADM3310E Datasheet HTML 9Page - Analog Devices ADM3310E Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. G
–6–
ADM3307E/ADM3310E/ADM3311E/ADM3312E/ADM3315E
PIN CONFIGURATIONS
128
C2
V
2
3
7
27
26
22
8
9
10
21
20
19
11
12
18
17
4
5
25
24
623
13
14
16
15
R3IN
R1IN
T1OUT
T2OUT
T3OUT
V
C1
C3
C3
GND
R2IN
T5OUT
T4OUT
R3OUT
VCC
C1
SD
R1OUT
T3IN
R2OUT
T1IN
T2IN
EN
C2
T4IN
T5IN
ADM3307E
TOP VIEW
(Not to Scale)
ADM3307E
TOP VIEW
(Not to Scale)
24
1
2
3
4
5
6
7
8
18
19
20
21
22
T4IN
T3IN
T2IN
T1IN
NC
SD
EN
T5IN
T4OUT
T2OUT
T1OUT
GND
V–
T3OUT
GND
PIN 1
IDENTIFIER
23
17 T5OUT
ADM3307E
128
C3
V
2
3
7
27
26
22
8
9
10
21
20
19
11
12
18
17
4
5
25
24
623
13
14
16
15
R3IN
R1IN
T1OUT
T2OUT
T3OUT
V
SD
C1
C3
GND
R2IN
R5OUT
C2
C2
R3OUT
T3IN
R4OUT
T1IN
T2IN
EN
VCC
ADM3310E/
ADM3311E
TOP VIEW
(Not to Scale)
C1
R1OUT
R2OUT
R5IN
R4IN
ADM3310E/
ADM3311E
TOP VIEW
(Not to Scale)
24
1
2
3
4
5
6
7
8
18
19
20
21
22
R1OUT
T3IN
T2IN
T1IN
EN
R1IN
T2OUT
T1OUT
SD
T3OUT
C1+
C1–
PIN 1
IDENTIFIER
23
17
NC
R2IN
NC
R2OUT
ADM3310E/ADM3311E
1
C3
V
2
3
7
22
8
9
10
21
20
19
11
12
18
17
4
5
24
6
23
R3IN
R1IN
T1OUT
T2OUT
T3OUT
V
SD
C1
C3
GND
R2IN
C2
C2
R3OUT
T3IN
T1IN
T2IN
EN
VCC
ADM3312E/
ADM3315E
TOP VIEW
(Not to Scale)
C1
R1OUT
R2OUT
16
15
14
13
ADM3312E/
ADM3315E
TOP VIEW
(Not to Scale)
24
1
2
3
4
5
6
7
8
18
19
20
21
22
T3IN
T2IN
T1IN
EN
NC
T2OUT
T1OUT
SD
T3OUT
C1+
C1–
PIN 1
IDENTIFIER
23
17
NC
NC
NC
NC
NC
ADM3312E/ADM3315E


Similar Part No. - ADM3310E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3310E AD-ADM3310E Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3310E AD-ADM3310E Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
ADM3310EACPZ AD-ADM3310EACPZ Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
ADM3310EACPZ AD-ADM3310EACPZ Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
ADM3310EACPZ-REEL AD-ADM3310EACPZ-REEL Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
More results

Similar Description - ADM3310E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3312EARUZ AD-ADM3312EARUZ Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
ADM3307E AD-ADM3307E_V01 Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
ADM3311E AD-ADM3311E Datasheet
180Kb / 12P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle?
REV. A
ADM3307E AD-ADM3307E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3310E AD-ADM3310E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3311E AD-ADM3311E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3312E AD-ADM3312E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3315E AD-ADM3315E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3075EWYRZ AD-ADM3075EWYRZ Datasheet
528Kb / 20P
   3.3 V, 15,-15 kV ESD-Protected
Rev. E
ADM485E AD-ADM485E_V01 Datasheet
285Kb / 16P
   5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com