Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS80PCI402 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DS80PCI402
Description  2.5-Gbps / 5.0-Gbps / 8.0-Gbps 4-Lane PCI-Express Repeater With Equalization and De-Emphasis
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS80PCI402 Datasheet(HTML) 5 Page - Texas Instruments

  DS80PCI402 Datasheet HTML 1Page - Texas Instruments DS80PCI402 Datasheet HTML 2Page - Texas Instruments DS80PCI402 Datasheet HTML 3Page - Texas Instruments DS80PCI402 Datasheet HTML 4Page - Texas Instruments DS80PCI402 Datasheet HTML 5Page - Texas Instruments DS80PCI402 Datasheet HTML 6Page - Texas Instruments DS80PCI402 Datasheet HTML 7Page - Texas Instruments DS80PCI402 Datasheet HTML 8Page - Texas Instruments DS80PCI402 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
DS80PCI402
www.ti.com
SNLS324E – APRIL 2011 – REVISED JANUARY 2015
Pin Functions(1)(2)(3)(4) (continued)
PIN
I/O, TYPE
DESCRIPTION
NAME
NUMBER
O, 2-
Valid register load status output
ALL_DONE
27
LEVEL,
HIGH = External EEPROM load failed or incomplete
LVCMOS
LOW = External EEPROM load passed
ENSMB = 0 (PIN MODE)
EQA[1:0] and EQB[1:0] control the level of equalization on the input pins. The pins are
active only when ENSMB is deasserted (low). The 8 channels are organized into two
EQA0, EQA1,
20, 19, 46,
I, 4-LEVEL,
banks. Bank A is controlled with the EQA[1:0] pins and bank B is controlled with the
EQB0, EQB1
47
LVCMOS
EQB[1:0] pins. When ENSMB goes high the SMBus registers provide independent
control of each channel. The EQB[1:0] pins are converted to SMBUS AD2/AD3 inputs.
See Table 2.
DEMA[1:0] and DEMB[1:0] control the level of de-emphasis of the output driver. The
pins are only active when ENSMB is deasserted (low). The 8 channels are organized
into two banks. Bank A is controlled with the DEMA[1:0] pins and bank B is controlled
DEMA0, DEMA1,
49, 50, 53,
I, 4-LEVEL,
with the DEMB[1:0] pins. When ENSMB goes high the SMBus registers provide
DEMB0, DEMB1
54
LVCMOS
independent control of each channel. The DEMA[1:0] pins are converted to SMBUS
SCL/SDA and DEMB[1:0] pins are converted to AD0, AD1 inputs.
See Table 3.
CONTROL PINS — BOTH PIN AND SMBUS MODES (LVCMOS)
RATE control pin selects GEN 1,2 and GEN 3 operating modes.
Tie 1 k
Ω to GND = GEN 1,2
I, 4-LEVEL,
RATE
21
FLOAT = AUTO Rate Select of Gen1/2 and Gen3 with de-emphasis
LVCMOS
Tie 20 k
Ω to GND = GEN 3 without de-emphasis
Tied 1 k
Ω to VDD = RESERVED
The RXDET pin controls the receiver detect function. Depending on the input level, a 50-
I, 4-LEVEL,
RXDET
22
Ω or > 50-kΩ termination to the power rail is enabled.
LVCMOS
See Table 4.
Controls the loopback function
I, 4-LEVEL,
Tie 1 k
Ω to GND = Root Complex Loopback (INA_n to OUTB_n)
LPBK
23
LVCMOS
Float = Normal Operation
Tie 1 k
Ω to VDD = End-point Loopback (INB_n to OUTA_n)
Controls the internal regulator
FLOAT = 2.5-V mode
VDD_SEL
25
I, LVCMOS
Tie GND = 3.3-V mode
See Figure 14.
I, 4-LEVEL,
Controls the internal Signal Detect Threshold.
SD_TH
26
LVCMOS
See Table 5.
Cable Present Detect input. High when a cable is not present per PCIe Cabling Spec.
I, 2-LEVEL,
PRSNT
52
1.0. Puts part into low power mode. When LOW (normal operation) part is enabled.
LVCMOS
See Table 4.
POWER
In 3.3-V mode, feed 3.3 V to VIN
VIN
24
Power
In 2.5-V mode, leave floating
Power supply pins
9, 14, 36,
VDD
Power
2.5-V mode, connect to 2.5-V supply
41, 51
3.3-V mode, connect 0.1-µF capacitor to each VDD pin (output of LDO)
GND
DAP
Power
Ground pad (DAP - die attach pad)
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS80PCI402


Similar Part No. - DS80PCI402

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS80PCI402 TI1-DS80PCI402 Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402SQ TI1-DS80PCI402SQ Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402SQE TI1-DS80PCI402SQE Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
More results

Similar Description - DS80PCI402

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS80PCI402 TI1-DS80PCI402 Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI102 TI1-DS80PCI102_15 Datasheet
3Mb / 46P
[Old version datasheet]   2.5-Gbps / 5.0-Gbps / 8.0-Gbps 1-Lane PCI-Express Repeater With Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402_14 Datasheet
904Kb / 35P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI102 TI1-DS80PCI102 Datasheet
278Kb / 6P
[Old version datasheet]   DS80PCI102 2.5 Gbps / 5.0 Gbps / 8.0 Gbps 1 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402SQ TI-DS50PCI402SQ Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402 Datasheet
743Kb / 36P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402_15 Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI401 TI1-DS50PCI401_13 Datasheet
1Mb / 36P
[Old version datasheet]   DS50PCI401 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI800 TI1-DS80PCI800 Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater with Equalization and De-Emphasis
logo
National Semiconductor ...
DS50PCI401 NSC-DS50PCI401 Datasheet
939Kb / 32P
   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Transceiver with Equalization and De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com