Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT841CTQCTE4 Datasheet(PDF) 3 Page - Texas Instruments

Part # CY74FCT841CTQCTE4
Description  10-BIT LATCHES WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CY74FCT841CTQCTE4 Datasheet(HTML) 3 Page - Texas Instruments

  CY74FCT841CTQCTE4 Datasheet HTML 1Page - Texas Instruments CY74FCT841CTQCTE4 Datasheet HTML 2Page - Texas Instruments CY74FCT841CTQCTE4 Datasheet HTML 3Page - Texas Instruments CY74FCT841CTQCTE4 Datasheet HTML 4Page - Texas Instruments CY74FCT841CTQCTE4 Datasheet HTML 5Page - Texas Instruments CY74FCT841CTQCTE4 Datasheet HTML 6Page - Texas Instruments CY74FCT841CTQCTE4 Datasheet HTML 7Page - Texas Instruments CY74FCT841CTQCTE4 Datasheet HTML 8Page - Texas Instruments CY74FCT841CTQCTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CY54FCT841T, CY74FCT841T
10-BIT LATCHES
WITH 3-STATE OUTPUTS
SCCS035A – SEPTEMBER 1994 – REVISED OCTOBER 2001
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range to ground potential
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC input voltage range
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC output voltage range
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC output current (maximum sink current/pin)
120 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 1): P package
67
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 2): Q package
61
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 2): SO package
46
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Ambient temperature range with power applied, TA
–65
°C to 135°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The package thermal impedance is calculated in accordance with JESD 51-3.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 3)
CY54FCT841T
CY74FCT841T
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.75
5
5.25
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IOH
High-level output current
–12
–32
mA
IOL
Low-level output current
32
64
mA
TA
Operating free-air temperature
–55
125
–40
85
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation.


Similar Part No. - CY74FCT841CTQCTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT841CTQCT TI-CY74FCT841CTQCT Datasheet
84Kb / 8P
[Old version datasheet]   10-Bit Latch
More results

Similar Description - CY74FCT841CTQCTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY54FCT373T TI1-CY54FCT373T_14 Datasheet
686Kb / 12P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
CY54FCT573T TI1-CY54FCT573T_14 Datasheet
687Kb / 12P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
CY54FCT573T TI-CY54FCT573T_08 Datasheet
311Kb / 12P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
CY74FCT373T TI-CY74FCT373T Datasheet
111Kb / 8P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
SN74ALS841 TI1-SN74ALS841_15 Datasheet
265Kb / 13P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS841 TI-SN54ALS841 Datasheet
141Kb / 11P
[Old version datasheet]   10-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS841 TI-SN74ALS841 Datasheet
131Kb / 9P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT841 TI-SN54ABT841 Datasheet
109Kb / 7P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74BCT29841 TI-SN74BCT29841 Datasheet
75Kb / 5P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54BCT29841 TI1-SN54BCT29841_08 Datasheet
89Kb / 5P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com