Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT2245T Datasheet(PDF) 11 Page - Texas Instruments

Part # CY74FCT2245T
Description  8-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CY74FCT2245T Datasheet(HTML) 11 Page - Texas Instruments

Back Button CY74FCT2245T_16 Datasheet HTML 7Page - Texas Instruments CY74FCT2245T_16 Datasheet HTML 8Page - Texas Instruments CY74FCT2245T_16 Datasheet HTML 9Page - Texas Instruments CY74FCT2245T_16 Datasheet HTML 10Page - Texas Instruments CY74FCT2245T_16 Datasheet HTML 11Page - Texas Instruments CY74FCT2245T_16 Datasheet HTML 12Page - Texas Instruments CY74FCT2245T_16 Datasheet HTML 13Page - Texas Instruments CY74FCT2245T_16 Datasheet HTML 14Page - Texas Instruments CY74FCT2245T_16 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
10.63
9.97
2.65 MAX
18X 1.27
20X 0.51
0.31
2X
11.43
TYP
0.33
0.10
0 - 8
0.3
0.1
0.25
GAGE PLANE
1.27
0.40
A
NOTE 3
13.0
12.6
B
7.6
7.4
4220724/A 05/2016
SOIC - 2.65 mm max height
DW0020A
SOIC
NOTES:
1. All linear dimensions are in millimeters. Dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.43 mm per side.
5. Reference JEDEC registration MS-013.
1
20
0.25
C A B
11
10
PIN 1 ID
AREA
NOTE 4
SEATING PLANE
0.1 C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 1.200


Similar Part No. - CY74FCT2245T_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT2245TDIP TI-CY74FCT2245TDIP Datasheet
66Kb / 7P
[Old version datasheet]   8-Bit Transceiver
CY74FCT2245TQCT TI-CY74FCT2245TQCT Datasheet
66Kb / 7P
[Old version datasheet]   8-Bit Transceiver
CY74FCT2245TQSOP TI-CY74FCT2245TQSOP Datasheet
66Kb / 7P
[Old version datasheet]   8-Bit Transceiver
CY74FCT2245TSOC TI-CY74FCT2245TSOC Datasheet
66Kb / 7P
[Old version datasheet]   8-Bit Transceiver
CY74FCT2245TSOCT TI-CY74FCT2245TSOCT Datasheet
66Kb / 7P
[Old version datasheet]   8-Bit Transceiver
More results

Similar Description - CY74FCT2245T_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT652T TI1-CY74FCT652T_14 Datasheet
624Kb / 16P
[Old version datasheet]   8-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
CY74FCT2543ATQCTE4 TI-CY74FCT2543ATQCTE4 Datasheet
619Kb / 14P
[Old version datasheet]   8-BIT LATCHED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16863 TI-SN74ALVCH16863 Datasheet
115Kb / 8P
[Old version datasheet]   18-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74ABT16245 FAIRCHILD-74ABT16245 Datasheet
92Kb / 8P
   16-Bit Transceiver with 3-STATE Outputs
logo
Pericom Semiconductor C...
PI74LVC3245ALE PERICOM-PI74LVC3245ALE Datasheet
430Kb / 9P
   8-Bit Dual Supply Bus Transceiver with 3-State Outputs
logo
Fairchild Semiconductor
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
Potato Semiconductor Co...
PO74G245A POTATO-PO74G245A_14 Datasheet
1Mb / 6P
   1.2v-3.6v, 8-bit Bidirectional Transceiver with 3 state outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com