Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT245TQCT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT245TQCT
Description  8-BIT TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CY74FCT245TQCT Datasheet(HTML) 9 Page - Texas Instruments

Back Button CY74FCT245TQCT Datasheet HTML 5Page - Texas Instruments CY74FCT245TQCT Datasheet HTML 6Page - Texas Instruments CY74FCT245TQCT Datasheet HTML 7Page - Texas Instruments CY74FCT245TQCT Datasheet HTML 8Page - Texas Instruments CY74FCT245TQCT Datasheet HTML 9Page - Texas Instruments CY74FCT245TQCT Datasheet HTML 10Page - Texas Instruments CY74FCT245TQCT Datasheet HTML 11Page - Texas Instruments CY74FCT245TQCT Datasheet HTML 12Page - Texas Instruments CY74FCT245TQCT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
24-Aug-2014
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
CY74FCT245ATQCTE4
ACTIVE
SSOP
DBQ
20
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 85
FCT245A
CY74FCT245ATQCTG4
ACTIVE
SSOP
DBQ
20
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 85
FCT245A
CY74FCT245ATSOC
ACTIVE
SOIC
DW
20
25
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
FCT245A
CY74FCT245ATSOCE4
ACTIVE
SOIC
DW
20
25
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
FCT245A
CY74FCT245ATSOCT
ACTIVE
SOIC
DW
20
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
FCT245A
CY74FCT245CTQCT
ACTIVE
SSOP
DBQ
20
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 85
FCT245C
CY74FCT245CTSOC
ACTIVE
SOIC
DW
20
25
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
FCT245C
CY74FCT245TQCT
ACTIVE
SSOP
DBQ
20
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 85
FCT245
CY74FCT245TSOC
ACTIVE
SOIC
DW
20
25
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
FCT245
CY74FCT245TSOCG4
ACTIVE
SOIC
DW
20
25
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
FCT245
CY74FCT245TSOCT
ACTIVE
SOIC
DW
20
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
FCT245
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.


Similar Part No. - CY74FCT245TQCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT245TQCT TI-CY74FCT245TQCT Datasheet
149Kb / 10P
[Old version datasheet]   8-BIT TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - CY74FCT245TQCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY54FCT245T TI-CY54FCT245T Datasheet
149Kb / 10P
[Old version datasheet]   8-BIT TRANSCEIVERS WITH 3-STATE OUTPUTS
CY54FCT646T TI1-CY54FCT646T_14 Datasheet
725Kb / 15P
[Old version datasheet]   8-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT11470 TI1-74ACT11470 Datasheet
125Kb / 7P
[Old version datasheet]   8-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
CY54FCT543T TI-CY54FCT543T Datasheet
316Kb / 12P
[Old version datasheet]   8-BIT LATCHED REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT861 TI-SN54ABT861 Datasheet
119Kb / 7P
[Old version datasheet]   10-BIT TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16863 TI-54ACT16863 Datasheet
108Kb / 6P
[Old version datasheet]   18-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED NOVEMBER 1996
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com