Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS64MB201 Datasheet(PDF) 17 Page - Texas Instruments

Part # DS64MB201
Description  Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS64MB201 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DS64MB201_13 Datasheet HTML 13Page - Texas Instruments DS64MB201_13 Datasheet HTML 14Page - Texas Instruments DS64MB201_13 Datasheet HTML 15Page - Texas Instruments DS64MB201_13 Datasheet HTML 16Page - Texas Instruments DS64MB201_13 Datasheet HTML 17Page - Texas Instruments DS64MB201_13 Datasheet HTML 18Page - Texas Instruments DS64MB201_13 Datasheet HTML 19Page - Texas Instruments DS64MB201_13 Datasheet HTML 20Page - Texas Instruments DS64MB201_13 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
DS64MB201
www.ti.com
SNLS307E – JANUARY 2011 – REVISED JULY 2013
Table 8. SMBus Register Map (continued)
0x16
SIB0
7:6
Reserved
R/W
0x20
Set bits to 0.
EQ Control
5:0
SIB0 EQ
SIB0 Control - total of 24 levels
(3 gain stages with 8 settings)
[5]: Enable EQ
[4:3]: Gain Stage Control
[2:0]: Boost Level Control
Register [EN] [GST] [BST] = Hex Value
100000 = 20'h = Bypass (Default)
101010 = 2A'h = 5 dB at 3 GHz
110000 = 30'h = 9 dB at 3 GHz
110010 = 32'h = 11.7 dB at 3 GHz
111001 = 39'h = 14.6 dB at 3 GHz
110101 = 35'h = 18.4 dB at 3 GHz
110111 = 37'h = 20 dB at 3 GHz
111011 = 3B'h = 21.2 dB at 3 GHz
111101 = 3D'h = 28.4 dB at 3 GHz
0x17
DOUT0
7
Reserved
R/W
0x03
Set bit to 0.
VOD Control
6:0
DOUT0 VOD
DOUT0 VOD Control
03'h = 600 mV (Default)
07'h = 800 mV
0F'h = 1000 mV
1F'h = 1200 mV
3F'h = Reserved
0x18
DOUT0
7:0
DOUT0 DEM
R/W
0x03
DOUT0 DEM Control
DE Control
[7]: DEM TYPE (Compatibility = 0 / Enhanced = 1)
[6:0]: DEM Level Control
Register [TYPE] [Level Control] = Hex Value
00000001 = 01'h = 0.0 dB
00111000 = E8'h =
−3.5 dB
10001000 = 88'h =
−6.0 dB
10010000 = 90'h =
−9.0 dB
10100000 = A0'h =
−12.0 dB
0x19
SIB0
7:4
Reserved
R/W
0x00
Set bits to 0.
IDLE Threshold
3:0
IDLE threshold
De-assert = [3:2], assert = [1:0]
00 = 110 mV, 70 mV (Default)
01 = 150 mV, 110 mV
10 = 170 mV, 130 mV
11 = 190 mV, 150 mV
0x1D
SIA1
7:6
Reserved
R/W
0x20
Set bits to 0.
EQ Control
5:0
SIA1 EQ
SIA1 EQ Control - total of 24 levels
(3 gain stages with 8 settings)
[5]: Enable EQ
[4:3]: Gain Stage Control
[2:0]: Boost Level Control
Register [EN] [GST] [BST] = Hex Value
100000 = 20'h = Bypass (Default)
101010 = 2A'h = 5 dB at 3 GHz
110000 = 30'h = 9 dB at 3 GHz
110010 = 32'h = 11.7 dB at 3 GHz
111001 = 39'h = 14.6 dB at 3 GHz
110101 = 35'h = 18.4 dB at 3 GHz
110111 = 37'h = 20 dB at 3 GHz
111011 = 3B'h = 21.2 dB at 3 GHz
111101 = 3D'h = 28.4 dB at 3 GHz
0x20
SIA1
7:4
Reserved
R/W
0x00
Set bits to 0.
IDLE Threshold
3:0
IDLE threshold
De-assert = [3:2], assert = [1:0]
00 = 110 mV, 70 mV (Default)
01 = 150 mV, 110 mV
10 = 170 mV, 130 mV
11 = 190 mV, 150 mV
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: DS64MB201


Similar Part No. - DS64MB201_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS64MB201 TI1-DS64MB201 Datasheet
1Mb / 28P
[Old version datasheet]   DS64MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
More results

Similar Description - DS64MB201_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS64MB201 TI1-DS64MB201 Datasheet
1Mb / 28P
[Old version datasheet]   DS64MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
DS100MB203 TI1-DS100MB203 Datasheet
430Kb / 33P
[Old version datasheet]   10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
DS125MB203SQ TI1-DS125MB203SQ Datasheet
1Mb / 48P
[Old version datasheet]   Low-Power 12.5-Gbps Dual-Lane 2:1/1:2 Mux/Buffer With Equalization and De-Emphasis
DS100MB201 TI1-DS100MB201_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual Lane 2:1/1:2 Mux/Buffer with Equalization
DS100MB201 TI1-DS100MB201 Datasheet
352Kb / 22P
[Old version datasheet]   DS100MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization
logo
National Semiconductor ...
DS25MB100_0712 NSC-DS25MB100_0712 Datasheet
995Kb / 16P
   2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit De-Emphasis and Receive Equalization
DS42MB100 NSC-DS42MB100 Datasheet
992Kb / 16P
   4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit De-Emphasis and Receive Equalization
DS25MB100 NSC-DS25MB100 Datasheet
993Kb / 16P
   2.5 Gb/s 1:2 Mux/Buffer with Input Equalization and Output De-Emphasis
logo
Texas Instruments
DS25MB200 TI1-DS25MB200_14 Datasheet
781Kb / 17P
[Old version datasheet]   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS42MB200 NSC-DS42MB200_07 Datasheet
3Mb / 16P
   Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com