Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT825T Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT825T
Description  8-BIT BUS-INTERFACE REGISTER WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CY74FCT825T Datasheet(HTML) 2 Page - Texas Instruments

  CY74FCT825T Datasheet HTML 1Page - Texas Instruments CY74FCT825T Datasheet HTML 2Page - Texas Instruments CY74FCT825T Datasheet HTML 3Page - Texas Instruments CY74FCT825T Datasheet HTML 4Page - Texas Instruments CY74FCT825T Datasheet HTML 5Page - Texas Instruments CY74FCT825T Datasheet HTML 6Page - Texas Instruments CY74FCT825T Datasheet HTML 7Page - Texas Instruments CY74FCT825T Datasheet HTML 8Page - Texas Instruments CY74FCT825T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CY74FCT825T
8-BIT BUS-INTERFACE REGISTER
WITH 3-STATE OUTPUTS
SCCS070A – OCTOBER 2001 – REVISED NOVEMBER 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PIN DESCRIPTION
NAME
I/O
DESCRIPTION
D
I
D flip-flop data inputs
CLR
I
When CLR is low and OE is low, Q outputs are low. When CLR is high, data can be entered into the register.
CP
O
Clock pulse for the register. Enters data into the register on the low-to-high clock transition.
Y
O
Register 3-state outputs
EN
I
Clock enable. When EN is low, data on the D input is transferred to the Q output on the low-to-high clock transition. When
EN is high, the Q outputs do not change state, regardless of the data or clock input transitions.
OE
I
Output control. When OE is high, the Y outputs are in the high-impedance state. When OE is low, true register data is present
at the Y outputs.
FUNCTION TABLE
INPUTS
INTERNAL
OUTPUTS
FUNCTION
OE
CLR
EN
D
CP
Q
Y
H
H
L
L
L
Z
Z
H
HL
H
H
Z
Z
H
L
X
X
X
L
Z
Clear
L
LX
X
XL
L
Clear
H
H
H
X
X
NC
Z
Hold
L
HH
X
XNC
NC
Hold
H
H
L
L
L
Z
H
HL
H
H
Z
Load
L
HL
L
L
L
Load
L
H
L
H
H
H
H = High logic level, L = Low logic level, X = Don’t care, NC = No change,
↑ = Low-to-high transition, Z = High-impedance state
logic diagram (positive logic)
Q
To Seven Other Channels
Y0
EN
OE2
CLR
11
13
14
3
CL
D
CP
22
OE1
OE3
23
2
1
CP
D0


Similar Part No. - CY74FCT825T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT825T TI-CY74FCT825T Datasheet
86Kb / 10P
[Old version datasheet]   8-/9-/10-Bit Bus Interface Registers
CY74FCT825TDIP TI-CY74FCT825TDIP Datasheet
86Kb / 10P
[Old version datasheet]   8-/9-/10-Bit Bus Interface Registers
CY74FCT825TQSOP TI-CY74FCT825TQSOP Datasheet
86Kb / 10P
[Old version datasheet]   8-/9-/10-Bit Bus Interface Registers
CY74FCT825TSOIC TI-CY74FCT825TSOIC Datasheet
86Kb / 10P
[Old version datasheet]   8-/9-/10-Bit Bus Interface Registers
More results

Similar Description - CY74FCT825T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT823T TI1-CY74FCT823T_14 Datasheet
886Kb / 15P
[Old version datasheet]   9-BIT BUS-INTERFACE REGISTER WITH 3-STATE OUTPUTS
CY74FCT821T TI1-CY74FCT821T_16 Datasheet
811Kb / 14P
[Old version datasheet]   10-BIT BUS-INTERFACE REGISTER WITH 3-STATE OUTPUTS
CY74FCT2574T TI1-CY74FCT2574T Datasheet
653Kb / 15P
[Old version datasheet]   8-BIT REGISTER WITH 3-STATE OUTPUTS
logo
Synaptics Incorporated.
CY74FCT2374T CONEXANT-CY74FCT2374T Datasheet
317Kb / 15P
   8-BIT REGISTER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54AS825A TI-SN54AS825A Datasheet
106Kb / 7P
[Old version datasheet]   8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ALS29825 TI1-SN74ALS29825 Datasheet
70Kb / 9P
[Old version datasheet]   8-BIT BUS INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74BCT29826 TI1-SN74BCT29826 Datasheet
112Kb / 7P
[Old version datasheet]   8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74BCT29825 TI1-SN74BCT29825 Datasheet
104Kb / 7P
[Old version datasheet]   8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS825A TI1-SN54AS825A_15 Datasheet
179Kb / 10P
[Old version datasheet]   8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ALS845 TI1-SN74ALS845_11 Datasheet
223Kb / 9P
[Old version datasheet]   8-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com