Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS64BR401 Datasheet(PDF) 8 Page - Texas Instruments

Part # DS64BR401
Description  Quad Bi-Directional Transceiver with Equalization and De-Emphasis
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS64BR401 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DS64BR401_13 Datasheet HTML 4Page - Texas Instruments DS64BR401_13 Datasheet HTML 5Page - Texas Instruments DS64BR401_13 Datasheet HTML 6Page - Texas Instruments DS64BR401_13 Datasheet HTML 7Page - Texas Instruments DS64BR401_13 Datasheet HTML 8Page - Texas Instruments DS64BR401_13 Datasheet HTML 9Page - Texas Instruments DS64BR401_13 Datasheet HTML 10Page - Texas Instruments DS64BR401_13 Datasheet HTML 11Page - Texas Instruments DS64BR401_13 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
DS64BR401
SNLS304G – JUNE 2009 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Over recommended operating supply and temperature ranges with default register settings unless other specified.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOCM
Output Common-Mode
Single-ended measurement DC-Coupled with
VDD
Voltage
50
Ω termination,
V
1.4
(2)
TTX-RF
Transmitter Rise/ Fall Time
20% to 80% of differential output voltage,
measured within 1” from output pins,
67
85
ps
(2) (4), Figure 2
TRF-DELTA
Tx rise/fall mismatch
20% to 80% of differential output voltage, (2)
0.1
UI
(4)
RLTX-DIFF
Tx Differential Return Loss
Repeating 1100b (D24.3) pattern,
(SDD22),
VOD = 1.0 Vp-p,
-11
(2)
150 MHz – 1.5 GHz
dB
150 MHz – 3.0 GHz
-10
150 MHz – 6.0 GHz
-5
RLTX-CM
Tx Common Mode Return
Repeating 1100b (D24.3) pattern,
Loss
VOD = 1.0 Vp-p, (2)
-10
dB
(SCC22)
50 MHz – 3.0 GHz
RTX-IB
Tx Impedance Balance
Repeating 1100b (D24.3) pattern,
(SDC22)
VOD = 1.0 Vp-p, (2)
-30
dB
50 MHz – 3.0 GHz
ITX-SHORT
Tx Output Short Circuit
OA/B_n = GND
90
mA
Current Limit
ROTD
Output Differential
DC tested, (5)
Impedance between OUT+
85
100
125
and OUT-
ROTIB
Output Differential
DC tested, (5)
5
Impedance Imbalance
ROCM
Output Common Mode
DC tested, (5)
20
25
35
Impedance
VTX-CM-DELTA
Common Mode Voltage
(6)
Delta between active burst
±40
mV
and electrical Idle of an
OOB signal
TDI
Max time to transition to
VIN = 800 mVp-p, repeating 1100b (D24.3)
valid electrical idle after
pattern at 3 Gbps,
6.5
9.5
ns
leaving active burst in OOB
SD_TH = Float, Figure 4
signaling
TID
Max time to transition to
VIN = 800 mVp-p, repeating 1100b (D24.3)
valid active burst after
pattern at 3 Gbps,
5.5
8
ns
leaving idle in OOB
SD_TH = Float, Figure 4
signaling
TPD
Differential Propagation
Propagation delay measured at midpoint
Delay (Low to High and High crossing between input to output, Figure 3,
150
200
250
ps
to Low Edge)
EQx[1:0] = 11, DEMx[1:0] =
−6 dB
EQx[1:0] = OFF, DEMx[1:0] = 0 dB
120
170
220
ps
TLSK
Lane to Lane Skew in a
VDD = 2.5 V, TA = 25°C
27
ps
Single Part
TPPSK
Part to Part Propagation
VDD = 2.5 V, TA = 25°C
35
ps
Delay Skew
EQUALIZATION
DJ1
Residual Deterministic Jitter
Tx Launch Amplitude = 0.8 to
at 6.4 Gbps
1.2 Vp–p, 40” 4–mil FR4 trace,
EQx[1:0] = 0F, DEMx[1:0] = 0 dB,
0.12
0.25
UIP-P
VOD = 1.0 Vp-p, K28.5,
SD_TH = float, (5)
(5)
Typical values represent most likely parametric norms at VDD = 2.5V, TA = 25°C., and at the Recommended Operation Conditions at the
time of product characterization and are not verified.
(6)
Common-mode voltage (VCM) is expressed mathematically as the average of the two signal voltages with respect to local ground.VCM
= (A + B) / 2, A = OUT+, B = OUT-.
8
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: DS64BR401


Similar Part No. - DS64BR401_13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS64BR401SQ NSC-DS64BR401SQ Datasheet
1Mb / 30P
   Quad Bi-Directional Transceiver with Equalization and De-Emphasis
DS64BR401SQE NSC-DS64BR401SQE Datasheet
1Mb / 30P
   Quad Bi-Directional Transceiver with Equalization and De-Emphasis
More results

Similar Description - DS64BR401_13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS64BR401 NSC-DS64BR401 Datasheet
1Mb / 30P
   Quad Bi-Directional Transceiver with Equalization and De-Emphasis
DS25BR400 NSC-DS25BR400 Datasheet
579Kb / 12P
   Quad Transceiver with Input Equalization and Output De-Emphasis
DS42BR400 NSC-DS42BR400 Datasheet
579Kb / 12P
   Quad Transceiver with Input Equalization and Output De-Emphasis
logo
Texas Instruments
DS25BR400 TI1-DS25BR400_14 Datasheet
777Kb / 17P
[Old version datasheet]   Quad 2.5 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
DS42BR400 TI1-DS42BR400_17 Datasheet
817Kb / 18P
[Old version datasheet]   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS42BR400 NSC-DS42BR400_07 Datasheet
284Kb / 12P
   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
DS25BR400 NSC-DS25BR400_08 Datasheet
298Kb / 14P
   Quad 2.5 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
DS42BR400 NSC-DS42BR400_08 Datasheet
299Kb / 14P
   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
logo
Texas Instruments
DS42BR400 TI1-DS42BR400_14 Datasheet
828Kb / 16P
[Old version datasheet]   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
DS42BR400 TI1-DS42BR400_15 Datasheet
822Kb / 18P
[Old version datasheet]   DS42BR400 Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com