Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS64BR401 Datasheet(PDF) 24 Page - Texas Instruments

Part # DS64BR401
Description  Quad Bi-Directional Transceiver with Equalization and De-Emphasis
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS64BR401 Datasheet(HTML) 24 Page - Texas Instruments

Back Button DS64BR401_13 Datasheet HTML 20Page - Texas Instruments DS64BR401_13 Datasheet HTML 21Page - Texas Instruments DS64BR401_13 Datasheet HTML 22Page - Texas Instruments DS64BR401_13 Datasheet HTML 23Page - Texas Instruments DS64BR401_13 Datasheet HTML 24Page - Texas Instruments DS64BR401_13 Datasheet HTML 25Page - Texas Instruments DS64BR401_13 Datasheet HTML 26Page - Texas Instruments DS64BR401_13 Datasheet HTML 27Page - Texas Instruments DS64BR401_13 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
DS64BR401
SNLS304G – JUNE 2009 – REVISED APRIL 2013
www.ti.com
Table 9. SMBus Register Map (continued)
Address
Register Name
Bit (s) Field
Type
Default
Description
0x35
CH5 - CHA1
7:0
CH5 OA1 DEM
R/W
0x03
OA1 DEM Control
DE Control
[7]: DEM TYPE (Compatibility = 0 / Enhanced =
1)
[6:0]: DEM Level Control
Pin [DEM1 DEM0] = Register [TYPE] [Level
Control] = Hex Value
00 = 00000001 = 01'h = 0.0 dB
01 = 00111000 = 38'h =
−3.5 dB
0F = 10001000 = 88'h =
−6.0 dB
01 = 10010000 = 90'h =
−9.0 dB
1F = 10100000 = A0'h =
−12.0 dB
F0 = 10010000 = 90'h =
−9.0 dB
F1 = 10100000 = A0'h =
−12.0 dB
FF = 11000000 = C0'h = Reserved
0x36
CH5 - CHA1
7:4
Reserved
R/W
0x00
Set bits to 0.
IDLE Threshold
3:0
IDLE threshold
De-assert = [3:2], assert = [1:0]
00 = 110 mV, 70 mV (Default)
01 = 150 mV, 110 mV
10 = 170 mV, 130 mV
11 = 190 mV, 150 mV
0x39
CH6 - CHA2
7:6
Reserved
R/W
0x00
Set bits to 0.
IDLE RATE Select
5
IDLE auto
0: Allow IDLE_sel control in Bit 4
1: Automatic IDLE detect
4
IDLE select
0: Output is ON (SD is disabled)
1: Output is muted (electrical idle)
3:2
Reserved
Set bits to 0.
1
RATE auto
0: Allow RATE_sel control in Bit 0
1: Automatic RATE detect
0
RATE select
0: 2.5 to 3.2 Gbps
1: 5.0 to 6.4 Gbps
0x3A
CH6 - CHA2
7:6
Reserved
R/W
0x20
Set bits to 0.
EQ Control
5:0
CH6 IA2 EQ
IA2 EQ Control - total of 24 levels
(3 gain stages with 8 settings)
[5]: Enable EQ
[4:3]: Gain Stage Control
[2:0]: Boost Level Control
Pin [EQ0 EQ1] = Register [EN] [GST] [BST] =
Hex Value
FF = 100000 = 20'h = Bypass (Default)
11 = 101010 = 2A'h
00 = 110000 = 30'h
0F = 110001 = 31'h
01 = 111000 = 38'h
1F = 110100 = 34'h
10 = 110101 = 35'h
F0 = 111010 = 3A'h
F1 = 111100 = 3C'h
0x3B
CH6 - CHA2
7:6
Reserved
R
0x00
Set bit to 0.
VOD Control
5:0
CH6 OA2 VOD
R/W
0x03
OA2 VOD Control
03'h = 600 mV (Default)
07'h = 800 mV
0F'h = 1000 mV
1F'h = 1200 mV
3F'h = 1400 mV
24
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: DS64BR401


Similar Part No. - DS64BR401_13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS64BR401SQ NSC-DS64BR401SQ Datasheet
1Mb / 30P
   Quad Bi-Directional Transceiver with Equalization and De-Emphasis
DS64BR401SQE NSC-DS64BR401SQE Datasheet
1Mb / 30P
   Quad Bi-Directional Transceiver with Equalization and De-Emphasis
More results

Similar Description - DS64BR401_13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS64BR401 NSC-DS64BR401 Datasheet
1Mb / 30P
   Quad Bi-Directional Transceiver with Equalization and De-Emphasis
DS25BR400 NSC-DS25BR400 Datasheet
579Kb / 12P
   Quad Transceiver with Input Equalization and Output De-Emphasis
DS42BR400 NSC-DS42BR400 Datasheet
579Kb / 12P
   Quad Transceiver with Input Equalization and Output De-Emphasis
logo
Texas Instruments
DS25BR400 TI1-DS25BR400_14 Datasheet
777Kb / 17P
[Old version datasheet]   Quad 2.5 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
DS42BR400 TI1-DS42BR400_17 Datasheet
817Kb / 18P
[Old version datasheet]   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS42BR400 NSC-DS42BR400_07 Datasheet
284Kb / 12P
   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
DS25BR400 NSC-DS25BR400_08 Datasheet
298Kb / 14P
   Quad 2.5 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
DS42BR400 NSC-DS42BR400_08 Datasheet
299Kb / 14P
   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
logo
Texas Instruments
DS42BR400 TI1-DS42BR400_14 Datasheet
828Kb / 16P
[Old version datasheet]   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
DS42BR400 TI1-DS42BR400_15 Datasheet
822Kb / 18P
[Old version datasheet]   DS42BR400 Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com