Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT163CTSOCTE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # CY74FCT163CTSOCTE4
Description  4-BIT BINARY COUNTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CY74FCT163CTSOCTE4 Datasheet(HTML) 1 Page - Texas Instruments

  CY74FCT163CTSOCTE4 Datasheet HTML 1Page - Texas Instruments CY74FCT163CTSOCTE4 Datasheet HTML 2Page - Texas Instruments CY74FCT163CTSOCTE4 Datasheet HTML 3Page - Texas Instruments CY74FCT163CTSOCTE4 Datasheet HTML 4Page - Texas Instruments CY74FCT163CTSOCTE4 Datasheet HTML 5Page - Texas Instruments CY74FCT163CTSOCTE4 Datasheet HTML 6Page - Texas Instruments CY74FCT163CTSOCTE4 Datasheet HTML 7Page - Texas Instruments CY74FCT163CTSOCTE4 Datasheet HTML 8Page - Texas Instruments CY74FCT163CTSOCTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CY54FCT163T, CY74FCT163T
4-BIT BINARY COUNTERS
SCCS015A – MAY 1994 – REVISED OCTOBER 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Function, Pinout, and Drive Compatible
With FCT and F Logic
D Reduced VOH (Typically = 3.3 V) Versions of
Equivalent FCT Functions
D Edge-Rate Control Circuitry for
Significantly Improved Noise
Characteristics
D Ioff Supports Partial-Power-Down Mode
Operation
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
D Matched Rise and Fall Times
D Fully Compatible With TTL Input and
Output Logic Levels
D CY54FCT163T
– 32-mA Output Sink Current
– 12-mA Output Source Current
D CY74FCT163T
– 64-mA Output Sink Current
– 32-mA Output Source Current
description
The
’FCT163T
devices
are
high-speed
synchronous modulo-16 binary counters. They
are synchronously presettable for application in
programmable dividers. These devices have two
types of count-enable (CEP and CET) inputs, plus a terminal-count (TC) output for versatility in forming
synchronous multistaged counters. The ’FCT163T devices have a synchronous-reset (SR) input that overrides
counting and parallel loading, and allows the outputs to be reset simultaneously on the rising edge of the clock.
These devices are fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow through the device when it is powered down.
PIN DESCRIPTION
NAME
DESCRIPTION
CEP
Count-enable parallel input
CET
Count-enable trickle input
CP
Clock pulse input (active rising edge)
SR
Synchronous-reset input (active low)
P
Parallel data inputs
PE
Parallel-enable input (active low)
Q
Flip-flop outputs
TC
Terminal-count output
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SR
CP
P0
P1
P2
P3
CEP
GND
VCC
TC
Q0
Q1
Q2
Q3
CET
PE
CY74FCT163CT ...Q OR SO PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
Q0
Q1
NC
Q2
Q3
P0
P1
NC
P2
P3
NC – No internal connection
CY54FCT163T ...L PACKAGE
(TOP VIEW)
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - CY74FCT163CTSOCTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163CTSOCT TI-CY74FCT163CTSOCT Datasheet
68Kb / 7P
[Old version datasheet]   4-Bit Binary Counter
More results

Similar Description - CY74FCT163CTSOCTE4

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS93 HITACHI-HD74LS93 Datasheet
84Kb / 7P
   4-bit Binary Counters
logo
ON Semiconductor
SN74LS160A ONSEMI-SN74LS160A Datasheet
175Kb / 7P
   4-BIT BINARY COUNTERS
June, 2006 ??Rev. 7
logo
Hitachi Semiconductor
HD74LS293 HITACHI-HD74LS293 Datasheet
85Kb / 7P
   4-bit Binary Counters
logo
Motorola, Inc
SN74LS160A MOTOROLA-SN74LS160A Datasheet
83Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Texas Instruments
SN54HC163 TI-SN54HC163 Datasheet
640Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
Renesas Technology Corp
HD74HC393 RENESAS-HD74HC393_15 Datasheet
109Kb / 9P
   Dual 4-bit Binary Counters
HD74HC393 RENESAS-HD74HC393 Datasheet
89Kb / 7P
   Dual 4-bit Binary Counters
logo
Texas Instruments
SN54LV163A TI1-SN54LV163A_15 Datasheet
947Kb / 26P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A_08 Datasheet
610Kb / 22P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
National Semiconductor ...
54LS161A NSC-54LS161A Datasheet
210Kb / 12P
   Synchronous 4-Bit Binary Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com