Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT163CTSOCTE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # CY74FCT163CTSOCTE4
Description  4-BIT BINARY COUNTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CY74FCT163CTSOCTE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CY74FCT163CTSOCTE4 Datasheet HTML 2Page - Texas Instruments CY74FCT163CTSOCTE4 Datasheet HTML 3Page - Texas Instruments CY74FCT163CTSOCTE4 Datasheet HTML 4Page - Texas Instruments CY74FCT163CTSOCTE4 Datasheet HTML 5Page - Texas Instruments CY74FCT163CTSOCTE4 Datasheet HTML 6Page - Texas Instruments CY74FCT163CTSOCTE4 Datasheet HTML 7Page - Texas Instruments CY74FCT163CTSOCTE4 Datasheet HTML 8Page - Texas Instruments CY74FCT163CTSOCTE4 Datasheet HTML 9Page - Texas Instruments CY74FCT163CTSOCTE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CY54FCT163T, CY74FCT163T
4-BIT BINARY COUNTERS
SCCS015A – MAY 1994 – REVISED OCTOBER 2001
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
CY54FCT163T
CY74FCT163T
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
#
VCC = 5.5 V,
Load mode,
One bit switching
at f1 = 5 MHz at
VIN ≤ 0.2 V or
VIN ≥ VCC – 0.2 V
0.7
1.4
#
Load mode,
f0 = 10 MHz,
1
50% duty cycle
VIN = 3.4 V or GND
1.2
3.4
#
0
Outputs open,
CEP = CET =
PE = GND,
Four bits
switching at
f1 = 5 MHz at
VIN ≤ 0.2 V or
VIN ≥ VCC – 0.2 V
1.6
3.2||
IC#
PE
GND,
SR = VCC
f1 = 5 MHz at
50% duty cycle
VIN = 3.4 V or GND
2.9
8.2||
mA
IC#
VCC = 5.25 V,
f0 = 10 MHz,
One bit switching
at f1 = 5 MHz at
VIN ≤ 0.2 V or
VIN ≥ VCC – 0.2 V
0.7
1.4
mA
f0 = 10 MHz,
Load mode,
1
50% duty cycle
VIN = 3.4 V or GND
1.2
3.4
Outputs open,
CEP = CET =
PE = GND,
Four bits
switching at
f1 = 5 MHz at
VIN ≤ 0.2 V or
VIN ≥ VCC – 0.2 V
1.6
3.2||
PE
GND,
SR = VCC
f1 = 5 MHz at
50% duty cycle
VIN = 3.4 V or GND
2.9
8.2||
Ci
5
10
5
10
pF
Co
9
12
9
12
pF
† Typical values are at VCC = 5 V, TA = 25°C.
# IC
= ICC + ∆ICC × DH × NT + ICCD (f0/2 + f1 × N1)
Where:
IC
= Total supply current
ICC
= Power-supply current with CMOS input levels
∆ICC = Power-supply current for a TTL high input (VIN = 3.4 V)
DH
= Duty cycle for TTL inputs high
NT
= Number of TTL inputs at DH
ICCD = Dynamic current caused by an input transition pair (HLH or LHL)
f0
= Clock frequency for registered devices, otherwise zero
f1
= Input signal frequency
N1
= Number of inputs changing at f1
All currents are in milliamperes and all frequencies are in megahertz.
|| Values for these conditions are examples of the ICC formula.
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1)
CY54FCT163T
CY74FCT163CT
UNIT
MIN
MAX
MIN
MAX
UNIT
t
Pulse duration high or low
Clock (load)
5
4
ns
tw
Pulse duration, high or low
Clock (count)
8
5
ns
P before CP
5.5
3.5
tsu
Setup time, high or low
PE or SR before CP
13.5
7.6
ns
CEP or CET before CP
13
7.6
P after CP
2
1.5
th
Hold time, high or low
PE or SR after CP
1.5
1
ns
CEP or CET after CP
0
0


Similar Part No. - CY74FCT163CTSOCTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163CTSOCT TI-CY74FCT163CTSOCT Datasheet
68Kb / 7P
[Old version datasheet]   4-Bit Binary Counter
More results

Similar Description - CY74FCT163CTSOCTE4

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS93 HITACHI-HD74LS93 Datasheet
84Kb / 7P
   4-bit Binary Counters
logo
ON Semiconductor
SN74LS160A ONSEMI-SN74LS160A Datasheet
175Kb / 7P
   4-BIT BINARY COUNTERS
June, 2006 ??Rev. 7
logo
Hitachi Semiconductor
HD74LS293 HITACHI-HD74LS293 Datasheet
85Kb / 7P
   4-bit Binary Counters
logo
Motorola, Inc
SN74LS160A MOTOROLA-SN74LS160A Datasheet
83Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Texas Instruments
SN54HC163 TI-SN54HC163 Datasheet
640Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
Renesas Technology Corp
HD74HC393 RENESAS-HD74HC393_15 Datasheet
109Kb / 9P
   Dual 4-bit Binary Counters
HD74HC393 RENESAS-HD74HC393 Datasheet
89Kb / 7P
   Dual 4-bit Binary Counters
logo
Texas Instruments
SN54LV163A TI1-SN54LV163A_15 Datasheet
947Kb / 26P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A_08 Datasheet
610Kb / 22P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
National Semiconductor ...
54LS161A NSC-54LS161A Datasheet
210Kb / 12P
   Synchronous 4-Bit Binary Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com