Electronic Components Datasheet Search |
|
CY54FCT373ATDMB Datasheet(PDF) 1 Page - Texas Instruments |
|
|
CY54FCT373ATDMB Datasheet(HTML) 1 Page - Texas Instruments |
1 / 12 page CY54FCT373T, CY74FCT373T 8-BIT LATCHES WITH 3-STATE OUTPUTS SCCS021B – MAY 1994 – REVISED OCTOBER 2001 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Function and Pinout Compatible With FCT and F Logic D Reduced VOH (Typically = 3.3 V) Versions of Equivalent FCT Functions D Edge-Rate Control Circuitry for Significantly Improved Noise Characteristics D Ioff Supports Partial-Power-Down Mode Operation D ESD Protection Exceeds JESD 22 – 2000-V Human-Body Model (A114-A) – 200-V Machine Model (A115-A) – 1000-V Charged-Device Model (C101) D Matched Rise and Fall Times D Fully Compatible With TTL Input and Output Logic Levels D 3-State Outputs D CY54FCT373T – 32-mA Output Sink Current – 12-mA Output Source Current D CY74FCT373T – 64-mA Output Sink Current – 32-mA Output Source Current description The ’FCT373T devices consist of eight latches with 3-state outputs for bus-organized applications. When the latch-enable (LE) input is high, the flip-flops appear transparent to the data. Data that meets the required setup times are latched when LE transitions from high to low. Data appears on the bus when the output-enable (OE) input is low. When OE is high, the bus output is in the high-impedance state. In this mode, data can be entered into the latches. These devices are fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs, preventing damaging current backflow through the device when it is powered down. Copyright 2001, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 OE O0 D0 D1 O1 O2 D2 D3 O3 GND VCC O7 D7 D6 O6 O5 D5 D4 O4 LE CY54FCT373T ...D PACKAGE CY74FCT373T ...Q OR SO PACKAGE (TOP VIEW) On products compliant to MIL-PRF-38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
Similar Part No. - CY54FCT373ATDMB |
|
Similar Description - CY54FCT373ATDMB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |