Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9221703M2A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9221703M2A
Description  8-BIT LATCHES WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9221703M2A Datasheet(HTML) 2 Page - Texas Instruments

  5962-9221703M2A Datasheet HTML 1Page - Texas Instruments 5962-9221703M2A Datasheet HTML 2Page - Texas Instruments 5962-9221703M2A Datasheet HTML 3Page - Texas Instruments 5962-9221703M2A Datasheet HTML 4Page - Texas Instruments 5962-9221703M2A Datasheet HTML 5Page - Texas Instruments 5962-9221703M2A Datasheet HTML 6Page - Texas Instruments 5962-9221703M2A Datasheet HTML 7Page - Texas Instruments 5962-9221703M2A Datasheet HTML 8Page - Texas Instruments 5962-9221703M2A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CY54FCT373T, CY74FCT373T
8-BIT LATCHES
WITH 3-STATE OUTPUTS
SCCS021B – MAY 1994 – REVISED OCTOBER 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ORDERING INFORMATION
TA
PACKAGE†
SPEED
(ns)
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QSOP – Q
Tape and reel
4.7
CY74FCT373CTQCT
FCT373C
SOIC
SO
Tube
4.7
CY74FCT373CTSOC
FCT373C
SOIC – SO
Tape and reel
4.7
CY74FCT373CTSOCT
FCT373C
40
°Cto85°C
QSOP – Q
Tape and reel
5.2
CY74FCT373ATQCT
FCT373A
–40
°C to 85°C
SOIC
SO
Tube
5.2
CY74FCT373ATSOC
FCT373
SOIC – SO
Tape and reel
5.2
CY74FCT373ATSOCT
FCT373
SOIC
SO
Tube
8
CY74FCT373TSOC
FCT373
SOIC – SO
Tape and reel
8
CY74FCT373TSOCT
FCT373
–55
°C to 125°C
CDIP – D
Tube
5.6
CY54FCT373ATDMB
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
INPUTS
OUTPUT
OE
LE
D
O
L
H
H
H
L
HL
L
L
LX
Q0
H
X
X
Z
H = High logic level, L = Low logic level,
X = Don’t care, Z = High-impedance state,
Qn = Previous state of flip flops (Qn–1)
logic diagram (positive logic)
OE
To Seven Other Channels
1
11
3
2
LE
D0
CP
D
O0
Q


Similar Part No. - 5962-9221703M2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9221301MRA TI-5962-9221301MRA Datasheet
150Kb / 11P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
5962-9221303M2A TI-5962-9221303M2A Datasheet
150Kb / 11P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
5962-9221303MRA TI-5962-9221303MRA Datasheet
150Kb / 11P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
5962-9221305MRA TI-5962-9221305MRA Datasheet
150Kb / 11P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
5962-9221401M2A TI-5962-9221401M2A Datasheet
149Kb / 10P
[Old version datasheet]   8-BIT TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 5962-9221703M2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY54FCT573T TI1-CY54FCT573T_14 Datasheet
687Kb / 12P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
CY54FCT573T TI-CY54FCT573T_08 Datasheet
311Kb / 12P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
CY74FCT373T TI-CY74FCT373T Datasheet
111Kb / 8P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
CY54FCT841T TI1-CY54FCT841T_09 Datasheet
316Kb / 12P
[Old version datasheet]   10-BIT LATCHES WITH 3-STATE OUTPUTS
SN74ALS29845 TI1-SN74ALS29845 Datasheet
75Kb / 7P
[Old version datasheet]   8-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS666 TI1-SN74ALS666_15 Datasheet
260Kb / 12P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
SN74ALS666 TI-SN74ALS666 Datasheet
125Kb / 8P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
CY74FCT2574T TI1-CY74FCT2574T Datasheet
653Kb / 15P
[Old version datasheet]   8-BIT REGISTER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16373 HITACHI-HD74ALVCH16373 Datasheet
48Kb / 11P
   16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SN54ABT16373A TI-SN54ABT16373A Datasheet
109Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com