Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY54FCT373T Datasheet(PDF) 1 Page - Texas Instruments

Part # CY54FCT373T
Description  8-BIT LATCHES WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CY54FCT373T Datasheet(HTML) 1 Page - Texas Instruments

  CY54FCT373T_14 Datasheet HTML 1Page - Texas Instruments CY54FCT373T_14 Datasheet HTML 2Page - Texas Instruments CY54FCT373T_14 Datasheet HTML 3Page - Texas Instruments CY54FCT373T_14 Datasheet HTML 4Page - Texas Instruments CY54FCT373T_14 Datasheet HTML 5Page - Texas Instruments CY54FCT373T_14 Datasheet HTML 6Page - Texas Instruments CY54FCT373T_14 Datasheet HTML 7Page - Texas Instruments CY54FCT373T_14 Datasheet HTML 8Page - Texas Instruments CY54FCT373T_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CY54FCT373T, CY74FCT373T
8-BIT LATCHES
WITH 3-STATE OUTPUTS
SCCS021B – MAY 1994 – REVISED OCTOBER 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Function and Pinout Compatible With FCT
and F Logic
D Reduced VOH (Typically = 3.3 V) Versions
of Equivalent FCT Functions
D Edge-Rate Control Circuitry for
Significantly Improved Noise
Characteristics
D Ioff Supports Partial-Power-Down Mode
Operation
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
D Matched Rise and Fall Times
D Fully Compatible With TTL Input and
Output Logic Levels
D 3-State Outputs
D CY54FCT373T
– 32-mA Output Sink Current
– 12-mA Output Source Current
D CY74FCT373T
– 64-mA Output Sink Current
– 32-mA Output Source Current
description
The ’FCT373T devices consist of eight latches with 3-state outputs for bus-organized applications. When the
latch-enable (LE) input is high, the flip-flops appear transparent to the data. Data that meets the required setup
times are latched when LE transitions from high to low. Data appears on the bus when the output-enable (OE)
input is low. When OE is high, the bus output is in the high-impedance state. In this mode, data can be entered
into the latches.
These devices are fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow through the device when it is powered down.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE
O0
D0
D1
O1
O2
D2
D3
O3
GND
VCC
O7
D7
D6
O6
O5
D5
D4
O4
LE
CY54FCT373T ...D PACKAGE
CY74FCT373T ...Q OR SO PACKAGE
(TOP VIEW)
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - CY54FCT373T_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY54FCT373TDIP TI-CY54FCT373TDIP Datasheet
81Kb / 8P
[Old version datasheet]   8-Bit Latches
CY54FCT373TDMB TI-CY54FCT373TDMB Datasheet
81Kb / 8P
[Old version datasheet]   8-Bit Latches
CY54FCT373TQSOP TI-CY54FCT373TQSOP Datasheet
81Kb / 8P
[Old version datasheet]   8-Bit Latches
CY54FCT373TSOIC TI-CY54FCT373TSOIC Datasheet
81Kb / 8P
[Old version datasheet]   8-Bit Latches
More results

Similar Description - CY54FCT373T_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY54FCT573T TI1-CY54FCT573T_14 Datasheet
687Kb / 12P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
CY54FCT573T TI-CY54FCT573T_08 Datasheet
311Kb / 12P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
CY74FCT373T TI-CY74FCT373T Datasheet
111Kb / 8P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
CY54FCT841T TI1-CY54FCT841T_09 Datasheet
316Kb / 12P
[Old version datasheet]   10-BIT LATCHES WITH 3-STATE OUTPUTS
SN74ALS29845 TI1-SN74ALS29845 Datasheet
75Kb / 7P
[Old version datasheet]   8-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS666 TI1-SN74ALS666_15 Datasheet
260Kb / 12P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
SN74ALS666 TI-SN74ALS666 Datasheet
125Kb / 8P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
CY74FCT2574T TI1-CY74FCT2574T Datasheet
653Kb / 15P
[Old version datasheet]   8-BIT REGISTER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16373 HITACHI-HD74ALVCH16373 Datasheet
48Kb / 11P
   16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SN54ABT16373A TI-SN54ABT16373A Datasheet
109Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com