Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP3056L-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP3056L-7
Description  30V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3056L-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP3056L-7 Datasheet HTML 1Page - Diodes Incorporated DMP3056L-7 Datasheet HTML 2Page - Diodes Incorporated DMP3056L-7 Datasheet HTML 3Page - Diodes Incorporated DMP3056L-7 Datasheet HTML 4Page - Diodes Incorporated DMP3056L-7 Datasheet HTML 5Page - Diodes Incorporated DMP3056L-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMP3056L
Document number: DS37386 Rev. 3 - 2
2 of 6
www.diodes.com
February 2016
© Diodes Incorporated
DMP3056L
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
25
V
Drain Current (Note 5) VGS = -10V
Steady
State
TA = +25°C
TA = +70°C
ID
-4.3
-3.4
A
Pulsed Drain Current (Note 6)
IDM
-20
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
1.38
W
Thermal Resistance, Junction to Ambient (Note 5)
RJA
91
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-30
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
IDSS
-1
µA
VDS = -30V, VGS = 0V
Gate-Source Leakage
IGSS
100
800
nA
VGS = 20V, VDS = 0V
VGS = 25V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
-1

-2.1
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance
RDS(ON)

35
50
50
70
m
VGS = -10V, ID = -6.0A
VGS = -4.5V, ID = -5.0A
Diode Forward Voltage
VSD
-1.2
V
VGS = 0V, IS = -1.7A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
642
pF
VDS = -25V, VGS = 0V, f = 1.0MHz
Output Capacitance
Coss
65
pF
Reverse Transfer Capacitance
Crss
48
pF
Gate Resistance
RG

15

VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = -4.5V)
QG

5.8

nC
VDS = -15V, ID = -6A
Total Gate Charge (VGS = -10V)
QG

11.8

nC
VDS = -15V, ID = -6A
Gate-Source Charge
QGS

2.0

Gate-Drain Charge
QGD

2.4

Turn-On Delay Time
tD(ON)

4.9

ns
VDS = -15V, VGS = -10V,
ID = -1A, RG = 6.0
Rise Time
tR

4.7

Turn-Off Delay Time
tD(OFF)

35.2

Fall Time
tF

18.2

Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal vias to bottom layer 1inch square copper plate.
6. Pulse width
≤10µS, Duty Cycle ≤1%.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to production testing.


Similar Part No. - DMP3056L-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3056L-7 DIODES-DMP3056L-7 Datasheet
592Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3056L-7 DIODES-DMP3056L-7 Datasheet
507Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP3056L-7

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
   -30V PP-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
   30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
   30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TY Semiconductor Co., L...
DMG3401LSN TYSEMI-DMG3401LSN Datasheet
100Kb / 2P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
   30V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
   30V P-Channel ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP3008SFGQ DIODES-DMP3008SFGQ Datasheet
543Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com