Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP3035SFG-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMP3035SFG-13
Description  30V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3035SFG-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  DMP3035SFG-13 Datasheet HTML 1Page - Diodes Incorporated DMP3035SFG-13 Datasheet HTML 2Page - Diodes Incorporated DMP3035SFG-13 Datasheet HTML 3Page - Diodes Incorporated DMP3035SFG-13 Datasheet HTML 4Page - Diodes Incorporated DMP3035SFG-13 Datasheet HTML 5Page - Diodes Incorporated DMP3035SFG-13 Datasheet HTML 6Page - Diodes Incorporated DMP3035SFG-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
POWERDI is a registered trademark of Diodes Incorporated
DMP3035SFG
Document number: DS35440 Rev. 3 - 2
1 of 7
www.diodes.com
May 2012
© Diodes Incorporated
DMP3035SFG
30V P-CHANNEL ENHANCEMENT MODE MOSFET
POWERDI
®
Product Summary
V(BR)DSS
RDS(ON) max
ID max
TA = 25°C
-30V
20m
Ω @ VGS = -10V
-9.5 A
29m
Ω @ VGS = -5V
-8.5 A
Description and Applications
This MOSFET has been designed to minimize the on-state resistance
(RDS(on)) and yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
Backlighting
Power Management Functions
DC-DC Converters
Features and Benefits
Low RDS(ON) – ensures on state losses are minimized
Small form factor thermally efficient package enables higher
density end products
Occupies just 33% of the board area occupied by SO-8 enabling
smaller end product
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: POWERDI3333-8
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections Indicator: See diagram
Terminals: Finish – Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.072 grams (approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMP3035SFG-7
POWERDI3333-8
2000/Tape & Reel
DMP3035SFG-13
POWERDI3333-8
3000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
 
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Bottom View
Internal Schematic
S
S
S
G
D
D
D
D
Pin 1
Top View
P35 = Product Type Marking Code
YYWW = Date Code Marking
YY = Last digit of year (ex: 11 = 2011)
WW = Week code (01 ~ 53)
Source
Gate
Drain
P35


Similar Part No. - DMP3035SFG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3035SFG-13 DIODES-DMP3035SFG-13 Datasheet
200Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
More results

Similar Description - DMP3035SFG-13

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
   -30V PP-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
   30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
   30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TY Semiconductor Co., L...
DMG3401LSN TYSEMI-DMG3401LSN Datasheet
100Kb / 2P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
   30V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
   30V P-Channel ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP3008SFGQ DIODES-DMP3008SFGQ Datasheet
543Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com