Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT138ATQCT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT138ATQCT
Description  1-OF-8 DECODERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CY74FCT138ATQCT Datasheet(HTML) 2 Page - Texas Instruments

  CY74FCT138ATQCT Datasheet HTML 1Page - Texas Instruments CY74FCT138ATQCT Datasheet HTML 2Page - Texas Instruments CY74FCT138ATQCT Datasheet HTML 3Page - Texas Instruments CY74FCT138ATQCT Datasheet HTML 4Page - Texas Instruments CY74FCT138ATQCT Datasheet HTML 5Page - Texas Instruments CY74FCT138ATQCT Datasheet HTML 6Page - Texas Instruments CY74FCT138ATQCT Datasheet HTML 7Page - Texas Instruments CY74FCT138ATQCT Datasheet HTML 8Page - Texas Instruments CY74FCT138ATQCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CY54FCT138T, CY74FCT138T
1-OF-8 DECODERS
SCCS013B – MAY 1994 – REVISED OCTOBER 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ORDERING INFORMATION
TA
PACKAGE†
SPEED
(ns)
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QSOP – Q
Tape and reel
5
CY74FCT138CTQCT
FT138-3
SOIC
SO
Tube
5
CY74FCT138CTSOC
FCT138C
SOIC – SO
Tape and reel
5
CY74FCT138CTSOCT
FCT138C
–40
°C to 85°C
QSOP – Q
Tape and reel
5.8
CY74FCT138ATQCT
FT138-1
SOIC
SO
Tube
5.8
CY74FCT138ATSOC
FCT138A
SOIC – SO
Tape and reel
5.8
CY74FCT138ATSOCT
FCT138A
QSOP – Q
Tape and reel
9
CY74FCT138TQCT
FT138
LCC – L
Tube
6
CY54FCT138CTLMB
–55
°C to 125°C
LCC – L
Tube
12
CY54FCT138TLMB
CDIP – D
Tube
12
CY54FCT138TDMB
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
INPUTS
OUTPUTS
E1
E2
E3
A0
A1
A2
O0
O1
O2
O3
O4
O5
O6
O7
H
X
X
X
X
X
H
H
H
H
H
H
H
H
X
HX
X
X
XH
HH
HH
HH
H
X
XL
X
X
X
H
HH
HH
HH
H
L
L
H
L
L
L
L
H
H
H
H
H
H
H
L
LH
HL
LH
L
H
HH
HH
H
L
LHLHLH
H
L
HH
HH
H
L
LH
H
H
LH
HH
L
H
HH
H
L
L
H
L
L
H
H
H
H
H
L
H
H
H
L
LH
HL
H
H
HH
HH
L
H
H
L
LHLH
H
H
HH
HH
H
L
H
L
L
H
H
H
H
H
H
H
H
H
H
H
L
H = High logic level, L = Low logic level, X = Don’t care


Similar Part No. - CY74FCT138ATQCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT138ATQCT TI-CY74FCT138ATQCT Datasheet
79Kb / 7P
[Old version datasheet]   1-of-8 Decoder
More results

Similar Description - CY74FCT138ATQCT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
9301 NSC-9301 Datasheet
76Kb / 3P
   1-OF-10 DECODERS
logo
Holtek Semiconductor In...
HT604L HOLTEK-HT604L Datasheet
106Kb / 9P
   318 Series of Decoders
HT604L HOLTEK-HT604L_03 Datasheet
153Kb / 12P
   318 Series of Decoders
HT6030 HOLTEK-HT6030 Datasheet
106Kb / 10P
   312 Series of Decoders
logo
Texas Instruments
SN54HC42 TI-SN54HC42_07 Datasheet
562Kb / 15P
[Old version datasheet]   4-LINE TO 10-LINE DECODERS(1 OF 10)
logo
Holtek Semiconductor In...
HT12D HOLTEK-HT12D_02 Datasheet
174Kb / 11P
   212 Series of Decoders
HT602L HOLTEK-HT602L Datasheet
837Kb / 14P
   318 Series of Decoders
logo
Texas Instruments
SN54L42 TI-SN54L42 Datasheet
426Kb / 9P
[Old version datasheet]   4-LINE TO 10-LINE DECODERS (1-OF-10)
logo
Raytheon Company
74LS43 RAYTHEON-74LS43 Datasheet
201Kb / 3P
   4-Line To 10-Line Decoders(1-of-10)
logo
Texas Instruments
SN54HC42 TI-SN54HC42_06 Datasheet
413Kb / 13P
[Old version datasheet]   4-LINE TO 10-LINE DECODERS (1 OF 10)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com